Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ20Z75DBT-V180 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # BQ20Z75DBT-V180
Description  SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION-ENABLED IC WITH IMPEDANCE TRACK
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ20Z75DBT-V180 Datasheet(HTML) 1 Page - Texas Instruments

  BQ20Z75DBT-V180 Datasheet HTML 1Page - Texas Instruments BQ20Z75DBT-V180 Datasheet HTML 2Page - Texas Instruments BQ20Z75DBT-V180 Datasheet HTML 3Page - Texas Instruments BQ20Z75DBT-V180 Datasheet HTML 4Page - Texas Instruments BQ20Z75DBT-V180 Datasheet HTML 5Page - Texas Instruments BQ20Z75DBT-V180 Datasheet HTML 6Page - Texas Instruments BQ20Z75DBT-V180 Datasheet HTML 7Page - Texas Instruments BQ20Z75DBT-V180 Datasheet HTML 8Page - Texas Instruments BQ20Z75DBT-V180 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
bq20z75-V180
www.ti.com
SLUSA22 – DECEMBER 2009
SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION-ENABLED IC
WITH IMPEDANCE TRACK™
Check for Samples: bq20z75-V180
1
FEATURES
DESCRIPTION
2
Next Generation Patented Impedance Track™
Technology accurately Measures Available
The bq20z75-V180 SBS-compliant gas gauge and
Charge in Li-Ion and Li-Polymer Batteries
protection IC is a single IC solution designed for
battery-pack
or
in-system
installation.
The
Better than 1% Error Over Lifetime of the
bq20z75-V180 measures and maintains an accurate
Battery
record of available charge in Li-ion or Li-polymer
Instant Accuracy – No Learning Cycle
batteries
using
its
integrated
high-performance
Required
analog peripherals, monitors capacity change, battery
Supports the Smart Battery Specification
impedance, open-circuit voltage, and other critical
parameters of the battery pack as well and reports
SBS V1.1
the information to the system host controller over a
Flexible Configuration for 2 to 4 Series Li-Ion
serial-communication
bus.
Together
with
the
and Li-Polymer Cells
integrated analog front-end (AFE) short-circuit and
Powerful 8-Bit RISC CPU With Ultra-Low
overload protection the bq20z75-V180 maximizes
Power Modes
functionality, safety and minimize external component
count, cost and size in smart battery circuits.
Full Array of Programmable Protection
Features
The implemented Impedance Track™ gas gauging
technology
continuously
analyzes
the
battery
Voltage, Current and Temperature
impedance,
resulting
in
superior
gas-gauging
Supports SHA-1 Authentication
accuracy. This enables remaining capacity to be
small 38-Pin TSSOP (DBT) Package
calculated with discharge rate, temperature, and cell
aging all accounted for during each stage of every
APPLICATIONS
cycle with high accuracy.
Notebook PCs
Medical and Test Equipment
Portable Instrumentation
Table 1. AVAILABLE OPTIONS
PACKAGE
TA
38-PIN TSSOP (DBT) Tube(1)
38-PIN TSSOP (DBT) Tape and Reel(2)
bq20z75DBT
bq20z75DBTR
–40°C to 85°C
bq20z75DBT-V160
bq20z75DBTR-v160
bq20z75DBT-v180
bq20z75DBTR-v180
(1)
A single tube quantity is 50 units.
(2)
A single reel quantity is 2000 units
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
IMPEDANCE TRACK is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - BQ20Z75DBT-V180

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ20Z75DBT-V160 TI-BQ20Z75DBT-V160 Datasheet
545Kb / 20P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION-ENABLED IC WITH IMPEDANCE TRACK
BQ20Z75DBT-V160 TI-BQ20Z75DBT-V160 Datasheet
378Kb / 18P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION-ENABLED IC WITH IMPEDANCE TRACK
BQ20Z75DBT-V160 TI1-BQ20Z75DBT-V160 Datasheet
721Kb / 23P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION-ENABLED IC
More results

Similar Description - BQ20Z75DBT-V180

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ20Z75 TI-BQ20Z75 Datasheet
584Kb / 21P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION-ENABLED IC WITH IMPEDANCE TRACK?
BQ20Z75 TI-BQ20Z75_08 Datasheet
545Kb / 20P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION-ENABLED IC WITH IMPEDANCE TRACK
BQ20Z75_0809 TI-BQ20Z75_0809 Datasheet
378Kb / 18P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION-ENABLED IC WITH IMPEDANCE TRACK
BQ20Z45-R1 TI-BQ20Z45-R1 Datasheet
248Kb / 18P
[Old version datasheet]   SBS 1.1-Compliant Gas Gauge and Protection Enabled With Impedance Track?
BQ20Z655 TI1-BQ20Z655 Datasheet
323Kb / 23P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION ENABLED WITH IMPEDANCE TRACK
BQ20Z45 TI-BQ20Z45 Datasheet
488Kb / 20P
[Old version datasheet]   SBS 1.1-Compliant Gas Gauge and Protection Enabled With Impedance Track?
BQ20Z655-R1 TI-BQ20Z655-R1_13 Datasheet
863Kb / 25P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION ENABLED WITH IMPEDANCE TRACK?
BQ20Z45-R1 TI1-BQ20Z45-R1_17 Datasheet
1Mb / 23P
[Old version datasheet]   SBS 1.1-Compliant Gas Gauge and Protection Enabled With Impedance Track
BQ20Z95 TI-BQ20Z95 Datasheet
530Kb / 20P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE and PROTECTION ENABLED WITH IMPEDANCE TRACK?
BQ20Z65-R1 TI-BQ20Z65-R1 Datasheet
355Kb / 23P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION ENABLED WITH IMPEDANCE TRACK?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com