Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ2018SN-E1TR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # BQ2018SN-E1TR
Description  Power Minder IC
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ2018SN-E1TR Datasheet(HTML) 9 Page - Texas Instruments

Back Button BQ2018SN-E1TR Datasheet HTML 5Page - Texas Instruments BQ2018SN-E1TR Datasheet HTML 6Page - Texas Instruments BQ2018SN-E1TR Datasheet HTML 7Page - Texas Instruments BQ2018SN-E1TR Datasheet HTML 8Page - Texas Instruments BQ2018SN-E1TR Datasheet HTML 9Page - Texas Instruments BQ2018SN-E1TR Datasheet HTML 10Page - Texas Instruments BQ2018SN-E1TR Datasheet HTML 11Page - Texas Instruments BQ2018SN-E1TR Datasheet HTML 12Page - Texas Instruments BQ2018SN-E1TR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
9
of the discharge, and are incremented whenever VSR1 <
VSR2. These registers continue to count beyond ffffh, so
proper register maintenance should be done by the host
system. The TMP/CLR register is used to force the reset
of both the DCRH and DCRL to zero.
Charge Count Registers (CCRH/CCRL)
The CCRH high-byte register (address = 7dh) and the
CCRL low-byte register (address = 7ch) contain the count
of the charge, and are incremented whenever VSR1 >
VSR2. These registers continue to count beyond ffffh, so
proper register maintenance should be done by the host
system. The TMP/CLR register is used to force the reset
of both the CCRH and CCRL to zero.
Self-discharge Count Registers
(SCRH/SCRL)
The SCRH high-byte register (address = 7bh) and the
SCRL low-byte register (address = 7ah) contain the self-
discharge count.
This register is continually updated
whenever the bq2018 is in its normal operating mode.
The counts in these registers are incremented based on
time and temperature. The SCR counts at a rate of 1
count per hour at 20–30°C and doubles every 10°C to
greater than 60°C (16 counts/hour). The count will half
every 10°C below 20–30°C to less than 0°C (1 count/8
hours). These registers continue to count beyond ffffh, so
proper register maintenance should be done by the host
system. The TMP/CLR register is used to force the reset
of both the SCRH and SCRL to zero.
Discharge Time Count Registers
(DTCH/DTCL)
The DTCH high-byte register (address = 79h) and the
DTCL low-byte register (address = 78h) are used to deter-
mine the length of time the VSR1 <VSR2 indicating a dis-
charge. The counts in these registers are incremented at
a rate of 4096 counts per hour. If the DTCH/DTCL regis-
ter continues to count beyond ffffh, the STD bit is set in
the MODE/WOE register indicating a rollover. Once set,
DTCH and DTCL increment at a rate of 16 counts per
hour. Note: If a second rollover occurs, STD is
cleared. Access to the bq2018 should be timed to
clear DTCH/DTCL more often than every 170 days.
The TMP/CLR register is used to force the reset of both
the DTCH and DTCL to zero.
Charge Time Count Registers (CTCH/CTCL)
The CTCH high-byte register (address = 77h) and the
CTCL low-byte register (address = 76h) are used to deter-
mine the length of time the VSR1 >VSR2 indicating a
charge. The counts in these registers are incremented at
a rate of 4096 counts per hour. If the CTCH/CTCL regis-
ters continue to count beyond ffffh, the STC bit is set in
the MODE/WOE register indicating a rollover. Once set,
DTCH and DTCL increment at a rate of 16 counts per
hour.
Note: If a second rollover occurs, STC is
cleared. Access to the bq2018 should be timed to
clear CTCH/CTCL more often than every 170 days.
The TMP/CLR register is used to force the reset of both
the CTCH and CTCL to zero.
Mode/Wake-up Enable Register
The Mode/WOE register (address = 75h) contains the
calibration, wakeup enable information, and the STC and
STD bits as described below.
The Override DQ(OVRDQ) bit (bit 7) is used to override
the requirement for HDQ to be low prior to initiating VOS
calibration. This bit is normally set to zero. If OVRDQ is
written to one, the bq2018 begins offset calibration when
|VSR|<VWOE where HDQ = Don’t care.
The OVRDQ location is
MODE/WOE Bits
76
5
4
3
2
1
0
OVRDQ
-
-
-
-
-
-
-
Where OVRDQ is
0
HDQ = 0 and |VSR|<VWOE for VOS calibra-
tion to begin
1
HDQ = Don’t care and |VSR|<VWOE for VOS
calibration to begin
Note: The OVRDQ bit should only be used in con-
junction with a calibration cycle. Normal opera-
tion of the bq2018 cannot be guaranteed when
this bit is set. After a valid calibration cycle, bit 7
is reset to zero.
The calibration (CAL) bit 6 is used to enable the bq2018
offset calibration test. Setting this bit to 1 enables a VOS
calibration whenever HDQ is low (default), and |VSRO|<
VWOE. This bit is cleared to 0 by the bq2018 whenever a
valid VOS calibration is completed, and the OFR register
is updated with the new calculated offset. The bit re-
mains 1 if the offset calibration was not completed.
The CAL location is
MODE/WOE Bits
76
5
4
3
2
1
0
-CAL
-
-
-
-
-
-
Where CAL is
0
Valid offset calibration
1
Offset calibration pending
bq2018


Similar Part No. - BQ2018SN-E1TR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2018SN-E1TR TI-BQ2018SN-E1TR Datasheet
712Kb / 25P
[Old version datasheet]   Power Minder IC
BQ2018SN-E1TRG4 TI-BQ2018SN-E1TRG4 Datasheet
712Kb / 25P
[Old version datasheet]   Power Minder IC
More results

Similar Description - BQ2018SN-E1TR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2018 TI-BQ2018 Datasheet
124Kb / 21P
[Old version datasheet]   Power Minder IC
BQ2018TS-E1 TI-BQ2018TS-E1 Datasheet
712Kb / 25P
[Old version datasheet]   Power Minder IC
BQ2118 TI-BQ2118 Datasheet
369Kb / 5P
[Old version datasheet]   Power Minder??Mini-Board
logo
Kendall Howard
0004-1-002-01 KENDALLHOWARD-0004-1-002-01 Datasheet
499Kb / 1P
   UNIVERSAL WIRE MINDER
logo
List of Unclassifed Man...
DM2018 ETC2-DM2018 Datasheet
217Kb / 3P
   bq2018 Power Minder??Demonstration Module
logo
Freescale Semiconductor...
18730 FREESCALE-18730 Datasheet
1Mb / 38P
   Power Management IC with Five Power Management IC with Five Power Management IC with Five Power Management IC with Five
logo
KODENSHI_AUK CORP.
KOM-5121 KODENSHI-KOM-5121 Datasheet
236Kb / 1P
   Power Monitor IC
logo
International Rectifier
PVR3301 IRF-PVR3301 Datasheet
83Kb / 6P
   Microelectronic Power IC
logo
Unisonic Technologies
81XX UTC-81XX_15 Datasheet
241Kb / 7P
   POWER RESET IC
logo
Texas Instruments
TPS65023 TI1-TPS65023_15 Datasheet
1Mb / 47P
[Old version datasheet]   Power Management IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com