Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS7816EC250G4 Datasheet(PDF) 5 Page - Texas Instruments

Part # ADS7816EC250G4
Description  12-Bit High Speed Micro Power Sampling
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS7816EC250G4 Datasheet(HTML) 5 Page - Texas Instruments

  ADS7816EC250G4 Datasheet HTML 1Page - Texas Instruments ADS7816EC250G4 Datasheet HTML 2Page - Texas Instruments ADS7816EC250G4 Datasheet HTML 3Page - Texas Instruments ADS7816EC250G4 Datasheet HTML 4Page - Texas Instruments ADS7816EC250G4 Datasheet HTML 5Page - Texas Instruments ADS7816EC250G4 Datasheet HTML 6Page - Texas Instruments ADS7816EC250G4 Datasheet HTML 7Page - Texas Instruments ADS7816EC250G4 Datasheet HTML 8Page - Texas Instruments ADS7816EC250G4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
5
®
ADS7816
SIGNAL-TO-(NOISE + DISTORTION) vs INPUT LEVEL
80
70
60
50
40
30
20
10
0
–40
–35
–30
–25
–20
–15
–10
–5
0
Input Level (dB)
SIGNAL-TO-(NOISE + DISTORTION) vs FREQUENCY
100
90
80
70
60
50
40
30
20
10
0
1
10
100
Frequency (kHz)
TYPICAL PERFORMANCE CURVES (CONT)
At TA = +25°C, VCC = +5V, VREF = +5V, fSAMPLE = 200kHz, and fCLK = 16 • fSAMPLE, unless otherwise specified.
POWER SUPPLY REJECTION vs RIPPLE FREQUENCY
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
1
10
100
1000
10000
Ripple Frequency (kHz)
TOTAL HARMONIC DISTORTION vs FREQUENCY
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
1
10
100
Frequency (kHz)
FREQUENCY SPECTRUM
(2048 Point FFT; f
IN = 9.9kHz, –0.5dB)
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
0
255075
100
Frequency (kHz)
SPURIOUS FREE DYNAMIC RANGE and
SIGNAL-TO-NOISE RATIO vs FREQUENCY
100
90
80
70
60
50
40
30
20
10
0
1
10
100
Frequency (kHz)
Spurious Free Dynamic Range
Signal-to-Noise Ratio


Similar Part No. - ADS7816EC250G4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7816EC250G4 TI-ADS7816EC250G4 Datasheet
963Kb / 24P
[Old version datasheet]   12-Bit High Speed Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS7816EC250G4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7816EB TI1-ADS7816EB Datasheet
984Kb / 24P
[Old version datasheet]   12-Bit High Speed Micro Power Sampling
ADS7816U TI1-ADS7816U Datasheet
951Kb / 23P
[Old version datasheet]   12-Bit High Speed Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7816 BURR-BROWN-ADS7816 Datasheet
226Kb / 13P
   12-Bit High Speed Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7816P TI1-ADS7816P Datasheet
951Kb / 23P
[Old version datasheet]   12-Bit High Speed Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7816EB TI-ADS7816EB Datasheet
963Kb / 24P
[Old version datasheet]   12-Bit High Speed Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7817E TI-ADS7817E Datasheet
633Kb / 21P
[Old version datasheet]   12-Bit Differential Input Micro Power Sampling
logo
Burr-Brown (TI)
ADS1286 BURR-BROWN-ADS1286 Datasheet
165Kb / 11P
   12-Bit Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1286 TI1-ADS1286_14 Datasheet
491Kb / 18P
[Old version datasheet]   12-Bit Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
ADS1286 TI1-ADS1286_16 Datasheet
483Kb / 17P
[Old version datasheet]   12-Bit Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS1286 BURR-BROWN-ADS1286_06 Datasheet
141Kb / 14P
   12-Bit Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com