Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QB2057W Datasheet(PDF) 1 Page - Texas Instruments

Part # QB2057W
Description  ADVANCED LINEAR CHARGE MANAGEMENT IC FOR SINGLE-AND TWO-CELL LITHIUM-ION AND LITHIUM-POLYMER
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

QB2057W Datasheet(HTML) 1 Page - Texas Instruments

  QB2057W Datasheet HTML 1Page - Texas Instruments QB2057W Datasheet HTML 2Page - Texas Instruments QB2057W Datasheet HTML 3Page - Texas Instruments QB2057W Datasheet HTML 4Page - Texas Instruments QB2057W Datasheet HTML 5Page - Texas Instruments QB2057W Datasheet HTML 6Page - Texas Instruments QB2057W Datasheet HTML 7Page - Texas Instruments QB2057W Datasheet HTML 8Page - Texas Instruments QB2057W Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
bq2057, bq2057C
bq2057T, bq2057W
SLUS025F − MAY 2001 − REVISED JULY 2002
ADVANCED LINEAR CHARGE MANAGEMENT IC
FOR SINGLE AND TWOCELL LITHIUMION AND LITHIUMPOLYMER
1
www.ti.com
FEATURES
D Ideal for Single (4.1 V or 4.2 V) and Dual-Cell
(8.2 V or 8.4 V) Li-Ion or Li-Pol Packs
D Requires Small Number of External
Components
D 0.3 V Dropout Voltage for Minimizing Heat
Dissipation
D Better Than ±1% Voltage Regulation Accuracy
With Preset Voltages
D AutoCompt Dynamic Compensation of
Battery Pack’s Internal Impedance to Reduce
Charge Time
D Optional Cell-Temperature Monitoring Before
and During Charge
D Integrated Voltage and Current Regulation
With Programmable Charge-Current and High-
or Low-Side Current Sensing
D Integrated Cell Conditioning for Reviving
Deeply Discharged Cells and Minimizing Heat
Dissipation During Initial Stage Of Charge
D Charge Status Output for Single or Dual Led
or Host Processor Interface
D Automatic Battery-Recharge Feature
D Charge Termination by Minimum Current
D Automatic Low-Power Sleep Mode When VCC
Is Removed
D EVMs Available for Quick Evaluation
D Packaging: 8-Pin SOIC, 8-Pin TSSOP, 8-Pin
MSOP
DESCRIPTION
The
BENCHMARQ
bq2057
series
advanced
Lithium-Ion (Li-Ion) and Lithium-Polymer (Li-Pol) linear
charge-management ICs are designed for cost-
sensitive and compact portable electronics. They
combine high-accuracy current and voltage regulation,
battery conditioning, temperature monitoring, charge
termination, charge-status indication, and AutoComp
charge-rate compensation in a single 8-pin IC. MSOP,
TSSOP, and SOIC package options are offered to fit a
wide range of end applications.
The
bq2057
continuously
measures
battery
temperature using an external thermistor. For safety,
the bq2057 inhibits charge until the battery temperature
is within user-defined thresholds. The bq2057 then
charges the battery in three phases: conditioning,
constant current, and constant voltage. If the battery
voltage is below the low-voltage threshold, V(min), the
bq2057 precharges using a low current to condition the
battery. The conditioning charge rate is approximately
10% of the regulation current. The conditioning current
also minimizes heat dissipation in the external pass-
element during the initial stage of the charge. After
conditioning, the bq2057 applies a constant current to
the battery. An external sense-resistor sets the current.
The sense-resistor can be on either the high or low side
of the battery without additional components. The
constant-current phase continues until the battery
reaches the charge-regulation voltage.
COMP
CC
VSS
STAT
8
7
6
5
1
2
3
4
SNS
BAT
VCC
TS
bq2057xSN or bq2057xTS
SOIC (SN) or TSSOP (TS) PACKAGE
(TOP VIEW)
BAT
SNS
COMP
CC
8
7
6
5
1
2
3
4
VCC
TS
STAT
VSS
bq2057xDGK
MSOP (DGK) PACKAGE
(TOP VIEW)
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
AutoComp is a trademark of Texas Instruments.
Copyright
 2002, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - QB2057W

ManufacturerPart #DatasheetDescription
logo
DATEL, Inc.
QB22S12-12.5 DATEL-QB22S12-12.5 Datasheet
141Kb / 1P
   Quarter-Brick, 150-Watt, 12 Volts Output
QB22S12-8.3 DATEL-QB22S12-8.3 Datasheet
142Kb / 1P
   Quarter-Brick, Railway 100-Watt, 12 Volts Output
QB22S15-6.7 DATEL-QB22S15-6.7 Datasheet
142Kb / 1P
   Quarter-Brick, Railway 100-Watt, 15 Volts Output
QB22S24-6.3 DATEL-QB22S24-6.3 Datasheet
142Kb / 1P
   Quarter-Brick, 150-Watt, 24 Volts Output
QB22S28-5.4 DATEL-QB22S28-5.4 Datasheet
141Kb / 1P
   Quarter-Brick, 150-Watt, 28 Volts Output
More results

Similar Description - QB2057W

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UB2012 UTC-UB2012_12 Datasheet
263Kb / 17P
   ADVANCED LINEAR CHARGE MANAGEMENT IC FOR SINGLE AND TWO-CELL LITHIUM-ION AND LITHIUM-POLYMER
logo
Texas Instruments
BQ2057DGKR TI-BQ2057DGKR Datasheet
335Kb / 24P
[Old version datasheet]   ADVANCED LINEAR CHARGE MANAGEMENT IC FOR SINGLE AND TWO CELL LITHIUM-POLYMER
logo
Fortune Semiconductor C...
FS3871 FORTUNE-FS3871 Datasheet
951Kb / 13P
   LINEAR CHARGE MANAGEMENT IC FOR LITHIUM-ION AND LITHIUM-POLYMER
logo
Shenzhen Huazhimei Semi...
HM4088 HMSEMI-HM4088 Datasheet
489Kb / 12P
   Switched single-cell, two-cell lithium-ion/lithium polymer charge management chip
logo
List of Unclassifed Man...
AT1457 ETC-AT1457 Datasheet
287Kb / 12P
   1-CELL LITHIUM AND LITHIUM POLYMER CHARGE MANAGEMENT IC
logo
Microchip Technology
MCP73841 MICROCHIP-MCP73841_13 Datasheet
416Kb / 26P
   Advanced Single or Dual Cell Lithium-Ion/ Lithium-Polymer Charge Management Controllers
1/29/12 2003-2013
MCP73841 MICROCHIP-MCP73841 Datasheet
414Kb / 24P
   Advanced Single or Dual Cell Lithium-Ion/ Lithium-Polymer Charge Management Controllers
2004
logo
Shenzhen Huazhimei Semi...
HM4057B HMSEMI-HM4057B Datasheet
1Mb / 8P
   single cell lithium-ion and Lithium-Polymer batteries
logo
Microchip Technology
MCP73826 MICROCHIP-MCP73826_13 Datasheet
410Kb / 24P
   Single Cell Lithium-Ion Charge Management Controller
11/29/12
logo
Texas Instruments
BQ2954 TI1-BQ2954_13 Datasheet
739Kb / 23P
[Old version datasheet]   Lithium Ion Charge Management IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com