Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ2057TTS Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # BQ2057TTS
Description  ADVANCED LINEAR CHARGE MANAGEMENT IC FOR SINGLE-AND TWO-CELL LITHIUM-ION AND LITHIUM-POLYMER
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ2057TTS Datasheet(HTML) 2 Page - Texas Instruments

  BQ2057TTS Datasheet HTML 1Page - Texas Instruments BQ2057TTS Datasheet HTML 2Page - Texas Instruments BQ2057TTS Datasheet HTML 3Page - Texas Instruments BQ2057TTS Datasheet HTML 4Page - Texas Instruments BQ2057TTS Datasheet HTML 5Page - Texas Instruments BQ2057TTS Datasheet HTML 6Page - Texas Instruments BQ2057TTS Datasheet HTML 7Page - Texas Instruments BQ2057TTS Datasheet HTML 8Page - Texas Instruments BQ2057TTS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
bq2057, bq2057C
bq2057T, bq2057W
SLUS025F − MAY 2001 − REVISED JULY 2002
2
www.ti.com
DESCRIPTION (continued)
The bq2057 then begins the constant-voltage phase. The accuracy of the voltage regulation is better than
±1%
over the operating-temperature and supply-voltage ranges. For single and dual cells, the bq2057 is offered in
four fixed-voltage versions: 4.1 V, 4.2 V, 8.2 V, and 8.4 V. Charge stops when the current tapers to the charge
termination threshold, I(TERM). The bq2057 automatically restarts the charge if the battery voltage falls below
the V(RCH) threshold.
The designer also may use the AutoComp feature to reduce charging time. This proprietary technique allows
safe and dynamic compensation for the internal impedance of the battery pack during charge.
AVAILABLE OPTIONS
PACKAGE
TA
CHARGE REGULATION
VOLTAGE
SOIC
(SN)
TSSOP
(TS)
MSOP†
(DGK)
4.1 V
Not available
bq2057TS
bq2057DGK
−20
°C to 70°C
4.2 V
bq2057CSN
bq2057CTS
bq2057CDGK
−20
°C to 70°C
8.2 V
Not available
bq2057TTS
Not available
8.4 V
bq2057WSN
bq2057WTS
Not available
† Note the difference in pinout for this package.


Similar Part No. - BQ2057TTS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2057TTS TI-BQ2057TTS Datasheet
335Kb / 24P
[Old version datasheet]   ADVANCED LINEAR CHARGE MANAGEMENT IC FOR SINGLE AND TWO CELL LITHIUM-POLYMER
BQ2057TTSTR TI-BQ2057TTSTR Datasheet
335Kb / 24P
[Old version datasheet]   ADVANCED LINEAR CHARGE MANAGEMENT IC FOR SINGLE AND TWO CELL LITHIUM-POLYMER
More results

Similar Description - BQ2057TTS

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UB2012 UTC-UB2012_12 Datasheet
263Kb / 17P
   ADVANCED LINEAR CHARGE MANAGEMENT IC FOR SINGLE AND TWO-CELL LITHIUM-ION AND LITHIUM-POLYMER
logo
Texas Instruments
BQ2057DGKR TI-BQ2057DGKR Datasheet
335Kb / 24P
[Old version datasheet]   ADVANCED LINEAR CHARGE MANAGEMENT IC FOR SINGLE AND TWO CELL LITHIUM-POLYMER
logo
Fortune Semiconductor C...
FS3871 FORTUNE-FS3871 Datasheet
951Kb / 13P
   LINEAR CHARGE MANAGEMENT IC FOR LITHIUM-ION AND LITHIUM-POLYMER
logo
Shenzhen Huazhimei Semi...
HM4088 HMSEMI-HM4088 Datasheet
489Kb / 12P
   Switched single-cell, two-cell lithium-ion/lithium polymer charge management chip
logo
List of Unclassifed Man...
AT1457 ETC-AT1457 Datasheet
287Kb / 12P
   1-CELL LITHIUM AND LITHIUM POLYMER CHARGE MANAGEMENT IC
logo
Microchip Technology
MCP73841 MICROCHIP-MCP73841_13 Datasheet
416Kb / 26P
   Advanced Single or Dual Cell Lithium-Ion/ Lithium-Polymer Charge Management Controllers
1/29/12 2003-2013
MCP73841 MICROCHIP-MCP73841 Datasheet
414Kb / 24P
   Advanced Single or Dual Cell Lithium-Ion/ Lithium-Polymer Charge Management Controllers
2004
logo
Shenzhen Huazhimei Semi...
HM4057B HMSEMI-HM4057B Datasheet
1Mb / 8P
   single cell lithium-ion and Lithium-Polymer batteries
logo
Microchip Technology
MCP73826 MICROCHIP-MCP73826_13 Datasheet
410Kb / 24P
   Single Cell Lithium-Ion Charge Management Controller
11/29/12
logo
Texas Instruments
BQ2954 TI1-BQ2954_13 Datasheet
739Kb / 23P
[Old version datasheet]   Lithium Ion Charge Management IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com