Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1729640000 Datasheet(PDF) 1 Page - Weidmuller

Part # 1729640000
Description  PCB connection systems
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

1729640000 Datasheet(HTML) 1 Page - Weidmuller

  1729640000 Datasheet HTML 1Page - Weidmuller 1729640000 Datasheet HTML 2Page - Weidmuller 1729640000 Datasheet HTML 3Page - Weidmuller 1729640000 Datasheet HTML 4Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Product catalogue | PCB connection systems | PCB plug-in connectors | Pitch 3.50 mm (0.138 inch) 2-row | Solder-
connection pin headers | S2L 3.5/180 | S2L 3.5/180F
- 1 -
General ordering data
Order No.
1729680000
Part designation
S2L 3.5/24/180F3.5SN SW
Version
PCB plug-in connector, Male connectors, Soldered
connection, Pitch: 3.50 mm, No. of poles: 24,
180°, Box
EAN
4032248041084
Qty.
20 pc(s).
System parameters
Fitted to PCB
Soldered connection
Outgoing elbow
180°
Pitch
3.5 mm
Pitch in inch
0.138 inch
No. of poles
24
Solder pin length
3.5 mm
Can be coded
Yes
No. of rows
2
No. of solder pins per pole
1
Dia. of fitting hole
1.3 mm
Fitting hole tolerance
+ 0.1 mm
L1 in mm
38.5 mm
L1 in inch
1.516 inch
Electric shock protection to DIN VDE 0470
IP 10
Electric shock protection to DIN VDE 0470
Safe from back-of-hand touch
Material data
Insulating material
PBT
Colour
black
colour chart
Similar to RAL 9011
Insulating material group
IIIa
Flammability class UL 94
V-0
CTI
>= 200
Contact base material
Copper alloy
Contact surface
tinned


Similar Part No. - 1729640000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1729640000 WEIDMULLER-1729640000 Datasheet
93Kb / 4P
   S2L 3.5/16/180F3.5SN SW
1729640000 WEIDMULLER-1729640000 Datasheet
93Kb / 4P
   PCB connection systems
More results

Similar Description - 1729640000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1748280000 WEIDMULLER-1748280000 Datasheet
84Kb / 5P
   PCB connection systems
1791640000 WEIDMULLER-1791640000 Datasheet
84Kb / 4P
   PCB connection systems
1792920000 WEIDMULLER-1792920000 Datasheet
88Kb / 6P
   PCB connection systems
1727710000 WEIDMULLER-1727710000 Datasheet
82Kb / 5P
   PCB connection systems
1792900000 WEIDMULLER-1792900000 Datasheet
88Kb / 6P
   PCB connection systems
1696060000 WEIDMULLER-1696060000 Datasheet
100Kb / 5P
   PCB connection systems
1729040000 WEIDMULLER-1729040000 Datasheet
93Kb / 4P
   PCB connection systems
1748240000 WEIDMULLER-1748240000 Datasheet
84Kb / 5P
   PCB connection systems
1728020000 WEIDMULLER-1728020000 Datasheet
97Kb / 4P
   PCB connection systems
1793110000 WEIDMULLER-1793110000 Datasheet
86Kb / 6P
   PCB connection systems
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com