Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ2057WSN Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # BQ2057WSN
Description  ADVANCED LINEAR CHARGE MANAGEMENT IC FOR SINGLE-AND TWO-CELL LITHIUM-ION AND LITHIUM-POLYMER
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ2057WSN Datasheet(HTML) 5 Page - Texas Instruments

  BQ2057WSN Datasheet HTML 1Page - Texas Instruments BQ2057WSN Datasheet HTML 2Page - Texas Instruments BQ2057WSN Datasheet HTML 3Page - Texas Instruments BQ2057WSN Datasheet HTML 4Page - Texas Instruments BQ2057WSN Datasheet HTML 5Page - Texas Instruments BQ2057WSN Datasheet HTML 6Page - Texas Instruments BQ2057WSN Datasheet HTML 7Page - Texas Instruments BQ2057WSN Datasheet HTML 8Page - Texas Instruments BQ2057WSN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
bq2057, bq2057C
bq2057T, bq2057W
SLUS025F − MAY 2001 − REVISED JULY 2002
5
www.ti.com
absolute maximum ratings over operating free-air temperature (unless otherwise noted)
Supply voltage (VCC with respect to GND)
−0.3 to +18 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage, SNS, BAT, TS, COMP (all with respect to GND)
−0.3 V to VCC+0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . .
Sink current (STAT pin) not to exceed PD
20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Source current (STAT pin) not to exceed PD
10 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output current (CC pin) not to exceed PD
40 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Total power dissipation, PD (at 25°C)
300mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA
−20
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−40
°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature (soldering, 10 s)
300
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
DISSIPATION RATING TABLE
PACKAGE
DERATING FACTOR
ABOVE TA = 25°C
TA ≤ 25°C
POWER RATING
TA = 70°C
POWER RATING
DGK
3.4 mW/
°C
424 mW
271 mW
recommended operating conditions
MIN
MAX
UNIT
Supply voltage, VCC
4.5
15
V
Operating free-air temperature range, TA
−20
70
°C
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
I(VCC)
VCC Current
VCC > VCC(min), Excluding external loads
2
4
mA
I(VCCS)
VCC Sleep current
For bq2057 and bq2957C,
V(BAT) ≥ V(min), V(BAT) – VCC ≥ 0.8 V
3
6
A
I(VCCS)
VCC Sleep current
For bq2057T and bq2957W,
V(BAT) ≥ V(min), V(BAT) – VCC ≥ 0.8 V
10
µA
IIB(BAT)
Input bias current on BAT pin
V(BAT) = V(REG)
1
µA
IIB(SNS)
Input bias current on SNS pin
V(SNS)= 5 V
5
µA
IIB(TS)
Input bias current on TS pin
V(TS) = 5 V
5
µA
IIB(COMP) Input bias current on COMP pin
V(COMP) = 5 V
5
µA
BATTERY VOLTAGE REGULATION
bq2057, See Notes 1, 2, 3
4.059
4.10
4.141
VO(REG)
Output voltage
bq2057C, See Notes 1, 2, 3
4.158
4.20
4.242
V
VO(REG)
Output voltage
bq2057T, See Notes 1, 2, 3
8.119
8.20
8.282
V
bq2057W, See Notes 1, 2, 3
8.317
8.40
8.484
NOTES:
1. For high-side current sensing configuration
2. For low-side current sensing configuration, the tolerance is
±1% for TA = 25°C and ±1.2% for −20°C ≥ TA ≥ 70°C
3. V(BAT)+0.3 V ≤ VCC ≤ VCC(max)


Similar Part No. - BQ2057WSN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2057WSN TI-BQ2057WSN Datasheet
335Kb / 24P
[Old version datasheet]   ADVANCED LINEAR CHARGE MANAGEMENT IC FOR SINGLE AND TWO CELL LITHIUM-POLYMER
BQ2057WSNTR TI-BQ2057WSNTR Datasheet
335Kb / 24P
[Old version datasheet]   ADVANCED LINEAR CHARGE MANAGEMENT IC FOR SINGLE AND TWO CELL LITHIUM-POLYMER
More results

Similar Description - BQ2057WSN

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UB2012 UTC-UB2012_12 Datasheet
263Kb / 17P
   ADVANCED LINEAR CHARGE MANAGEMENT IC FOR SINGLE AND TWO-CELL LITHIUM-ION AND LITHIUM-POLYMER
logo
Texas Instruments
BQ2057DGKR TI-BQ2057DGKR Datasheet
335Kb / 24P
[Old version datasheet]   ADVANCED LINEAR CHARGE MANAGEMENT IC FOR SINGLE AND TWO CELL LITHIUM-POLYMER
logo
Fortune Semiconductor C...
FS3871 FORTUNE-FS3871 Datasheet
951Kb / 13P
   LINEAR CHARGE MANAGEMENT IC FOR LITHIUM-ION AND LITHIUM-POLYMER
logo
Shenzhen Huazhimei Semi...
HM4088 HMSEMI-HM4088 Datasheet
489Kb / 12P
   Switched single-cell, two-cell lithium-ion/lithium polymer charge management chip
logo
List of Unclassifed Man...
AT1457 ETC-AT1457 Datasheet
287Kb / 12P
   1-CELL LITHIUM AND LITHIUM POLYMER CHARGE MANAGEMENT IC
logo
Microchip Technology
MCP73841 MICROCHIP-MCP73841_13 Datasheet
416Kb / 26P
   Advanced Single or Dual Cell Lithium-Ion/ Lithium-Polymer Charge Management Controllers
1/29/12 2003-2013
MCP73841 MICROCHIP-MCP73841 Datasheet
414Kb / 24P
   Advanced Single or Dual Cell Lithium-Ion/ Lithium-Polymer Charge Management Controllers
2004
logo
Shenzhen Huazhimei Semi...
HM4057B HMSEMI-HM4057B Datasheet
1Mb / 8P
   single cell lithium-ion and Lithium-Polymer batteries
logo
Microchip Technology
MCP73826 MICROCHIP-MCP73826_13 Datasheet
410Kb / 24P
   Single Cell Lithium-Ion Charge Management Controller
11/29/12
logo
Texas Instruments
BQ2954 TI1-BQ2954_13 Datasheet
739Kb / 23P
[Old version datasheet]   Lithium Ion Charge Management IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com