Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC2511F32RSPG3 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # CC2511F32RSPG3
Description  Low-Power SoC (System-on-Chip) with MCU, Memory, 2.4 GHz RF Transceiver, and USB Controller
Download  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2511F32RSPG3 Datasheet(HTML) 11 Page - Texas Instruments

Back Button CC2511F32RSPG3 Datasheet HTML 7Page - Texas Instruments CC2511F32RSPG3 Datasheet HTML 8Page - Texas Instruments CC2511F32RSPG3 Datasheet HTML 9Page - Texas Instruments CC2511F32RSPG3 Datasheet HTML 10Page - Texas Instruments CC2511F32RSPG3 Datasheet HTML 11Page - Texas Instruments CC2511F32RSPG3 Datasheet HTML 12Page - Texas Instruments CC2511F32RSPG3 Datasheet HTML 13Page - Texas Instruments CC2511F32RSPG3 Datasheet HTML 14Page - Texas Instruments CC2511F32RSPG3 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 244 page
background image
CC2510Fx / CC2511Fx
SWRS055G
Page 11 of 236
Parameter
Min
Typ
Max
Unit
Condition
19.4
mA
10 kBaud, input at sensitivity limit, system clock running at 26 MHz.
15.7
mA
10 kBaud, input at sensitivity limit, system clock running at 203 kHz.
16.9
mA
10 kBaud, input well above sensitivity limit, system clock running at
26 MHz.
Active mode with
radio in TX
System clock running at 26 MHz.
Digital regulator on. High speed crystal oscillator and low power
RCOSC running. Radio in TX mode
26
mA
0 dBm output power (PA_TABLE0=0xFE). See Table 7 for typical
variation over operating conditions
18.5
mA
−6 dBm output power (PA_TABLE0=0x7F)
15.5
mA
−12 dBm output power (PA_TABLE0=0x95)
26
mA
System clock running at 24 MHz.
Digital regulator on. High speed crystal oscillator and low power
RCOSC running. Radio in TX mode
w/0 dBm output power
(PA_TABLE0=0xFE)
PM0
4.3
mA
Same as active mode, but the CPU is not running (see 12.1.2.2 for
details). System clock running at 26 MHz
PM1
220
µA
Digital regulator on. HS RCOSC and high speed crystal oscillator off.
32.768 kHz XOSC or low power RCOSC running (see 12.1.2.3 for
details)
PM2
0.5
1
µA
Digital regulator off. HS RCOSC and high speed crystal oscillator off.
Low power RCOSC running (see 12.1.2.4 for details)
PM3
0.3
1
µA
Digital regulator off. No crystal oscillators or RC oscillators are
running (see 12.1.2.5 for details)
Peripheral
Current
Consumption
Add to the figures above if the peripheral unit is activated
Timer 1
2.7
µA/MHz When running
Timer 2
1.3
µA/MHz When running
Timer 3
1.6
µA/MHz When running
Timer 4
2
µA/MHz When running
ADC
1.2
mA
During conversion
Table 6: Current Consumption
CC2511F8 - Not Recommended for New Designs


Similar Part No. - CC2511F32RSPG3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2511F32RSPG3 TI1-CC2511F32RSPG3 Datasheet
3Mb / 245P
[Old version datasheet]   Low-Power SoC (System-on-Chip)
More results

Similar Description - CC2511F32RSPG3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2510FX TI-CC2510FX_10 Datasheet
2Mb / 244P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, 2.4 GHz RF Transceiver, and USB Controller
CC2510F16 TI1-CC2510F16 Datasheet
2Mb / 244P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, 2.4 GHz RF Transceiver, and USB Controller
CC2510FX TI-CC2510FX Datasheet
2Mb / 242P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, 2.4 GHz RF Transceiver, and USB Controller
CC2510 TI-CC2510_15 Datasheet
3Mb / 245P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory,2.4 GHz RF Transceiver, and USB Controller
CC1110FX TI-CC1110FX Datasheet
2Mb / 243P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, Sub-1 GHz RF Transceiver, and USB Controller
CC1110FX TI-CC1110FX_08 Datasheet
3Mb / 245P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, Sub-1 GHz RF Transceiver, and USB Controller
CC1110F16 TI1-CC1110F16 Datasheet
3Mb / 247P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, Sub-1 GHz RF Transceiver, and USB Controller
CC1110F8RHHR TI1-CC1110F8RHHR Datasheet
3Mb / 249P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, Sub-1 GHz RF Transceiver, and USB Controller
CC1110FX TI-CC1110FX_10 Datasheet
3Mb / 247P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, Sub-1 GHz RF Transceiver, and USB Controller
CC1110F32RHHR TI1-CC1110F32RHHR Datasheet
3Mb / 249P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, Sub-1 GHz RF Transceiver, and USB Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com