Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TX6QLVDS Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # TX6QLVDS
Description  Two High Speed USB 2.0 ports, Full HD LCD controller, 24bpp
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TX6QLVDS Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  TX6QLVDS Datasheet HTML 1Page - List of Unclassifed Manufacturers TX6QLVDS Datasheet HTML 2Page - List of Unclassifed Manufacturers TX6QLVDS Datasheet HTML 3Page - List of Unclassifed Manufacturers TX6QLVDS Datasheet HTML 4Page - List of Unclassifed Manufacturers TX6QLVDS Datasheet HTML 5Page - List of Unclassifed Manufacturers TX6QLVDS Datasheet HTML 6Page - List of Unclassifed Manufacturers TX6QLVDS Datasheet HTML 7Page - List of Unclassifed Manufacturers TX6QLVDS Datasheet HTML 8Page - List of Unclassifed Manufacturers TX6QLVDS Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
TX6Q
Board highlights:
Highly integrated
Standard TX-DIMM pinout
as small as possible - only 31mm
3.3V I/O
The TX6 is a member of the TX module series, specially designed for
Freescales i.MX multimedia processors. TX modules are complete computers,
implemented on a board smaller than a credit card, and ready to be designed
into your embedded system. TX modules includes a Freescale® i.MX
processor, SDRAM and Flash memory. The integrated LCD-controller enables
direct connection of an LCD screen. The TX6 is specifically targeted at
embedded applications where size, high cpu-performance and cost are critical
factors.
Computer on module
Freescale® i.MX 6Quad up to 1 GHz
1GByte SDRAM (64bit) DDR3-1066
128 MByte NAND Flash memory
DIMM200-module (67,6mm x 31 mm x 4mm)
Operating temperature ranges (Processor junction temperature)
Extended Consumer Grade: -20°C ..105°C
Industrial Grade:
-40°C ..105°C
Automotive Grade:
-40°C ..125°C, AEC-Q100 Grade 3
Processor
The i.MX 6Dual and i.MX 6Quad processors represent
Freescale Semiconductor’s latest achievement in integrated
multimedia applications processors. These processors are
part of a growing family of multimedia-focused products
that offer high performance processing and are optimized
for lowest power consumption. The i.MX 6Dual and i.MX
6Quad processors feature Freescale’s advanced
implementation of the quad ARM Cortex™-A9 core, which
operates at speeds up to 1 GHz. They include 2D and 3D
graphics processors, 3D 1080p video processing, and
integrated power management. Each processor provides a
64-bit DDR3/LVDDR3/LPDDR2-1066 memory interface and
a number of other interfaces for connecting peripherals,
such as WLAN, Bluetooth™, GPS, hard drive, displays,
and camera sensors.
High Performance CPU : ARM Quad Cortex-A9
ARM Cortex-A9, with ARMv7™, Neon,
VFPv3 and Trustzone support
32K instruction and data L1 caches
and 256 KB to 1 MB of L2 cache
Multi-stream-capable HD video engine
delivering 1080p60 decode, 1080p30
encode and 3D video playback in HD
in high performance families
Superior 3D graphics performance with
up to quad shaders performing 200 MT/s
Separate 2D and/or Vertex acceleration
engines for an optimal user interface
experience
Stereoscopic image sensor support for 3D
imaging
Standard TX-DIMM pinout:
4-wire UARTs (x3)
LCD
I2C / PWM
Serial Audio Interfaces (x2)
4-wire SD-Card/SDIO
High-Speed communication interfaces incl. onboard Ethernet PHY / on-chip
USB PHY allows direct use of connectors/magnetics on the baseboard without
the need for additional logic:
10/100 Mbps Ethernet
480 Mbps USB OTG (Host or Device)
480 Mbps USB Host
Power Supply
The TX6 accepts an input voltage from various sources:
1-cell Li-Ion/Polymer (up to 4.2V)
5.0V USB supply or AC wall adapter
3.3V
Read more in our TX-Guide:
www.karo-electronics.com/TX-Guide
Ka-Ro electronics GmbH - Pascalstr. 22, D-52076 Aachen, Germany - Tel.: +49 2408 1402-0 (FAX -10)
www.karo-electronics.de
CPU
SDRAM
Flash
TX6Q/1000/1024S/128F
1024MB
128MB
TX6Q/1000/1024S/128F/LVDS
1024MB
128MB
Order Number
Temp. Grade
1GHz MCIMX6Q5
Quad Core Consumer
Extended
Consumer
1GHz MCIMX6Q5
Quad Core Consumer
Extended
Consumer


Similar Part No. - TX6QLVDS

ManufacturerPart #DatasheetDescription
logo
QUARTZCOM the communica...
TX6-104H QUARTZCOM-TX6-104H Datasheet
97Kb / 1P
   Through hole TCXO HCMOS High reliable hermetic sealed package
TX6-464H-ST3 QUARTZCOM-TX6-464H-ST3 Datasheet
92Kb / 1P
   High precision analogue compensated STRATUM III through hole TCXO
logo
Ferroxcube Internationa...
TX6.4-2.8-2.8 FERROXCUBE-TX6.4-2.8-2.8 Datasheet
44Kb / 3P
   Alloy powder toroids
TX6.4/2.8-H2-A10 FERROXCUBE-TX6.4/2.8-H2-A10 Datasheet
44Kb / 3P
   Alloy powder toroids
TX6.4/2.8-H2-A24 FERROXCUBE-TX6.4/2.8-H2-A24 Datasheet
44Kb / 3P
   Alloy powder toroids
More results

Similar Description - TX6QLVDS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TX48 ETC2-TX48 Datasheet
603Kb / 14P
   Two High-Speed USB 2.0 ports, True colour LCD controller
TX53 ETC2-TX53 Datasheet
1Mb / 14P
   Two High Speed USB 2.0 ports, Two Camera Interfaces
TX28 ETC2-TX28 Datasheet
948Kb / 9P
   Two 10/100Mbps Ethernet ports with IEEE1588 support, Two High-Speed USB 2.0 ports
TX25 ETC2-TX25 Datasheet
640Kb / 10P
   High-Speed USB 2.0 OTG, Full-Speed USB 2.0 Host
logo
Intersil Corporation
ISL54200 INTERSIL-ISL54200 Datasheet
1Mb / 18P
   USB 2.0 High/Full Speed Multiplexer
logo
Maxim Integrated Produc...
MAX4906 MAXIM-MAX4906 Datasheet
221Kb / 14P
   High-/Full-Speed USB 2.0 Switches
Rev 2; 1/07
logo
Renesas Technology Corp
ISL54200 RENESAS-ISL54200 Datasheet
1Mb / 18P
   USB 2.0 High/Full Speed Multiplexer
logo
Intersil Corporation
ISL54200 INTERSIL-ISL54200_07 Datasheet
1Mb / 16P
   USB 2.0 High/Full Speed Multiplexer
logo
List of Unclassifed Man...
TE7022SL ETC2-TE7022SL Datasheet
313Kb / 5P
   USB 2.0 Full-Speed Hi-Q USB Audio Streaming Controller
logo
C-Media Electronics
CM6533-N CMEDIA-CM6533-N Datasheet
1Mb / 60P
   USB 2.0 Full-Speed compliant
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com