Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TX28454 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # TX28454
Description  Two 10/100Mbps Ethernet ports with IEEE1588 support, Two High-Speed USB 2.0 ports
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TX28454 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  TX28454 Datasheet HTML 1Page - List of Unclassifed Manufacturers TX28454 Datasheet HTML 2Page - List of Unclassifed Manufacturers TX28454 Datasheet HTML 3Page - List of Unclassifed Manufacturers TX28454 Datasheet HTML 4Page - List of Unclassifed Manufacturers TX28454 Datasheet HTML 5Page - List of Unclassifed Manufacturers TX28454 Datasheet HTML 6Page - List of Unclassifed Manufacturers TX28454 Datasheet HTML 7Page - List of Unclassifed Manufacturers TX28454 Datasheet HTML 8Page - List of Unclassifed Manufacturers TX28454 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
TX28
PINOUT
Marked yellow: Not connected
PIN
Type
Function
i.MX28 Pad Name
Alternate functions
GPIO
Description (refer to i.MX28 manuals for details)
POWER SUPPLY & RESET
1-4
power VIN
Module power supply input (3.0V-5.5V)
5-7,
9-12
power VOUT
3.3V power supply output (up to 0.2A)
8
3V3
BOOTMODE
47K-PU
Boot mode select H: Boot from NAND / L: Boot from UART/USB
13
power VBACKUP
-
DS1339 RTC backup power supply. Supply voltage must be held
between 1.3V and 3.7V for proper RTC operation. This pin can be
connected to a primary cell such as a lithium button cell.
Additionally, this pin can be connected to a rechargeable cell or a
super cap when used with the trickle charge feature.
14
special
PSWITCH
100K-PU
47K-PD
10K series
Used for chip power on or recovery. PSWITCH is at MID LEVEL &
STARTUP by default. A 10kΩ resistor in series is used.
Connect to GND for LOW LEVEL, connect to 3V3 for HIGH LEVEL,
leave unconnected (MID LEVEL) if not used.
=> i.MX28 Reference manual chap 11.4 “PSWITCH Pin Functions”
15
3V3
FEC_RESET_B
ENET0_RX_CLK
ENET0_RX_ER
ENET0_1588_EVENT2_IN
GPIO4_13
10K-PU
Ethernet PHY reset – active low output signal. This pin is hard wired
to the onboard Ethernet PHY and provides a fixed function.
16
VIN
#POR
10K-PU
Power On Reset - active low input signal. Typically a push button
reset. Leave unconnected if not used. The i.MX28 is a PMU and an
SoC, power-on reset is generated internally. If low the power supply
connected to the i.MX28 is turned off.
17
3V3
#RESETIN
RESETN
This pin resets the chip if it is low. This pin is pulled up to VDDIO33
with an internal resistor. No external pull up resistors are needed
18
GND
GND
Ethernet
19
analog ETN_TXN
Transmit Data Negative: 100Base-TX or 10Base-T differential
transmit output to magnetics.
20
3V3
#ETN_LED2
Active low - output is driven active when the operating speed is
100Mbps. This LED will go inactive when the operating speed is
10Mbps or during line isolation.
21
analog ETN_TXP
Transmit Data Positive: 100Base-TX or 10Base-T differential transmit
output to magnetics.
22
power ETN_3V3
+3.3V analog power supply output to magnetics
23
analog ETN_RXN
Receive Data Negative: 100Base-TX or 10Base-T differential receive
input from magnetics.
24
3V3
#ETN_LED1
Active low - output is driven active whenever the device detects a
valid link, and blinks indicating activity.
25
analog ETN_RXP
Receive Data Positive: 100Base-TX or 10Base-T differential receive
input from magnetics.
26
GND
GND
USB-HOST
27
3V3
USBH_VBUSEN
SPDIF
ENET1_RX_ER
GPIO3_27 Active high external 5V supply enable. This pin is used to enable the
external VBUS power supply.
28
3V3
#USBH_OC
JTAG_RTCK
GPIO4_20
47K-PU
Active low over-current indicator input connected to a GPIO.
29
analog USBH_DM
USB1DM
D- pin of the USB cable
30
NC
not connected
31
analog USBH_DP
USB1DP
D+ pin of the USB cable
32
GND
GND
USB-OTG / 2nd CAN
33
3V3
USBOTG_ID
USB0ID
PWM2
USB1_OVERCURRENT
GPIO3_18
ID pin of the USB cable. For an A-Device ID is grounded. For a B-
Device ID is floated.
34
3V3
USBOTG_VBUSEN
GPMI_CE2N
CAN1_TX
ENET0_RX_ER
GPIO0_18
Active high external 5V supply enable. This pin is used to enable the
external VBUS power supply.
35
analog USBOTG_DM
USB0DM
D- pin of the USB cable
36
3V3
#USBOTG_OC
GPMI_CE3N
CAN1_RX
SAIF1_MCLK
GPIO0_19
47K-PU
Active low over-current indicator input connected to a GPIO. 10kΩ
pull-up resistor.
37
analog USBOTG_DP
USB0DP
D+ pin of the USB cable
38
power USBOTG_VBUS
VDD5V
39
GND
GND
I2C
40
3V3
I2C_DATA
I2C0_SDA
TIMROT_ROTARYB
DUART_TX
GPIO3_25
1K-PU
I2C Data
41
3V3
I2C_CLK
I2C0_SCL
TIMROT_ROTARYA
DUART_RX
GPIO3_24
10K-PU
I2C Clock
Ka-Ro electronics GmbH - Pascalstr. 22, D-52076 Aachen, Germany - Tel.: +49 2408 1402-0 (FAX -10)
www.karo-electronics.de


Similar Part No. - TX28454

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TX281-K1 TI1-TX281-K1 Datasheet
268Kb / 18P
[Old version datasheet]   PIXEL CCD IMAGE SENSOR
More results

Similar Description - TX28454

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TX53 ETC2-TX53 Datasheet
1Mb / 14P
   Two High Speed USB 2.0 ports, Two Camera Interfaces
TX48 ETC2-TX48 Datasheet
603Kb / 14P
   Two High-Speed USB 2.0 ports, True colour LCD controller
TX6Q ETC2-TX6Q Datasheet
1Mb / 20P
   Two High Speed USB 2.0 ports, Full HD LCD controller, 24bpp
logo
Axiomtek Co., Ltd.
AX93295 AXIOMTEK-AX93295 Datasheet
351Kb / 1P
   ZIO module with two isolated COM ports and two USB 3.0 ports
SHB101 AXIOMTEK-SHB101 Datasheet
134Kb / 1P
   10 USB 2.0 ports
AX93291 AXIOMTEK-AX93291 Datasheet
351Kb / 1P
   ZIO module with two Gigabit Ethernet and two COM ports
logo
XFMRS Inc.
XF973-C2-4S XFMRS-XF973-C2-4S Datasheet
88Kb / 2P
   TWO PORTS COMBO
XFATM6-C2-4S XFMRS-XFATM6-C2-4S_15 Datasheet
92Kb / 2P
   TWO PORTS COMBO
logo
Axiomtek Co., Ltd.
SBC87842 AXIOMTEK-SBC87842 Datasheet
335Kb / 1P
   2 Gigabit Ethernet ports and 2 USB 2.0 ports
logo
XFMRS Inc.
XF973-C2-4S XFMRS-XF973-C2-4S Datasheet
88Kb / 2P
   TWO PORTS COMBO
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com