Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA139NA3KG4 Datasheet(PDF) 7 Page - Texas Instruments

Part # INA139NA3KG4
Description  High-Side Measurement CURRENT SHUNT MONITOR
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA139NA3KG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button INA139NA3KG4 Datasheet HTML 3Page - Texas Instruments INA139NA3KG4 Datasheet HTML 4Page - Texas Instruments INA139NA3KG4 Datasheet HTML 5Page - Texas Instruments INA139NA3KG4 Datasheet HTML 6Page - Texas Instruments INA139NA3KG4 Datasheet HTML 7Page - Texas Instruments INA139NA3KG4 Datasheet HTML 8Page - Texas Instruments INA139NA3KG4 Datasheet HTML 9Page - Texas Instruments INA139NA3KG4 Datasheet HTML 10Page - Texas Instruments INA139NA3KG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
INA139, INA169
7
SBOS181D
www.ti.com
FIGURE 4. Offsetting the Output Voltage.
V
O
R
2
R
1
1
Gain Set by R
1 R2
Output Offset =
(V
R)R2
R
1 + R2
a) Using resistor divider.
V
O
R
L
1
REF200
100
µA
V+
V
R
Gain Set by R
L
Output Offset = (100
µA)(R
L)
(independent of V+)
b) Using current source.
INA139
3
4
INA139
3
4
FIGURE 5. Bipolar Current Measurement.
Charger
Load
1
2
+5V
5
5
4
3
1
2
+5V
4
3
1
10k
10k
INA169
INA169
+
48V
1k
1k
1k
1k
1N4148
±1A
1N4148
100k
SIGN
0V to 1V
Comparator
V
O


Similar Part No. - INA139NA3KG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA139NA/250 TI-INA139NA/250 Datasheet
200Kb / 11P
[Old version datasheet]   High-Side Measurement CURRENT SHUNT MONITOR
INA139NA/250 TI1-INA139NA/250 Datasheet
950Kb / 25P
[Old version datasheet]   High-Side Measurement Current Shunt Monitor
INA139NA/250G4 TI1-INA139NA/250G4 Datasheet
950Kb / 25P
[Old version datasheet]   High-Side Measurement Current Shunt Monitor
INA139NA/3K TI-INA139NA/3K Datasheet
200Kb / 11P
[Old version datasheet]   High-Side Measurement CURRENT SHUNT MONITOR
INA139NA/3K TI1-INA139NA/3K Datasheet
950Kb / 25P
[Old version datasheet]   High-Side Measurement Current Shunt Monitor
More results

Similar Description - INA139NA3KG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA139 TI-INA139 Datasheet
200Kb / 11P
[Old version datasheet]   High-Side Measurement CURRENT SHUNT MONITOR
INA139-Q1 TI-INA139-Q1_15 Datasheet
1Mb / 16P
[Old version datasheet]   HIGH-SIDE MEASUREMENT CURRENT SHUNT MONITOR
INA138NA250G4 TI1-INA138NA250G4 Datasheet
422Kb / 15P
[Old version datasheet]   High-Side Measurement CURRENT SHUNT MONITOR
INA138-Q1 TI1-INA138-Q1 Datasheet
1Mb / 19P
[Old version datasheet]   HIGH-SIDE MEASUREMENT CURRENT SHUNT MONITOR
INA139 TI1-INA139_17 Datasheet
950Kb / 25P
[Old version datasheet]   High-Side Measurement Current Shunt Monitor
logo
Burr-Brown (TI)
INA138 BURR-BROWN-INA138 Datasheet
69Kb / 7P
   High-Side Measurement CURRENT SHUNT MONITOR
logo
Texas Instruments
INA138 TI1-INA138_14 Datasheet
1Mb / 27P
[Old version datasheet]   High-Side Measurement Current Shunt Monitor
INA169-Q1 TI-INA169-Q1 Datasheet
157Kb / 12P
[Old version datasheet]   HIGH SIDE MEASUREMENT CURRENT SHUNT MONITOR
INA138-Q1 TI-INA138-Q1_15 Datasheet
1Mb / 22P
[Old version datasheet]   HIGH-SIDE MEASUREMENT CURRENT SHUNT MONITOR
logo
Burr-Brown (TI)
INA138 BURR-BROWN-INA138_11 Datasheet
466Kb / 15P
   High-Side Measurement CURRENT SHUNT MONITOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com