Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA155E250 Datasheet(PDF) 8 Page - Texas Instruments

Part # INA155E250
Description  Single-Supply, Rail-to-Rail Output, CMOS INSTRUMENTATION AMPLIFIER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA155E250 Datasheet(HTML) 8 Page - Texas Instruments

Back Button INA155E250 Datasheet HTML 4Page - Texas Instruments INA155E250 Datasheet HTML 5Page - Texas Instruments INA155E250 Datasheet HTML 6Page - Texas Instruments INA155E250 Datasheet HTML 7Page - Texas Instruments INA155E250 Datasheet HTML 8Page - Texas Instruments INA155E250 Datasheet HTML 9Page - Texas Instruments INA155E250 Datasheet HTML 10Page - Texas Instruments INA155E250 Datasheet HTML 11Page - Texas Instruments INA155E250 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
®
INA155
TYPICAL PERFORMANCE CURVES (Cont.)
At TA = +25°C, VS = 5.5V, RL = 10kΩ connected to VS/2. RG pins open (G = 10), and Ref = VS/2, unless otherwise noted.
1
µs/div
LARGE-SIGNAL STEP RESPONSE
G = 10, G = 50, CL = 100pF, RL = 10kΩ
INPUT COMMON-MODE RANGE
vs OUTPUT VOLTAGE, G = 50
V
OUT (V)
0
0.5
1
2
1.5
6
5
4
3
2
1
0
2.5
5.5
3
3.5
4
4.5
5
Ref = 0V
Ref = 2.75V
Ref = 5.5V
G = 50
0.9V– + 0.04VOUT + 0.06Ref < VCM < 0.9V
+ + 0.04V
OUT + 0.06Ref
5ms/div
COMMON-MODE REJECTION AT 60Hz
INPUT COMMON-MODE RANGE
vs REFERENCE VOLTAGE, G = 10
V
REF (V)
0
0.5
1
2
1.5
6
5
4
3
2
1
0
2.5
5.5
3
3.5
4
4.5
5
G = 10
0.9V+ 0.1VREF < VCM < 0.9V
+ + 0.1Ref
OUTPUT VOLTAGE SWING vs OUTPUT CURRENT
Output Current (mA)
5
4
3
2
1
0
0
10
20
3040
5060
70
80
90
100
+125
°C
+25
°C
–55
°C
+125
°C
+25
°C
–55
°C


Similar Part No. - INA155E250

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA155E BURR-BROWN-INA155E Datasheet
140Kb / 11P
   Single-Supply, Rail-to-Rail Output, CMOS INSTRUMENTATION AMPLIFIER
logo
Texas Instruments
INA155E/250 TI1-INA155E/250 Datasheet
720Kb / 16P
[Old version datasheet]   Single-Supply, Rail-to-Rail Output, CMOS INSTRUMENTATION AMPLIFIER
INA155E/250G4 TI1-INA155E/250G4 Datasheet
720Kb / 16P
[Old version datasheet]   Single-Supply, Rail-to-Rail Output, CMOS INSTRUMENTATION AMPLIFIER
INA155E/2K5 TI1-INA155E/2K5 Datasheet
720Kb / 16P
[Old version datasheet]   Single-Supply, Rail-to-Rail Output, CMOS INSTRUMENTATION AMPLIFIER
logo
Burr-Brown (TI)
INA155EA BURR-BROWN-INA155EA Datasheet
140Kb / 11P
   Single-Supply, Rail-to-Rail Output, CMOS INSTRUMENTATION AMPLIFIER
More results

Similar Description - INA155E250

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA155 BURR-BROWN-INA155 Datasheet
140Kb / 11P
   Single-Supply, Rail-to-Rail Output, CMOS INSTRUMENTATION AMPLIFIER
INA156 BURR-BROWN-INA156 Datasheet
114Kb / 10P
   Single-Supply, Rail-to-Rail Output, CMOS INSTRUMENTATION AMPLIFIER
logo
Texas Instruments
INA155 TI1-INA155 Datasheet
720Kb / 16P
[Old version datasheet]   Single-Supply, Rail-to-Rail Output, CMOS INSTRUMENTATION AMPLIFIER
INA156 TI1-INA156 Datasheet
685Kb / 15P
[Old version datasheet]   Single-Supply, Rail-to-Rail Output, CMOS INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD8226 AD-AD8226_16 Datasheet
707Kb / 29P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
AD8426 AD-AD8426_16 Datasheet
625Kb / 29P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
AD8426 AD-AD8426 Datasheet
284Kb / 20P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
Rev. PrD
AD8226ARMZ AD-AD8226ARMZ Datasheet
685Kb / 28P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
REV. A
AD8227 AD-AD8227_16 Datasheet
539Kb / 25P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
AD8226 AD-AD8226 Datasheet
547Kb / 16P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
Rev. PrA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com