Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

30D506G050DD2 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 30D506G050DD2
Description  Aluminum Capacitors Little-Lytic Electrolytics
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

30D506G050DD2 Datasheet(HTML) 1 Page - Vishay Siliconix

  30D506G050DD2 Datasheet HTML 1Page - Vishay Siliconix 30D506G050DD2 Datasheet HTML 2Page - Vishay Siliconix 30D506G050DD2 Datasheet HTML 3Page - Vishay Siliconix 30D506G050DD2 Datasheet HTML 4Page - Vishay Siliconix 30D506G050DD2 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TE
www.vishay.com
Vishay Sprague
Revision: 28-Aug-12
1
Document Number: 42042
For technical questions, contact: aluminumcaps4@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Aluminum Capacitors
Little-Lytic Electrolytics
FEATURES
• Proven dependable performance in the industrial
and electronic equipment with either transistor or
modified electron-tube circuits
• All terminal connections welded, eliminating
possibility of open or intermittent contacts occasionally
found in pressure joints of conventional capacitors
• Superior in size, performance characteristics, shelf life,
construction and reliability
• Metal-encased with clear plastic outer insulating sleeve
• Excellent circuit performance when used as coupling
capacitors
• Minimum drain and long battery life when used in battery
bypass applications
• Better performance under life test than most miniature
aluminum electrolytic capacitors
•Axial lead
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
CAPACITANCE VS. TEMPERATURE
DIMENSIONS AND AVAILABLE FORMS
QUICK REFERENCE DATA
DESCRIPTION
VALUE
Operating temperature
- 40 °C to + 105 °C
Tolerance on CR
G = + 75 %, - 10 % and
F = + 50 %, - 10 %
Ripple current
10
 to 600  max. at 120 Hz,
depending upon capacitance
Life validation test
2000 h at + 85 °C
After test, capacitance value shall
not have changed by more than ± 20 %,
the equivalent series resistance in ohms
shall not have exceeded 150 % of initial
requirement and the leakage current
shall not have exceeded the
initial requirement.
DC leakage current
Maximum DC leakage current at + 25 °C
for all capacitors is 15 μA, except units
in case code DD, which is 15.8 μA.
Shelf test
250 h at + 85 °C,
with no voltage applied
The capacitance and equivalent series
resistance shall meet the initial
requirements and the DC leakage
current shall not exceed 300 % of the
initial requirement.
800 µF - 3 V
300 µF - 16 V
200 µF - 25 V
100 µF - 50 V
25 µF - 100 V
- 40
Typical
- 20
0
+ 20
+ 40
+ 60
+ 80
+ 100 + 120
0.9
1.0
1.1
1.2
Temperature in °C
DIMENSIONS in inches [millimeters]
CASE CODE
D
L
CASE CODE
D
L
BA
0.260 [6.604]
0.536 [13.614]
DC
0.385 [9.779]
0.848 [21.539]
BB
0.260 [6.604]
0.723 [18.364]
DD
0.385 [9.779]
0.973 [24.714]
CB
0.322 [8.179
]
0.723 [18.364]
DF
0.385 [9.779]
1.286 [32.664]
CC
0.322 [8.179]
0.848 [21.539]
DH
0.385 [9.779]
1.536 [39.014]
DB
0.385 [9.779]
0.723 [18.364]
L
1.500
[38.10]
min.
D
0.032 [0.811] dia.
No. 20 AWG tinned copper leads
1.500
[38.10]
min.


Similar Part No. - 30D506G050DD2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
30D506G050DD2 VISHAY-30D506G050DD2 Datasheet
77Kb / 5P
   Aluminum Capacitors Little-Lytic Electrolytics
Revision: 06-Dec-13
More results

Similar Description - 30D506G050DD2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TE1207 VISHAY-TE1207 Datasheet
76Kb / 5P
   Aluminum Capacitors Little-Lytic Electrolytics
Revision: 28-Aug-12
TE1305 VISHAY-TE1305 Datasheet
77Kb / 5P
   Aluminum Capacitors Little-Lytic Electrolytics
Revision: 06-Dec-13
TE VISHAY-TE_12 Datasheet
76Kb / 5P
   Aluminum Capacitors Little-Lytic Electrolytics
Revision: 28-Aug-12
TE1160 VISHAY-TE1160 Datasheet
77Kb / 5P
   Aluminum Capacitors Little-Lytic Electrolytics
Revision: 06-Dec-13
TE1211 VISHAY-TE1211 Datasheet
77Kb / 5P
   Aluminum Capacitors Little-Lytic Electrolytics
Revision: 06-Dec-13
630D VISHAY-630D Datasheet
87Kb / 1P
   Aluminum Capacitors Electrolytics
Revision 17-Feb-03
39D408G025JS6 VISHAY-39D408G025JS6 Datasheet
105Kb / 9P
   Aluminum Capacitors 85 °C, Powerlytic® Electrolytics
Revision: 17-Nov-06
39D VISHAY-39D Datasheet
88Kb / 8P
   Aluminum Capacitors 85 °C, Powerlytic® Electrolytics
Revision: 20-Mar-13
156PUM-SI VISHAY-156PUM-SI Datasheet
127Kb / 7P
   Aluminum Capacitors Aluminum Capacitors
Revision: 18-Aug-08
logo
HK TO-GRACE TECHNOLOGY ...
VLMR71AAAC-GS08 TO-GRACE-VLMR71AAAC-GS08 Datasheet
797Kb / 7P
   Little Star 1 W Power SMD LED
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com