Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1941320000 Datasheet(PDF) 1 Page - Weidmuller

Part # 1941320000
Description  PCB connection systems
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

1941320000 Datasheet(HTML) 1 Page - Weidmuller

  1941320000 Datasheet HTML 1Page - Weidmuller 1941320000 Datasheet HTML 2Page - Weidmuller 1941320000 Datasheet HTML 3Page - Weidmuller 1941320000 Datasheet HTML 4Page - Weidmuller 1941320000 Datasheet HTML 5Page - Weidmuller 1941320000 Datasheet HTML 6Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Product catalogue | PCB connection systems | PCB plug-in connectors | Pitch 3.81 mm (0.150 inch) | Socket connectors,
screw clamp connection, pitch 3.81 | BCZ 3.81/180 | BCZ 3.81/180F
- 1 -
General ordering data
Order No.
1793120000
Part designation
BCZ 3.81/16/180F SN GN
Version
PCB plug-in connector, Female connectors,
Clamping yoke connection, Clamping range, max.:
1.5 mm², Pitch: 3.81 mm, No. of poles: 16, 180°,
Box
EAN
4032248227204
Qty.
50 pc(s).
System parameters
Conductor connection system
Clamping yoke connection
Outgoing direction of conductor
180°
Pitch
3.81 mm
Pitch in inch
0.15 inch
No. of poles
16
No. of rows
1
Screwdriver blade
0.4 x 2.5
Screwdriver blade standard
DIN 5264
Tightening torque, min.
0.2
Tightening torque, max.
0.25 Nm
Clamping screw
M 2
Stripping length
7 mm
L1 in mm
57.12 mm
L1 in inch
2.25 inch
Electric shock protection to DIN VDE 0470
IP 20
Electric shock protection to DIN VDE 0470
Safe from finger touch
Material data
Insulating material
PA GF
Colour
Pale green
colour chart
Similar to RAL 6021
Insulating material group
II
Flammability class UL 94
V-0
CTI
>= 475


Similar Part No. - 1941320000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1941320000 WEIDMULLER-1941320000 Datasheet
86Kb / 6P
   PCB connection systems
More results

Similar Description - 1941320000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1748280000 WEIDMULLER-1748280000 Datasheet
84Kb / 5P
   PCB connection systems
1791640000 WEIDMULLER-1791640000 Datasheet
84Kb / 4P
   PCB connection systems
1792920000 WEIDMULLER-1792920000 Datasheet
88Kb / 6P
   PCB connection systems
1727710000 WEIDMULLER-1727710000 Datasheet
82Kb / 5P
   PCB connection systems
1792900000 WEIDMULLER-1792900000 Datasheet
88Kb / 6P
   PCB connection systems
1696060000 WEIDMULLER-1696060000 Datasheet
100Kb / 5P
   PCB connection systems
1729040000 WEIDMULLER-1729040000 Datasheet
93Kb / 4P
   PCB connection systems
1729680000 WEIDMULLER-1729680000 Datasheet
93Kb / 4P
   PCB connection systems
1748240000 WEIDMULLER-1748240000 Datasheet
84Kb / 5P
   PCB connection systems
1728020000 WEIDMULLER-1728020000 Datasheet
97Kb / 4P
   PCB connection systems
1793110000 WEIDMULLER-1793110000 Datasheet
86Kb / 6P
   PCB connection systems
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com