Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QSE114 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # QSE114
Description  PLASTIC SILICON INFRARED PHOTOTRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

QSE114 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  QSE114 Datasheet HTML 1Page - Fairchild Semiconductor QSE114 Datasheet HTML 2Page - Fairchild Semiconductor QSE114 Datasheet HTML 3Page - Fairchild Semiconductor QSE114 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PACKAGE DIMENSIONS
SCHEMATIC
PLASTIC SILICON
INFRARED PHOTOTRANSISTOR
QSE113
QSE114
5/1/02
Page 1 of 4
© 2002 Fairchild Semiconductor Corporation
DESCRIPTION
The QSE113/114 is a silicon phototransistor encapsulated in a wide angle, infrared transparent, black plastic sidelooker package.
FEATURES
NPN silicon phototransistor
Package type: Sidelooker
Medium wide reception angle, 50°
Package material and color: black epoxy
Matched emitter: QEE113
Daylight filter
High sensitivity
0.175 (4.44)
0.200 (5.08)
0.050 (1.27)
0.020 (0.51) SQ.
(2X)
0.500 (12.70)
MIN
Ø 0.065 (1.65)
Ø 0.095 (2.41)
0.100 (2.54)
0.100 (2.54)
NOM
0.030 (0.76)
0.087 (2.22)
EMITTER
COLLECTOR
Collector
Emitter
NOTES:
1. Dimensions for all drawings are in inches (mm).
2. Tolerance of ± .010 (.25) on all non-nominal dimensions unless
otherwise specified.


Similar Part No. - QSE114

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
QSE114 QT-QSE114 Datasheet
170Kb / 2P
   SIDELOODER PHOTOTRANSISTOR
More results

Similar Description - QSE114

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
QSC112 FAIRCHILD-QSC112 Datasheet
105Kb / 4P
   PLASTIC SILICON INFRARED PHOTOTRANSISTOR
QSE122 FAIRCHILD-QSE122 Datasheet
327Kb / 4P
   PLASTIC SILICON INFRARED PHOTOTRANSISTOR
QSE133 FAIRCHILD-QSE133 Datasheet
323Kb / 4P
   PLASTIC SILICON INFRARED PHOTOTRANSISTOR
QSC112 FAIRCHILD-QSC112_06 Datasheet
510Kb / 4P
   Plastic Silicon Infrared Phototransistor
QSE213C FAIRCHILD-QSE213C Datasheet
437Kb / 4P
   Plastic Silicon Infrared Phototransistor
QSD122 FAIRCHILD-QSD122 Datasheet
93Kb / 4P
   PLASTIC SILICON INFRARED PHOTOTRANSISTOR
QSC112 FAIRCHILD-QSC112_07 Datasheet
152Kb / 4P
   Plastic Silicon Infrared Phototransistor
QSD722 FAIRCHILD-QSD722 Datasheet
51Kb / 4P
   PLASTIC SILICON INFRARED PHOTOTRANSISTOR
QSC112CC6R0 FAIRCHILD-QSC112CC6R0 Datasheet
153Kb / 4P
   Plastic Silicon Infrared Phototransistor
QSE213 FAIRCHILD-QSE213_05 Datasheet
80Kb / 4P
   Plastic Silicon Infrared Phototransistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com