Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3881 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LM3881
Description  LM3881 Power Sequencer
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3881 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM3881 Datasheet HTML 5Page - Texas Instruments LM3881 Datasheet HTML 6Page - Texas Instruments LM3881 Datasheet HTML 7Page - Texas Instruments LM3881 Datasheet HTML 8Page - Texas Instruments LM3881 Datasheet HTML 9Page - Texas Instruments LM3881 Datasheet HTML 10Page - Texas Instruments LM3881 Datasheet HTML 11Page - Texas Instruments LM3881 Datasheet HTML 12Page - Texas Instruments LM3881 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
EN
Tenable delay
0V
1.22V
Tenable_delay =
1.22V x CEN
7 PA
7 PA
Enable
CEN
EN
+
-
1.22V
LM3881
www.ti.com
SNVS555C – JANUARY 2008 – REVISED APRIL 2013
ENABLE CIRCUIT
The enable circuit is designed with an internal comparator, referenced to a bandgap voltage (1.22V), to provide a
precision threshold. This allows the timing to be set externally using a capacitor as shown in the diagram below.
Alternatively, sequencing can be based on a certain event such as a line voltage reaching 90% of its nominal
value by employing a resistor divider from VCC to Enable.
Figure 14. Precision Enable Circuit
Using the internal pull-up current source to charge the external capacitor CEN, the time delay while the enable
voltage reaches the required threshold, assuming EN is charging from 0V, can be calculated by the equation as
follows.
Figure 15. Enable Delay Timing
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM3881


Similar Part No. - LM3881

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3881 NSC-LM3881 Datasheet
243Kb / 14P
   Power Sequencer
logo
Texas Instruments
LM3881 TI-LM3881 Datasheet
791Kb / 17P
[Old version datasheet]   LM3881 Power Sequencer
LM3881 TI1-LM3881 Datasheet
790Kb / 17P
[Old version datasheet]   Power Sequencer
LM3881 TI1-LM3881 Datasheet
1Mb / 27P
[Old version datasheet]   LM3881 Simple Power Sequencer With Adjustable Timing
logo
National Semiconductor ...
LM3881MM NSC-LM3881MM Datasheet
243Kb / 14P
   Power Sequencer
More results

Similar Description - LM3881

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3881MM-NOPB TI-LM3881MM-NOPB Datasheet
791Kb / 17P
[Old version datasheet]   LM3881 Power Sequencer
LM3881 TI1-LM3881 Datasheet
1Mb / 27P
[Old version datasheet]   LM3881 Simple Power Sequencer With Adjustable Timing
LM3881 TI1-LM3881_14 Datasheet
790Kb / 17P
[Old version datasheet]   Power Sequencer
logo
National Semiconductor ...
LM3880 NSC-LM3880_08 Datasheet
283Kb / 12P
   Power Sequencer
LM3881 NSC-LM3881 Datasheet
243Kb / 14P
   Power Sequencer
LM3880 NSC-LM3880 Datasheet
611Kb / 20P
   Power Sequencer
logo
Texas Instruments
LM3880 TI1-LM3880_14 Datasheet
844Kb / 20P
[Old version datasheet]   Power Sequencer
logo
ABLIC Inc.
S-77100 ABLIC-S-77100 Datasheet
2Mb / 40P
   POWER SEQUENCER
Rev.1.0_02
logo
Seiko Instruments Inc
S-77100 SII-S-77100 Datasheet
4Mb / 40P
   POWER SEQUENCER
logo
Texas Instruments
LM3880 TI1-LM3880_16 Datasheet
1Mb / 29P
[Old version datasheet]   Simple Power Sequencer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com