Electronic Components Datasheet Search |
|
1793430000 Datasheet(PDF) 1 Page - Weidmuller |
|
1793430000 Datasheet(HTML) 1 Page - Weidmuller |
1 / 5 page Product catalogue | PCB connection systems | PCB plug-in connectors | Pitch 3.81 mm (0.150 inch) | Plug connectors, solder connection, pitch 3.81 | SC 3.81/90 | SC 3.81/90F - 1 - General ordering data Order No. 1793490000 Part designation SC 3.81/12/90F3.2SN GN Version PCB plug-in connector, Male connectors, Soldered connection, Pitch: 3.81 mm, No. of poles: 12, 90°, Box EAN 4032248228768 Qty. 50 pc(s). System parameters Fitted to PCB Soldered connection Outgoing elbow 90° Pitch 3.81 mm Pitch in inch 0.15 inch No. of poles 12 Solder pin length 3.2 mm Can be coded Yes No. of rows 1 No. of solder pins per pole 1 Dia. of fitting hole 1.2 mm Fitting hole tolerance + 0.1 mm L1 in mm 41.91 mm L1 in inch 1.65 inch Insulation resistance 1,000 MΩ Electric shock protection to DIN VDE 0470 IP 20 Electric shock protection to DIN VDE 0470 Safe from finger touch Material data Insulating material PA GF Colour Pale green colour chart Similar to RAL 6021 Insulating material group II Flammability class UL 94 V-0 CTI >= 475 Contact base material Copper alloy |
Similar Part No. - 1793430000 |
|
Similar Description - 1793430000 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |