Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5066 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LM5066
Description  LM5066 High Voltage System Power Management and Protection IC with PMBus
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5066 Datasheet(HTML) 5 Page - Texas Instruments

  LM5066 Datasheet HTML 1Page - Texas Instruments LM5066 Datasheet HTML 2Page - Texas Instruments LM5066 Datasheet HTML 3Page - Texas Instruments LM5066 Datasheet HTML 4Page - Texas Instruments LM5066 Datasheet HTML 5Page - Texas Instruments LM5066 Datasheet HTML 6Page - Texas Instruments LM5066 Datasheet HTML 7Page - Texas Instruments LM5066 Datasheet HTML 8Page - Texas Instruments LM5066 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 63 page
background image
LM5066
www.ti.com
SNVS655G – JUNE 2011 – REVISED FEBRUARY 2013
Electrical Characteristics
Limits in standard type are for TJ = 25°C only; limits in boldface type apply over the junction temperature (TJ) range of -40°C
to +125°C unless otherwise stated. Minimum and Maximum limits are ensured through test, design, or statistical correlation.
Typical values represent the most likely parametric norm at TJ = 25°C, and are provided for reference purposes only. Unless
otherwise stated the following conditions apply: VIN = 48V. See
(1) and (2).
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Input (VIN Pin)
IIN-EN
Input Current, enabled
VUVLO = 3V and VOVLO = 2V
7.2
9.5
mA
PORIT
Power On Reset threshold at VIN to
VIN Increasing
7.8
9.0
V
trigger insertion timer
POREN
Power On Reset threshold at VIN to
VIN Increasing
8.6
9.9
V
enable all functions
PORHYS
POREN Hysteresis
VIN Decreasing
120
mV
VDD Regulator (VDD pin)
VDD
IVDD = 0 mA
4.60
4.90
5.15
V
IVDD = 10 mA
4.85
V
VDDILIM
VDD Current Limit
-25
-30
-42
mA
VDDPOR
VDD Voltage Reset threshold
VDD Rising
4.1
V
UVLO/EN, OVLO Pins
UVLOTH
UVLO threshold
VUVLO Falling
2.41
2.48
2.55
V
UVLOHYS
UVLO hysteresis current
UVLO = 1V
13
20
26
µA
UVLODEL
UVLO delay
Delay to GATE high
9
µs
Delay to GATE low
13
UVLOBIAS
UVLO bias current
UVLO = 3V
1
µA
OVLOTH
OVLO threshold
VOVLO Rising
2.39
2.46
2.53
V
OVLOHYS
OVLO hysteresis current
OVLO = 1V
-26
-21
-13
µA
OVLODEL
OVLO delay
Delay to GATE high
13
µs
Delay to GATE low
10
OVLOBIAS
OVLO bias current
OVLO = 1V
1
µA
Power Good (PGD pin)
PGDVOL
Output low voltage
ISINK = 2 mA
60
110
mV
PGDIOH
Off leakage current
VPGD = 80V
1
µA
FB Pin
FBTH
FB Threshold
VUVLO = 3V and VOVLO = 2V
2.41
2.46
2.52
V
FBHYS
FB Hysteresis Current
-25
-20
-15
µA
FBDEL
FB Delay
Delay to PGD high
7.6
µs
Delay to PGD low
9.2
µs
FBLEAK
Off Leakage Current
VFB = 2.3V
1
µA
Power Limit (PWR Pin)
PWRLIM
Power limit sense voltage (VIN-SENSE)
SENSE-OUT = 48V, RPWR = 121 kΩ
16.5
19.5
22.5
mV
SENSE-OUT = 24V, RPWR = 75 kΩ
23
mV
IPWR
PWR pin current
VPWR = 2.5V
-20
µA
RSAT(PWR)
PWR pin impedance when disabled
UVLO = 2V
135
Gate Control (GATE Pin)
IGATE
Source current
Normal Operation
-26
-20
-10
µA
Fault Sink current
UVLO = 2V
3.4
4.2
5.3
mA
POR Circuit Breaker sink current
VIN - SENSE = 150 mV or VIN < PORIT,
50
115
180
mA
VGATE = 5V
(1)
Current out of a pin is indicated as a negative value.
(2)
All electrical characteristics having room temperature limits are tested during production at TA = 25°C. All hot and cold limits are
specified by correlating the electrical characteristics to process and temperature variations and applying statistical process control.
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM5066


Similar Part No. - LM5066

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5066 TI1-LM5066 Datasheet
1Mb / 50P
[Old version datasheet]   High Voltage System Power Management and Protection IC with PMBus
LM5066 TI1-LM5066 Datasheet
1Mb / 64P
[Old version datasheet]   High Voltage System Power Management and Protection IC with PMBus
LM5066 TI1-LM5066 Datasheet
2Mb / 65P
[Old version datasheet]   Hotswap Controller With I/V/P Monitoring and PMBus Interface
LM5066I TI1-LM5066I Datasheet
4Mb / 71P
[Old version datasheet]   10 to 80 V, Hotswap Controller
LM5066IPMH/NMC1 TI1-LM5066IPMH/NMC1 Datasheet
4Mb / 71P
[Old version datasheet]   10 to 80 V, Hotswap Controller
More results

Similar Description - LM5066

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5066 TI1-LM5066 Datasheet
1Mb / 50P
[Old version datasheet]   High Voltage System Power Management and Protection IC with PMBus
LM5066 TI1-LM5066_14 Datasheet
1Mb / 64P
[Old version datasheet]   High Voltage System Power Management and Protection IC with PMBus
LM25066A TI1-LM25066A Datasheet
1Mb / 49P
[Old version datasheet]   System Power Management and Protection IC with PMBus?
LM25066 TI1-LM25066_16 Datasheet
1Mb / 63P
[Old version datasheet]   System Power Management and Protection IC With PMBus
LM5064 TI1-LM5064 Datasheet
1Mb / 51P
[Old version datasheet]   Negative Voltage System Power Management and Protection IC with PMBus
LM25066I TI1-LM25066I Datasheet
1Mb / 60P
[Old version datasheet]   Intel Node Manager Compliant System Power Management and Protection IC with PMBus
LM5056 TI-LM5056 Datasheet
1Mb / 46P
[Old version datasheet]   High-Voltage System Power Management Device with PMBus?
LM5064 TI1-LM5064_16 Datasheet
1Mb / 62P
[Old version datasheet]   Negative Voltage System Power Management and Protection IC
LM25066A TI1-LM25066A_15 Datasheet
1Mb / 58P
[Old version datasheet]   System Power Management and Protection IC
LM25056A TI1-LM25056A Datasheet
624Kb / 33P
[Old version datasheet]   System Power Measurement IC with PMBus?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com