Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65ALS1176DR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN65ALS1176DR
Description  DIFFERENTIAL BUS TRANSCEIVER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65ALS1176DR Datasheet(HTML) 5 Page - Texas Instruments

  SN65ALS1176DR Datasheet HTML 1Page - Texas Instruments SN65ALS1176DR Datasheet HTML 2Page - Texas Instruments SN65ALS1176DR Datasheet HTML 3Page - Texas Instruments SN65ALS1176DR Datasheet HTML 4Page - Texas Instruments SN65ALS1176DR Datasheet HTML 5Page - Texas Instruments SN65ALS1176DR Datasheet HTML 6Page - Texas Instruments SN65ALS1176DR Datasheet HTML 7Page - Texas Instruments SN65ALS1176DR Datasheet HTML 8Page - Texas Instruments SN65ALS1176DR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
SN65ALS1176
DIFFERENTIAL BUS TRANSCEIVER
SLLS295A – APRIL 1998 – REVISED DECEMBER 1999
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature range
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
td(OD)
Differential output delay time
R54
C50 F
15
ns
tsk(p)
Pulse skew‡
RL = 54 Ω,
See Figure 3
CL = 50 pF,
0
2
ns
tt(OD)
Differential output transition time
See Figure 3
8
ns
tPZH
Output enable time to high level
RL = 110 Ω,
See Figure 4
CL = 50 pF,
80
ns
tPZL
Output enable time to low level
RL = 110 Ω,
See Figure 5
CL = 50 pF,
30
ns
tPHZ
Output disable time from high level
RL = 110 Ω,
See Figure 4
CL = 50 pF,
50
ns
tPLZ
Output disable time from low level
RL = 110 Ω,
See Figure 5
CL = 50 pF,
30
ns
† All typical values are at VCC = 5 V, TA = 25°C.
‡ Pulse skew is defined as the |tPLH – tPHL| of each channel of the same device.
SYMBOL EQUIVALENTS
DATA-SHEET PARAMETER
TIA/EIA-422-B
TIA/EIA-485-A
VO
Voa, Vob
Voa, Vob
|VOD1|
Vo
Vo
|VOD2|
Vt (RL = 100 Ω)
Vt (RL = 54 Ω)
|VOD3|
None
Vt (test termination
measurement 2)
∆ |VOD|
||Vt| – |Vt||
||Vt| – |Vt||
VOC
|Vos|
|Vos|
∆ |VOC|
|Vos – Vos|
|Vos – Vos|
IOS
|Isa|, |Isb|
None
IO
|Ixa|, |Ixb|
Iia, Iib


Similar Part No. - SN65ALS1176DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65ALS1176D TI-SN65ALS1176D Datasheet
166Kb / 12P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
More results

Similar Description - SN65ALS1176DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65ALS1176 TI-SN65ALS1176 Datasheet
166Kb / 12P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
SN65LBC182 TI-SN65LBC182_07 Datasheet
335Kb / 18P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
SN65LBC176A-EP TI1-SN65LBC176A-EP Datasheet
410Kb / 17P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
logo
Linear Technology
LTC1485 LINER-LTC1485_15 Datasheet
188Kb / 12P
   Differential Bus Transceiver
logo
Texas Instruments
SN65LBC176-Q1 TI1-SN65LBC176-Q1 Datasheet
791Kb / 15P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
logo
Burr-Brown (TI)
ISO422 BURR-BROWN-ISO422 Datasheet
251Kb / 8P
   DIFFERENTIAL BUS TRANSCEIVER
logo
Texas Instruments
SN65LBC182 TI-SN65LBC182 Datasheet
290Kb / 15P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
TL3695 TI1-TL3695_12 Datasheet
507Kb / 20P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
SN65LBC176QDRQ1 TI1-SN65LBC176QDRQ1 Datasheet
741Kb / 14P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
SN65LBC182 TI-SN65LBC182_01 Datasheet
189Kb / 13P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
SN65LBC182 TI-SN65LBC182_08 Datasheet
456Kb / 17P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com