Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B72590T8151V060 Datasheet(PDF) 10 Page - EPCOS

Part # B72590T8151V060
Description  Ceramic transient voltage suppressors
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B72590T8151V060 Datasheet(HTML) 10 Page - EPCOS

Back Button B72590T8151V060 Datasheet HTML 6Page - EPCOS B72590T8151V060 Datasheet HTML 7Page - EPCOS B72590T8151V060 Datasheet HTML 8Page - EPCOS B72590T8151V060 Datasheet HTML 9Page - EPCOS B72590T8151V060 Datasheet HTML 10Page - EPCOS B72590T8151V060 Datasheet HTML 11Page - EPCOS B72590T8151V060 Datasheet HTML 12Page - EPCOS B72590T8151V060 Datasheet HTML 13Page - EPCOS B72590T8151V060 Datasheet HTML 14Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
1.2
Cardboard tape (taping to IEC 60286-3)
Dimensions in mm
8-mm tape
Case size (inch/mm)
Case size
(inch/mm)
Tolerance
0201/0603 0402/1005 0405/1012 0603/1608 1003/2508 0508/1220
A0
0.38
±0.05
0.60
1.05
0.95
1.00
1.60
±0.20
B0
0.68
±0.05
1.15
1.60
1.80
2.85
2.40
±0.20
T
0.35
±0.02
0.60
0.75
0.95
1.00
0.95
max.
T2
0.4 min.
0.70
0.90
1.10
1.10
1.12
max.
D0
1.50
±0.1
1.50
1.50
+0.10/ 0
P0
4.00
±0.102)
P2
2.00
±0.05
P1
2.00
±0.05
2.00
4.00
4.00
4.00
4.00
±0.10
W
8.00
±0.30
E
1.75
±0.10
F
3.50
±0.05
G
1.35
0.75
min.
2)
≤0.2 mm over 10 sprocket holes.
Multilayer varistors (MLVs)
High-speed series
Page 10 of 30
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B72590T8151V060

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72590T8151V060 EPCOS-B72590T8151V060 Datasheet
645Kb / 28P
   Ceramic transient voltage suppressors
More results

Similar Description - B72590T8151V060

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
B72510T5250K062 EPCOS-B72510T5250K062 Datasheet
3Mb / 72P
   Ceramic transient voltage suppressors SMD multilayer transient voltage suppressors
B72580V0110K062 EPCOS-B72580V0110K062_12 Datasheet
2Mb / 82P
   Ceramic transient voltage suppressors SMD multilayer transient voltage suppressors
B72862F1050S160 EPCOS-B72862F1050S160 Datasheet
653Kb / 28P
   Ceramic transient voltage suppressors
B72762A8140S160 EPCOS-B72762A8140S160_08 Datasheet
645Kb / 28P
   Ceramic transient voltage suppressors
B72587G3140S200 EPCOS-B72587G3140S200 Datasheet
691Kb / 29P
   Ceramic transient voltage suppressors
B72500E2170K060 EPCOS-B72500E2170K060 Datasheet
256Kb / 13P
   Ceramic transient voltage suppressors
B72500E2170S160 EPCOS-B72500E2170S160 Datasheet
156Kb / 13P
   Ceramic transient voltage suppressors
B72510E0140K062 EPCOS-B72510E0140K062 Datasheet
164Kb / 14P
   Ceramic transient voltage suppressors
B72510E0250K062 EPCOS-B72510E0250K062 Datasheet
163Kb / 14P
   Ceramic transient voltage suppressors
B72510E0300K062 EPCOS-B72510E0300K062 Datasheet
162Kb / 14P
   Ceramic transient voltage suppressors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com