Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65HVD255 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD255
Description  Turbo CAN Transceivers for Higher Data Rates and Large Networks Including Features
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65HVD255 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN65HVD255 Datasheet HTML 2Page - Texas Instruments SN65HVD255 Datasheet HTML 3Page - Texas Instruments SN65HVD255 Datasheet HTML 4Page - Texas Instruments SN65HVD255 Datasheet HTML 5Page - Texas Instruments SN65HVD255 Datasheet HTML 6Page - Texas Instruments SN65HVD255 Datasheet HTML 7Page - Texas Instruments SN65HVD255 Datasheet HTML 8Page - Texas Instruments SN65HVD255 Datasheet HTML 9Page - Texas Instruments SN65HVD255 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
TXD
DTO
RXD
DTO
Thermal
Shutdown
FAULT
GND
UV
Lockout
VCC or VIO
µP
FAULT
Input
SN65HVD255
SN65HVD256, SN65HVD257
SLLSEA2C – DECEMBER 2011 – REVISED SEPTEMBER 2013
www.ti.com
Undervoltage Lockout
The supply pins have undervoltage detection that places the device in protected mode. This protects the bus
during an undervoltage event on either the VCC or VRXD supply pins.
Table 4. Undervoltage Lockout 5V Only Devices (SN65HVD255 and SN65HVD257)
VCC
DEVICE STATE
BUS OUTPUT
RXD
GOOD
Normal
Per Device State and TXD
Mirrors Bus
BAD
Protected
High Impedance
High Impedance (3-state)
Table 5. Undervoltage Lockout 5V and VRXD Device (SN65HVD256)
VCC
VRXD
DEVICE STATE
BUS OUTPUT
RXD
GOOD
GOOD
Normal
Per Device State and TXD
Mirrors Bus
BAD
GOOD
Protected
High Impedance
High (Recessive)
GOOD
BAD
Protected
Recessive
High Impedance (3-state)
BAD
BAD
Protected
High Impedance
High Impedance (3-state)
APPLICATION NOTE: After an undervoltage condition is cleared and the supplies have returned to valid
levels, the device typically resumes normal operation in 300 µs.
FAULT Pin (SN65HVD257)
If one or more of the faults (TXD-Dominant Timeout, RXD dominant Timeout, Thermal Shutdown or
Undervoltage Lockout) occurs, the FAULT pin (open-drain) turns off, resulting in a high level when externally
pulled up to VCC or IO supply.
Figure 5. FAULT Pin Function Diagram and Application
6
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: SN65HVD255 SN65HVD256 SN65HVD257


Similar Part No. - SN65HVD255

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD255 TI1-SN65HVD255 Datasheet
647Kb / 21P
[Old version datasheet]   CAN Transceiver with Fast Loop Times for Highly Loaded Networks
SN65HVD255D TI1-SN65HVD255D Datasheet
647Kb / 21P
[Old version datasheet]   CAN Transceiver with Fast Loop Times for Highly Loaded Networks
SN65HVD255DR TI1-SN65HVD255DR Datasheet
647Kb / 21P
[Old version datasheet]   CAN Transceiver with Fast Loop Times for Highly Loaded Networks
More results

Similar Description - SN65HVD255

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD265 TI1-SN65HVD265 Datasheet
1Mb / 33P
[Old version datasheet]   Turbo CAN Transceivers
logo
Intel Corporation
AX200 INTEL-AX200 Datasheet
177Kb / 3P
   Nearly 40% higher peak data rates and up to 4x capacity
logo
List of Unclassifed Man...
MD-4DR ETC2-MD-4DR Datasheet
92Kb / 6P
   Bluetooth module for 2.4GHz systems including enhanced data rates(EDR) to 3Mbps
logo
Analog Devices
ADM3055E AD-ADM3055E Datasheet
454Kb / 24P
   Signal and Power Isolated, CAN Transceivers for CAN FD
logo
National Instruments Co...
VXI-USB NI-VXI-USB Datasheet
573Kb / 4P
   VXIbus 3.0 features including A64 addressing and 2eVME protocol
logo
Texas Instruments
TCAN330 TI1-TCAN330 Datasheet
1Mb / 39P
[Old version datasheet]   CAN Transceivers
logo
Neutrik AG
NBLC75BSX14 NEUTRIK-NBLC75BSX14 Datasheet
121Kb / 3P
   The rearTWIST HD Large BNC cable connector is designed for large cable diameters as used on long runs and high data rates(HD).
logo
Texas Instruments
TCAN330 TI1-TCAN330_16 Datasheet
1Mb / 40P
[Old version datasheet]   3.3-V CAN Transceivers with CAN FD (Flexible Data Rate)
logo
ON Semiconductor
AMIS-42670 ONSEMI-AMIS-42670_13 Datasheet
156Kb / 10P
   High-Speed CAN Transceiver for Long Networks
January, 2009 ??Rev. 3
AMIS-42670 ONSEMI-AMIS-42670 Datasheet
156Kb / 10P
   High-Speed CAN Transceiver for Long Networks
January, 2009 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com