Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65HVD257D Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD257D
Description  Turbo CAN Transceivers for Higher Data Rates and Large Networks Including Features
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65HVD257D Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN65HVD257D Datasheet HTML 3Page - Texas Instruments SN65HVD257D Datasheet HTML 4Page - Texas Instruments SN65HVD257D Datasheet HTML 5Page - Texas Instruments SN65HVD257D Datasheet HTML 6Page - Texas Instruments SN65HVD257D Datasheet HTML 7Page - Texas Instruments SN65HVD257D Datasheet HTML 8Page - Texas Instruments SN65HVD257D Datasheet HTML 9Page - Texas Instruments SN65HVD257D Datasheet HTML 10Page - Texas Instruments SN65HVD257D Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
Normal CAN
communication
CAN
Bus
Signal
Bus Fault stuck dominant , example CANH
short to supply =5V and CAN L short to GND .
RXD output is returned recessive (high)
and FAULT is signaled to
P and link
layer / protocol.
RXD
(reciever)
RXD
(receiver)
tRXD_DTO
FAULT
Fault is repaired and normal
communication returns
FAULT cleared signal
is given
RXD mirrors
bus
RXD will also be “stuck dominant” blocking
alternative communication paths
Normal CAN
communication
CAN
Bus
Signal
TXD fault stuck dominant, example PCB
failure or bad software
Fault is repaired & transmission
capability restored
TXD
(driver)
%XVZRXOGEH³VWXFNGRPLQDQW´EORFNLQJFRPPXQLFDWLRQIRUWKH
whole network but TXD DTO prevents this and frees the bus for
communication after the time tTXD_DTO.
tTXD_DTO
Communication from
local node
Communication from
repaired node
RXD
(receiver)
Communication from
other bus node(s)
Communication from
repaired local node
FAULT
(HVD257)
Fault indication is removed.
FAULT is signaled to link layer / protocol.
Communication from
other bus node(s)
tTXD_DTO
Driver disabled freeing bus for other nodes
SN65HVD255
SN65HVD256, SN65HVD257
www.ti.com
SLLSEA2C – DECEMBER 2011 – REVISED SEPTEMBER 2013
Figure 6. Example Timing Diagram for TXD DTO and FAULT Pin
Figure 7. Example Timing Diagram for Devices With and Without RXD DTO and FAULT Pin
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: SN65HVD255 SN65HVD256 SN65HVD257


Similar Part No. - SN65HVD257D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD257D TI1-SN65HVD257D Datasheet
647Kb / 21P
[Old version datasheet]   CAN Transceiver with Fast Loop Times for Highly Loaded Networks
SN65HVD257DR TI1-SN65HVD257DR Datasheet
647Kb / 21P
[Old version datasheet]   CAN Transceiver with Fast Loop Times for Highly Loaded Networks
More results

Similar Description - SN65HVD257D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD265 TI1-SN65HVD265 Datasheet
1Mb / 33P
[Old version datasheet]   Turbo CAN Transceivers
logo
Intel Corporation
AX200 INTEL-AX200 Datasheet
177Kb / 3P
   Nearly 40% higher peak data rates and up to 4x capacity
logo
List of Unclassifed Man...
MD-4DR ETC2-MD-4DR Datasheet
92Kb / 6P
   Bluetooth module for 2.4GHz systems including enhanced data rates(EDR) to 3Mbps
logo
Analog Devices
ADM3055E AD-ADM3055E Datasheet
454Kb / 24P
   Signal and Power Isolated, CAN Transceivers for CAN FD
logo
National Instruments Co...
VXI-USB NI-VXI-USB Datasheet
573Kb / 4P
   VXIbus 3.0 features including A64 addressing and 2eVME protocol
logo
Texas Instruments
TCAN330 TI1-TCAN330 Datasheet
1Mb / 39P
[Old version datasheet]   CAN Transceivers
logo
Neutrik AG
NBLC75BSX14 NEUTRIK-NBLC75BSX14 Datasheet
121Kb / 3P
   The rearTWIST HD Large BNC cable connector is designed for large cable diameters as used on long runs and high data rates(HD).
logo
Texas Instruments
TCAN330 TI1-TCAN330_16 Datasheet
1Mb / 40P
[Old version datasheet]   3.3-V CAN Transceivers with CAN FD (Flexible Data Rate)
logo
ON Semiconductor
AMIS-42670 ONSEMI-AMIS-42670_13 Datasheet
156Kb / 10P
   High-Speed CAN Transceiver for Long Networks
January, 2009 ??Rev. 3
AMIS-42670 ONSEMI-AMIS-42670 Datasheet
156Kb / 10P
   High-Speed CAN Transceiver for Long Networks
January, 2009 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com