Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QSE213 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # QSE213
Description  PLASTIC SILICON INFRARED PHOTOTRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

QSE213 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  QSE213 Datasheet HTML 1Page - Fairchild Semiconductor QSE213 Datasheet HTML 2Page - Fairchild Semiconductor QSE213 Datasheet HTML 3Page - Fairchild Semiconductor QSE213 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
7/23/02
Page 3 of 4
© 2002 Fairchild Semiconductor Corporation
PLASTIC SILICON
INFRARED PHOTOTRANSISTOR
QSE213
QSE214
TYPICAL PERFORMANCE CURVES
Fig.2 Radiation Diagram
0
10
20
30
40
50
60
101
100
10-1
10-2
10-3
VCE - COLLECTOR EMITTER VOLTAGE (V)
Fig.1 Dark Current vs. Collector Emitter Voltage
90
0
10
20
30
40
50
60
70
80
100
110
120
130
140
150
160
180
170
1.0
0.8
0.6
0.4
0.2
0.2
0.4
0.6
0.8
1.0
0
TA - AMBIENT TEMPERATURE (˚C)
TA - AMBIENT TEMPERATURE (˚C)
VCE - COLLECTOR - EMITTER VOLTAGE (V)
Fig.5 Dark Current vs. Ambient Temperature
40
60
80
100
10
-1
10
0
10
1
10
2
10
3
Normalized to:
VCE = 25 V
TA = 25˚C
VCE = 25 V
VCE = 10 V
Fig.3 Light Current vs. Ambient Temperature
Fig.4 Light Current vs. Collector to Emitter Voltage
-40
-20
0
20
40
60
80
100
0.1
1
10
Normalized to:
VCE = 5 V
Ie = 0.5 mW/cm2
TA = 25˚C
0.1
1
10
0.001
0.01
0.1
1
10
Normalized to:
VCE = 5 V
Ie = 0.5 mW/cm2
TA = 25˚C
Ie = 1 mW/cm2
Ie = 0.1 mW/cm2
Ie = 0.2 mW/cm2
Ie = 0.5 mW/cm2


Similar Part No. - QSE213

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
QSE213 FAIRCHILD-QSE213 Datasheet
80Kb / 4P
   Plastic Silicon Infrared Phototransistor
QSE213C FAIRCHILD-QSE213C Datasheet
437Kb / 4P
   Plastic Silicon Infrared Phototransistor
QSE213 FAIRCHILD-QSE213_05 Datasheet
80Kb / 4P
   Plastic Silicon Infrared Phototransistor
More results

Similar Description - QSE213

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
QSC112 FAIRCHILD-QSC112 Datasheet
105Kb / 4P
   PLASTIC SILICON INFRARED PHOTOTRANSISTOR
QSE122 FAIRCHILD-QSE122 Datasheet
327Kb / 4P
   PLASTIC SILICON INFRARED PHOTOTRANSISTOR
QSE133 FAIRCHILD-QSE133 Datasheet
323Kb / 4P
   PLASTIC SILICON INFRARED PHOTOTRANSISTOR
QSE113 FAIRCHILD-QSE113 Datasheet
320Kb / 4P
   PLASTIC SILICON INFRARED PHOTOTRANSISTOR
QSC112 FAIRCHILD-QSC112_06 Datasheet
510Kb / 4P
   Plastic Silicon Infrared Phototransistor
QSE213C FAIRCHILD-QSE213C Datasheet
437Kb / 4P
   Plastic Silicon Infrared Phototransistor
QSD122 FAIRCHILD-QSD122 Datasheet
93Kb / 4P
   PLASTIC SILICON INFRARED PHOTOTRANSISTOR
QSC112 FAIRCHILD-QSC112_07 Datasheet
152Kb / 4P
   Plastic Silicon Infrared Phototransistor
QSD722 FAIRCHILD-QSD722 Datasheet
51Kb / 4P
   PLASTIC SILICON INFRARED PHOTOTRANSISTOR
QSC112CC6R0 FAIRCHILD-QSC112CC6R0 Datasheet
153Kb / 4P
   Plastic Silicon Infrared Phototransistor
QSE213 FAIRCHILD-QSE213_05 Datasheet
80Kb / 4P
   Plastic Silicon Infrared Phototransistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com