Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM22675MRX-5.0 Datasheet(PDF) 1 Page - Texas Instruments

Part # LM22675MRX-5.0
Description  LM22675/LM22675Q 42V, 1A SIMPLE SWITCHER Step-Down Voltage Regulator with
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM22675MRX-5.0 Datasheet(HTML) 1 Page - Texas Instruments

  LM22675MRX-5.0 Datasheet HTML 1Page - Texas Instruments LM22675MRX-5.0 Datasheet HTML 2Page - Texas Instruments LM22675MRX-5.0 Datasheet HTML 3Page - Texas Instruments LM22675MRX-5.0 Datasheet HTML 4Page - Texas Instruments LM22675MRX-5.0 Datasheet HTML 5Page - Texas Instruments LM22675MRX-5.0 Datasheet HTML 6Page - Texas Instruments LM22675MRX-5.0 Datasheet HTML 7Page - Texas Instruments LM22675MRX-5.0 Datasheet HTML 8Page - Texas Instruments LM22675MRX-5.0 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
LM22675-ADJ
VIN
EN
SW
BOOT
FB
GND
VIN
VOUT
LM22675
www.ti.com
SNVS591K – SEPTEMBER 2008 – REVISED MARCH 2013
LM22675/LM22675Q 42V, 1A SIMPLE SWITCHER® Step-Down Voltage Regulator with
Features
Check for Samples: LM22675
1
FEATURES
DESCRIPTION
The LM22675 switching regulator provides all of the
23
Wide Input Voltage Range: 4.5V to 42V
functions necessary to implement an efficient high
Internally Compensated Voltage Mode Control
voltage step-down (buck) regulator using a minimum
Stable with Low ESR Ceramic Capacitors
of external components. This easy to use regulator
incorporates
a
42V
N-channel
MOSFET
switch
200 m
Ω N-Channel MOSFET
capable of providing up to 1A of load current.
Output Voltage Options:
Excellent line and load regulation along with high
-ADJ (Outputs as Low as 1.285V)
efficiency (>90%) are featured. Voltage mode control
offers short minimum on-time, allowing the widest
-5.0 (Output Fixed to 5V)
ratio between input and output voltages. Internal loop
±1.5% Feedback Reference Accuracy
compensation means that the user is free from the
Switching Frequency of 500 kHz
tedious task of calculating the loop compensation
components. Fixed 5V output and adjustable output
-40°C to 125°C Operating Junction
voltage options are available. A switching frequency
Temperature Range
of 500 kHz allows for small external components and
Precision Enable Pin
good transient response. A precision enable input
Integrated Boot-Strap Diode
allows simplification of regulator control and system
power sequencing. In shutdown mode the regulator
Integrated Soft-Start
draws only 25 µA (typ.). Built in soft-start (500µs, typ)
Fully WEBENCH® Enabled
saves external components. The LM22675 also has
Step-Down and Inverting Buck-Boost
built in thermal shutdown, and current limiting to
Applications
protect against accidental overloads.
LM22675Q is an Automotive Grade Product
The LM22675 is a member of Texas Instruments'
that is AEC-Q100 Grade 1 Qualified (-40°C to
SIMPLE
SWITCHER®
family.
The
SIMPLE
+125°C Operating Junction Temperature)
SWITCHER concept provides for an easy to use
complete design using a minimum number of external
SO PowerPAD-8 (Exposed Pad) Package
components and the TI WEBENCH design tool. TI's
WEBENCH tool includes features such as external
APPLICATIONS
component calculation, electrical simulation, thermal
Industrial Control
simulation, and Build-It boards for easy design-in.
Telecom and Datacom Systems
Embedded Systems
Conversions from Standard 24V, 12V and 5V
Input Rails
Simplified Application Schematic
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
SIMPLE SWITCHER, WEBENCH are registered trademarks of Texas Instruments.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM22675MRX-5.0

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM22675MRX-5.0 NSC-LM22675MRX-5.0 Datasheet
566Kb / 16P
   1A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Precision Enable
logo
Texas Instruments
LM22675MRX-5.0/NOPB TI-LM22675MRX-5.0/NOPB Datasheet
1Mb / 26P
[Old version datasheet]   LM22675/-Q1 42 V, 1 A SIMPLE SWITCHER짰 Step-Down Voltage Regulator with Features
More results

Similar Description - LM22675MRX-5.0

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1575 NSC-LM1575 Datasheet
725Kb / 27P
   SIMPLE SWITCHER 1A Step-Down Voltage Regulator
LM2575EP NSC-LM2575EP Datasheet
1Mb / 26P
   SIMPLE SWITCHER 1A Step-Down Voltage Regulator
logo
Texas Instruments
LM2575T-5 TI1-LM2575T-5 Datasheet
756Kb / 30P
[Old version datasheet]   SIMPLE SWITCHER 1A Step-Down Voltage Regulator
logo
National Semiconductor ...
MNLM1575-12-X NSC-MNLM1575-12-X Datasheet
252Kb / 14P
   SIMPLE SWITCHER 1A STEP-DOWN VOLTAGE REGULATOR
logo
Texas Instruments
LM2575EP TI1-LM2575EP Datasheet
2Mb / 28P
[Old version datasheet]   SIMPLE SWITCHER 1A Step-Down Voltage Regulator
logo
ARTSCHIP ELECTRONICS CO...
LM1575 ARTSCHIP-LM1575 Datasheet
7Mb / 25P
   Simple Switcher 1A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM1575-15 NSC-LM1575-15 Datasheet
252Kb / 14P
   SIMPLE SWITCHER(TM) 1A STEP-DOWN VOLTAGE REGULATOR
logo
Texas Instruments
LM22678TJE-50 TI1-LM22678TJE-50 Datasheet
1Mb / 23P
[Old version datasheet]   LM22678/LM22678Q 42V, 5A SIMPLE SWITCHER Step-Down Voltage Regulator with
LM22670MRE-ADJ TI-LM22670MRE-ADJ Datasheet
1Mb / 29P
[Old version datasheet]   LM22670/LM22670Q 42V, 3A SIMPLE SWITCHER, Step-Down Voltage Regulator with
LM25574 TI1-LM25574_16 Datasheet
973Kb / 30P
[Old version datasheet]   SIMPLE SWITCHER 42V, 0.5A Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com