Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MOC207M Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # MOC207M
Description  Small Outline Optocouplers Transistor Output
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MOC207M Datasheet(HTML) 5 Page - Fairchild Semiconductor

  MOC207M Datasheet HTML 1Page - Fairchild Semiconductor MOC207M Datasheet HTML 2Page - Fairchild Semiconductor MOC207M Datasheet HTML 3Page - Fairchild Semiconductor MOC207M Datasheet HTML 4Page - Fairchild Semiconductor MOC207M Datasheet HTML 5Page - Fairchild Semiconductor MOC207M Datasheet HTML 6Page - Fairchild Semiconductor MOC207M Datasheet HTML 7Page - Fairchild Semiconductor MOC207M Datasheet HTML 8Page - Fairchild Semiconductor MOC207M Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
©2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
MOC205M, MOC206M, MOC207M Rev. 1.0.2
5
Typical Performance Curves (Continued)
Figure 12. Switching Time Test Circuit and Waveforms
Figure 10. Normalized ton vs. RBE
Figure 11. Normalized toff vs. RBE
Figure 9. CTR vs. RBE (Saturated)
RBE
RBE
BASE RESISTANCE (k
Ω)
10
100
1000
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
IF = 20 mA
IF = 10 m A
IF = 5 mA
VCE = 0.3 V,TA = 25°C
Normalized to:
CTR at RBE = Open
BASE RESISTANCE (M
Ω)
(M
Ω)
0.01
0.1
1
10
100
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
VCC = 10 V
IC = 2 mA
RL = 100Ω
NORMALIZED TO :
ton AT RBE = OPEN
RBE – BASE RESISTANCE
0.01
0.1
1
10
100
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
VCC = 10 V
IC = 2 mA
RL = 100 Ω
NORMALIZED TO :
tofff AT RBE = OPEN
OUTPUT PULSE
INPUT PULSE
TEST CIRCUIT
tr
tf
INPUT
IF
RL
RBE
VCC = 10 V
OUTPUT
ton
10%
90%
toff
IC
Adjust IF to produce IC = 2 mA
WAVEFORMS


Similar Part No. - MOC207M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MOC207M FAIRCHILD-MOC207M Datasheet
2Mb / 10P
   Small Outline Optocouplers Transistor Output
More results

Similar Description - MOC207M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MOC207M FAIRCHILD-MOC207M Datasheet
2Mb / 10P
   Small Outline Optocouplers Transistor Output
MOC211-M FAIRCHILD-MOC211-M Datasheet
515Kb / 10P
   SMALL OUTLINE OPTOCOUPLERS TRANSISTOR OUTPUT
MOC205 FAIRCHILD-MOC205 Datasheet
520Kb / 10P
   SMALL OUTLINE OPTOCOUPLERS TRANSISTOR OUTPUT
MOC211 FAIRCHILD-MOC211 Datasheet
499Kb / 9P
   SMALL OUTLINE OPTOCOUPLERS TRANSISTOR OUTPUT
MOC205-M FAIRCHILD-MOC205-M Datasheet
518Kb / 10P
   SMALL OUTLINE OPTOCOUPLERS TRANSISTOR OUTPUT
MOC207R2M FAIRCHILD-MOC207R2M Datasheet
2Mb / 10P
   Small Outline Optocouplers Transistor Output
MOC223 FAIRCHILD-MOC223 Datasheet
361Kb / 7P
   SMALL OUTLINE OPTOCOUPLERS DARLINGTON OUTPUT
MOC223-M FAIRCHILD-MOC223-M Datasheet
503Kb / 9P
   Small Outline Optocouplers Darlington Output
MOC213R2M FAIRCHILD-MOC213R2M Datasheet
2Mb / 10P
   Small Ouline Optocouplers Transistor Output
MOC212M FAIRCHILD-MOC212M Datasheet
2Mb / 10P
   Small Ouline Optocouplers Transistor Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com