Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH6658MA Datasheet(PDF) 11 Page - Texas Instruments

Part # LMH6658MA
Description  LMH6657/LMH6658 270MHz Single Supply, Single & Dual Amplifiers
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMH6658MA Datasheet(HTML) 11 Page - Texas Instruments

Back Button LMH6658MA Datasheet HTML 7Page - Texas Instruments LMH6658MA Datasheet HTML 8Page - Texas Instruments LMH6658MA Datasheet HTML 9Page - Texas Instruments LMH6658MA Datasheet HTML 10Page - Texas Instruments LMH6658MA Datasheet HTML 11Page - Texas Instruments LMH6658MA Datasheet HTML 12Page - Texas Instruments LMH6658MA Datasheet HTML 13Page - Texas Instruments LMH6658MA Datasheet HTML 14Page - Texas Instruments LMH6658MA Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
10
100
1k
10k
CL (pF)
0
20
40
60
80
100
120
140
AV = -1
VS = 10V
ZL = 500: || CL
RSERIES = 20:
POSITIVE
NEGATIVE
-2
-1
0
1
2
-10
-8
-6
-4
-2
0
+2
+4
VOUT (V)
25°C
85°C
VS = ±2.5V
RL = 150:
-40°C
0
0.5
1
1.5
2
2.5
10
15
20
25
30
35
40
VOUT (VPP)
AV = -1
VS = ±2.5V
RL = 500:
0.1%
1%
0
1
2
3
4
5
6
VOUT (VPP)
10
15
20
25
30
35
40
1%
0.1%
AV = -1
VS = ±5V
RL = 500:
2
4
6
8
10
12
14
VS (V)
0
50
100
150
200
250
25°C
-40°C
85°C, 125°C
2
4
6
8
10
12
14
0
20
40
60
80
100
120
140
160
180
200
VS (V)
25°C
85°C, 125°C
-40°C
LMH6657, LMH6658
www.ti.com
SNOSA35F – AUGUST 2002 – REVISED MARCH 2013
Typical Performance Characteristics (continued)
Short Circuit Current
Short Circuit Current
Figure 27.
Figure 28.
Settling Time vs. Output Step Amplitude
Settling Time vs. Output Step Amplitude
Figure 29.
Figure 30.
0.1% Settling Time vs. Cap Load
ΔVOS vs. VOUT
Figure 31.
Figure 32.
Copyright © 2002–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LMH6657 LMH6658


Similar Part No. - LMH6658MA

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6658MA NSC-LMH6658MA Datasheet
1Mb / 29P
   270MHz Single Supply, Single & Dual Amplifiers
logo
Texas Instruments
LMH6658MA TI1-LMH6658MA Datasheet
2Mb / 35P
[Old version datasheet]   270-MHz Single Supply, Single and Dual Amplifiers
LMH6658MA/NOPB TI1-LMH6658MA/NOPB Datasheet
2Mb / 35P
[Old version datasheet]   270-MHz Single Supply, Single and Dual Amplifiers
LMH6658MAX TI1-LMH6658MAX Datasheet
2Mb / 35P
[Old version datasheet]   270-MHz Single Supply, Single and Dual Amplifiers
LMH6658MAX/NOPB TI1-LMH6658MAX/NOPB Datasheet
2Mb / 35P
[Old version datasheet]   270-MHz Single Supply, Single and Dual Amplifiers
More results

Similar Description - LMH6658MA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6657 TI1-LMH6657 Datasheet
1Mb / 29P
[Old version datasheet]   270MHz Single Supply, Single & Dual Amplifiers
LMH6658 TI1-LMH6658 Datasheet
1Mb / 29P
[Old version datasheet]   270MHz Single Supply, Single & Dual Amplifiers
logo
National Semiconductor ...
LMH6657 NSC-LMH6657_14 Datasheet
1Mb / 29P
   270MHz Single Supply, Single & Dual Amplifiers
LMH6657 NSC-LMH6657 Datasheet
788Kb / 20P
   270MHz Single Supply, Single & Dual Amplifiers
logo
ON Semiconductor
LM258 ONSEMI-LM258_06 Datasheet
234Kb / 14P
   Single Supply Dual Operational Amplifiers
June, 2006 ??Rev. 22
logo
Guangdong Kexin Industr...
KM386 KEXIN-KM386 Datasheet
59Kb / 2P
   Single Supply Dual Operational Amplifiers
logo
ON Semiconductor
LM2904DG ONSEMI-LM2904DG Datasheet
220Kb / 14P
   Single Supply Dual Operational Amplifiers
November, 2011 ??Rev. 26
LM358DG ONSEMI-LM358DG Datasheet
220Kb / 14P
   Single Supply Dual Operational Amplifiers
November, 2011 ??Rev. 26
LM258 ONSEMI-LM258_V01 Datasheet
376Kb / 16P
   Single Supply Dual Operational Amplifiers
August, 2021 - Rev. 34
logo
Taiwan Semiconductor Co...
TS358 TSC-TS358_09 Datasheet
763Kb / 8P
   Single Supply Dual Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com