Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACPL-331J-000E Datasheet(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-331J-000E
Description  1.5 Amp Output Current IGBT Gate Driver Optocoupler
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-331J-000E Datasheet(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED

  ACPL-331J-000E Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACPL-331J-000E Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACPL-331J-000E Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPL-331J-000E Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPL-331J-000E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPL-331J-000E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-331J-000E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-331J-000E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-331J-000E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
4
Table 1. IEC/EN/DIN EN 60747-5-5 Insulation Characteristics*
Description
Symbol
Characteristic
Unit
Installation classification per DIN VDE 0110/39, Table 1
for rated mains voltage ≤ 150 Vrms
for rated mains voltage ≤ 300 Vrms
for rated mains voltage ≤ 600 Vrms
for rated mains voltage ≤ 1000Vrms
I – IV
I – IV
I – IV
I – III
Climatic Classification
40/100/21
Pollution Degree (DIN VDE 0110/39)
2
Maximum Working Insulation Voltage
VIORM
1230
Vpeak
Input to Output Test Voltage, Method b**,
VIORM x 1.875=VPR, 100% Production Test with tm=1 sec, Partial discharge < 5 pC
VPR
2306
Vpeak
Input to Output Test Voltage, Method a**,
VIORM x 1.6=VPR, Type and Sample Test, tm=10 sec, Partial discharge < 5 pC
VPR
1968
Vpeak
Highest Allowable Overvoltage (Transient Overvoltage tini = 60 sec)
VIOTM
8000
Vpeak
Safety-limiting values – maximum values allowed in the event of a failure
Case Temperature
TS
175
°C
Input Current
IS, INPUT
400
mA
Output Power
PS, OUTPUT
1200
mW
Insulation Resistance at TS, VIO = 500 V
RS
>109
Ω
*
Isolation characteristics are guaranteed only within the safety maximum ratings which must be ensured by protective circuits in application.
Surface mount classification is class A in accordance with CECCOO802.
** Refer to the optocoupler section of the Isolation and Control Components Designer’s Catalog, under Product Safety Regulations section IEC/EN/
DIN EN 60747-5-5, for a detailed description of Method a and Method b partial discharge test profiles.
Dependence of Safety Limiting Values on Temperature. (take from DS AV01-0579EN Pg.7)
Regulatory Information
The ACPL-331J is approved by the following organizations:
UL
Approval
under
UL
1577,
component
recognition
program up to VISO = 5000 VRMS. File E55361.
CSA
Approval under CSA Component Acceptance Notice #5,
File CA 88324.
IEC/EN/DIN EN 60747-5-5
Approval under:
DIN EN 60747-5-5 (VDE 0884-5):2011-11
EN 60747-5-5:2011
0
0
S
T - CASE TEMPERATURE - °C
200
1200
800
25
1400
50
75 100
400
150 175
P S , OUTPUT
P S , INPUT
125
200
600
1000


Similar Part No. - ACPL-331J-000E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-331J-500E AVAGO-ACPL-331J-500E Datasheet
300Kb / 22P
   1.5 Amp Output Current IGBT Gate Driver Optocoupler with Integrated (VCE) Desaturation Detection, UVLO, Fault Status Feedback and Active Miller Clamping
More results

Similar Description - ACPL-331J-000E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-T250-360 AVAGO-HCPL-T250-360 Datasheet
247Kb / 7P
   1.5 Amp Output Current IGBT Gate Drive Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL-T250 HP-HCPL-T250 Datasheet
364Kb / 7P
   1.5 Amp Output Current IGBT Gate Drive Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-T250 AVAGO-HCPL-T250 Datasheet
232Kb / 7P
   1.5 Amp Output Current IGBT Gate Drive Optocoupler
ACPL-P314 AVAGO-ACPL-P314 Datasheet
202Kb / 14P
   0.6 Amp Output Current IGBT Gate Driver Optocoupler
ACPL-332J-500E AVAGO-ACPL-332J-500E Datasheet
299Kb / 23P
   2.5 Amp Output Current IGBT Gate Driver Optocoupler
logo
Broadcom Corporation.
ACPL-P314 BOARDCOM-ACPL-P314 Datasheet
1Mb / 17P
   0.6-Amp Output Current IGBT Gate Driver Optocoupler
ACPL-W314 BOARDCOM-ACPL-W314 Datasheet
1Mb / 17P
   0.6-Amp Output Current IGBT Gate Driver Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-331J AVAGO-ACPL-331J Datasheet
607Kb / 23P
   1.5 Amp Output Current IGBT Gate Driver Optocoupler with Integrated (VCE) Desaturation Detection
ACPL-333J AVAGO-ACPL-333J Datasheet
304Kb / 23P
   2.5 Amp Output Current IGBT Gate Driver Optocoupler with Integrated
HCPL-314J AVAGO-HCPL-314J Datasheet
287Kb / 15P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com