Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1014 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LT1014
Description  QUAD PRECISION OPERATIONAL AMPLIFIERS
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LT1014 Datasheet(HTML) 2 Page - Texas Instruments

  LT1014 Datasheet HTML 1Page - Texas Instruments LT1014 Datasheet HTML 2Page - Texas Instruments LT1014 Datasheet HTML 3Page - Texas Instruments LT1014 Datasheet HTML 4Page - Texas Instruments LT1014 Datasheet HTML 5Page - Texas Instruments LT1014 Datasheet HTML 6Page - Texas Instruments LT1014 Datasheet HTML 7Page - Texas Instruments LT1014 Datasheet HTML 8Page - Texas Instruments LT1014 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
LT1014, LT1014A, LT1014D
QUAD PRECISION OPERATIONAL AMPLIFIERS
SLOS039D − JULY 1989 − REVISED AUGUST 2009
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
AVAILABLE OPTIONS{
PACKAGED DEVICES}
TA
VIO max
AT 25
°C
SMALL
OUTLINE
(DW)§
CHIP
CARRIER
(FK)
CERAMIC
DIP
(J)
PLASTIC
DIP
(N)
0
°Cto70°C
300
µV
LT1014CN
0
°C to 70°C
300
µV
800
µV
LT1014DDW
LT1014CN
LT1014DN
40
°C to 105°C
300
µV
LT1014IN
−40
°C to 105°C
300
µV
800
µV
LT1014DIDW
LT1014IN
LT1014DIN
180
µV
LT1014AMFK
LT1014AMJ
−55
°C to 125°C
180
µV
300
µV
LT1014AMFK
LT1014MFK
LT1014AMJ
LT1014MJ
LT1014MN
55 C to 125 C
300
µV
800
µV
LT1014DMDW
LT1014MFK
LT1014MJ
LT1014MN
LT1014DMN
For the most current package and ordering information, see the Package Option Addendum at the end
of this document, or see the TI web site at www.ti.com.
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
§ The DW package is available taped and reeled. Add the suffix R to the device type
(e.g., LT1014DDWR).


Similar Part No. - LT1014

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LT1014 TI-LT1014 Datasheet
631Kb / 30P
[Old version datasheet]   QUAD PRECISION OPERATIONAL AMPLIFIERS
logo
Linear Technology
LT1014 LINER-LT1014 Datasheet
545Kb / 20P
   Quad Precision Op Amp
LT1014 LINER-LT1014 Datasheet
291Kb / 24P
   Quad Precision Op Amp (LT1014) Dual Precision Op Amp (LT1013)
LT1014 LINER-LT1014 Datasheet
860Kb / 22P
   Dual/Quad 3.2MHz, 0.8V/關s Low Power, Over-The-Top Precision Op Amp
logo
Linear Integrated Syste...
LT1014 LINEAR-LT1014 Datasheet
465Kb / 26P
   Single Supply Operation Input Voltage Range Extends to Ground
More results

Similar Description - LT1014

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LT1014 TI-LT1014 Datasheet
631Kb / 30P
[Old version datasheet]   QUAD PRECISION OPERATIONAL AMPLIFIERS
TLC27M4 TI1-TLC27M4_15 Datasheet
1Mb / 52P
[Old version datasheet]   PRECISION QUAD OPERATIONAL AMPLIFIERS
LT1014 TI1-LT1014_17 Datasheet
1Mb / 35P
[Old version datasheet]   QUAD PRECISION OPERATIONAL AMPLIFIERS
TLC27L4 TI-TLC27L4_V01 Datasheet
1Mb / 43P
[Old version datasheet]   LinCMOS PRECISION QUAD OPERATIONAL AMPLIFIERS
TLC27L4 TI-TLC27L4 Datasheet
603Kb / 37P
[Old version datasheet]   LinCMOSE PRECISION QUAD OPERATIONAL AMPLIFIERS
TLC27M4 TI-TLC27M4 Datasheet
555Kb / 37P
[Old version datasheet]   LinCMOSE PRECISION QUAD OPERATIONAL AMPLIFIERS
TLC274 TI-TLC274 Datasheet
668Kb / 42P
[Old version datasheet]   LinCMOSE PRECISION QUAD OPERATIONAL AMPLIFIERS
TLC27L4IDR TI1-TLC27L4IDR Datasheet
1Mb / 44P
[Old version datasheet]   LinCMOSE PRECISION QUAD OPERATIONAL AMPLIFIERS
TLC27M4BCDR TI1-TLC27M4BCDR Datasheet
557Kb / 37P
[Old version datasheet]   LinCMOSE PRECISION QUAD OPERATIONAL AMPLIFIERS
TLC274 TI-TLC274_V01 Datasheet
1Mb / 49P
[Old version datasheet]   LinCMOS PRECISION QUAD OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com