Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACPL-K44T-060E Datasheet(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-K44T-060E
Description  Automotive R2CouplerTM Wide Operating Temperature
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-K44T-060E Datasheet(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ACPL-K44T-060E Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACPL-K44T-060E Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPL-K44T-060E Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPL-K44T-060E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPL-K44T-060E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-K44T-060E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-K44T-060E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-K44T-060E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ACPL-K44T-060E Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
Switching Specifications (AC)
Over recommended operating (TA = -40° C to 125° C), VCC = 5.0 V unless otherwise specified.
Parameter
Symbol
Min
Typ
Max
Units
Test Conditions
Fig.
Note
Propagation Delay
Time to Logic Low
at Output
tPHL
0.07
0.15
0.8
s
TA = 25° C
IF = 10 mA,
RL = 1.9 k
Pulse: f = 10 kHz,
Duty cycle = 50%,
VCC = 5.0 V, CL = 15 pF,
VTHHL = 1.5 V
5, 6, 7,
8, 9, 10,
13
2, 3
0.06
1.0
0.7
5
IF = 1.5 mA,
RL = 10 k
110
IF = 0.8 mA,
RL = 27 k
Propagation Delay
Time to Logic High
at Output
tPLH
0.15
0.5
0.8
s
TA = 25° C
IF = 10 mA,
RL = 1.9 k
Pulse: f = 10 kHz,
Duty cycle = 50%,
VCC = 5.0 V, CL = 15 pF,
VTHHL = 2.0 V
5, 6, 7,
8, 9, 10,
13
2, 3
0.03
1.0
0.9
5
IF = 1.5 mA,
RL = 10 k
210
IF = 0.8 mA,
RL = 27 k
Pulse Width
Distortion
PWD
0.35
0.45
s
TA = 25° C
Pulse: f = 10 kHz, Duty cycle = 50%,
IF = 10 mA, VCC = 5.0 V, RL = 1.9 k
,
CL = 15 pF, VTHHL = 1.5 V,
VTHLH = 2.0 V
2, 3, 4
0.85
Propagation Delay
Difference Between
Any 2 Parts
PDD
0.35
0.5
s
TA = 25° C
Pulse: f = 10 kHz, Duty cycle = 50%,
IF = 10 mA, VCC = 5.0 V, RL = 1.9 k
,
CL = 15 pF, VTHHL = 1.5 V,
VTHLH = 2.0 V
2, 3, 5
0.9
Common Mode
Transient Immunity
at Logic High Output
|CMH|
1530 
kV/
s  IF = 0 mA VCM = 1500 Vp-p, RL = 1.9 k,
VCC = 5 V, TA = 25° C
14
6
Common Mode
Transient Immunity
at Logic Low Output
|CML|
1530 
kV/
s  IF = 10 mA
Common Mode
Transient Immunity
at Logic High Output
|CMH|5
 
kV/
s  IF = 0 mA VCM = 1500 Vp-p, RL = 10 k,
VCC = 5 V, TA = 25° C
14
6
Common Mode
Transient Immunity
at Logic Low Output
|CML|5
 
kV/
s  IF = 1.5 mA
Package Characteristics
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Fig.
Note
Input-Output Momentary
Withstand Voltage*
VISO
5000
VRMS
RH ≤ 50%, t = 1 min.,
TA = 25° C
7, 8
Input-Output Resistance
RI-O
1014
VI-O = 500 Vdc
7
Input-Output Capacitance
CI-O
0.6
pF
f = 1 MHz, VI-O = 0 Vdc
7
*
The Input-Output Momentary Withstand Voltage is a dielectric voltage rating that should not be interpreted as an input-output continuous
voltage rating.
Notes:
1. Current Transfer Ratio in percent is defined as the ratio of output collector current, IO, to the forward LED input current, IF, times 100.
2. Use of a 0.1
F bypass capacitor connected between pins 5 and 8 is recommended.
3. The 1.9 k
 load represents 1 TTL unit load of 1.6 mA and the 5.6 k pull-up resistor.
4. Pulse Width Distortion (PWD) is defined as |tPHL – tPLH| for any given device.
5. The difference between tPLH and tPHL between any two parts under the same test condition.
6. Common transient immunity in a Logic High level is the maximum tolerable (positive) dVCM/dt on the rising edge of the common mode pulse, VCM,
to assure that the ouput will remain in a Logic High state (i.e., VO > 2.0 V). Common mode transient immunity in a Logic Low level is the maximum
tolerable (negative) dVCM/dt on the falling edge of the common mode pulse signal, VCM to assure that the output will remain in a Logic Low state
(i.e., VO < 0.8 V).
7. Device considered a two terminal device: pins 1, 2, 3 and 4 shorted together, and pins 5, 6, 7 and 8 shorted together.
8. In accordance with UL 1577, each optocoupler is proof tested by applying an insulation test voltage > 6000 VRMS for 1 second.


Similar Part No. - ACPL-K44T-060E

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ACPL-K44T BOARDCOM-ACPL-K44T Datasheet
59Kb / 2P
   Automotive Wide Operating Temperature 1 MBd Digital Optocoupler in a Stretched 8-Pin Surface Mount Plastic Package
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-K44T AVAGO-ACPL-K44T Datasheet
59Kb / 2P
   Automotive Wide Operating Temperature 1 MBd Digital Optocoupler in a Stretched 8-Pin Surface Mount Plastic Package
More results

Similar Description - ACPL-K44T-060E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-M49T-000E AVAGO-ACPL-M49T-000E Datasheet
168Kb / 11P
   Wide Operating Temperature Automotive R2CouplerTM 20kBd Digital Optocoupler Configurable as Low Power, Low Leakage Phototransistor
logo
Broadcom Corporation.
ACFL-5212T-000E BOARDCOM-ACFL-5212T-000E Datasheet
343Kb / 12P
   Automotive R2CouplerTM Wide Operating Temperature 20kBd Digital Optocoupler Configurable as Low Power, Low Leakage Phototransistor
ACPL-K49T-000E BOARDCOM-ACPL-K49T-000E Datasheet
358Kb / 9P
   Wide Operating Temperature Automotive R2CouplerTM 20 kBd Digital Optocoupler Configurable as Low Power, Low Leakage Phototransistor
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-M43T-500E AVAGO-ACPL-M43T-500E Datasheet
136Kb / 9P
   Wide Operating Temperature Automotive Digital Optocoupler
logo
Broadcom Corporation.
ACFL-5211T-000E BOARDCOM-ACFL-5211T-000E Datasheet
312Kb / 12P
   Automotive R2CouplerTM Wide Operating Temperature 1MBd Digital Optocoupler in a Stretched 12-Pin Surface Mount Plastic Package
logo
Ultralife Corporation.
UBBL20 ULTRALIFE-UBBL20 Datasheet
496Kb / 2P
   Wide operating temperature range
Rev: G
UHR-XR26650 ULTRALIFE-UHR-XR26650 Datasheet
882Kb / 2P
   Wide operating temperature range
Rev D
UBBL06-01 ULTRALIFE-UBBL06-01 Datasheet
486Kb / 2P
   Wide operating temperature range
Rev: C
logo
TXC Corporation.
AM-SERIES TXC-AM-SERIES Datasheet
956Kb / 1P
   Wide operating temperature range.
logo
Ultralife Corporation.
U10025 ULTRALIFE-U10025 Datasheet
675Kb / 2P
   Wide operating temperature range
Rev: L
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com