Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACPL-P341-060E Datasheet(PDF) 10 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-P341-060E
Description  3.0 Amp Output Current IGBT Gate Drive Optocoupler
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-P341-060E Datasheet(HTML) 10 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ACPL-P341-060E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-P341-060E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-P341-060E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-P341-060E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ACPL-P341-060E Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ACPL-P341-060E Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED ACPL-P341-060E Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED ACPL-P341-060E Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED ACPL-P341-060E Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
10
Figure 7. IFLH vs. temperature
Figure 8. Propagation delays vs. VCC
Figure 9. Propagation delays vs. IF
Figure 11. Propagation delay vs. Rg
Figure 12. Propagation delay vs. Cg
Figure 10. Propagation delays vs. temperature
IF = 7 mA
VCC = 30 V, VEE = 0 V
Rg = 10 , Cg = 25 nF
DUTY CYCLE = 50%
f = 20 kHz
IF = 7 mA, TA = 25° C
VCC = 30 V, VEE = 0 V
Rg = 10
DUTY CYCLE = 50%
f = 20 kHz
IF = 7 mA, TA = 25° C
VCC = 30 V, VEE = 0 V
Cg = 25 nF
DUTY CYCLE = 50%
f = 20 kHz
1.6
1.8
2
2.2
2.4
0.2
0.6
0.4
0.8
1
1.2
1.4
0
-40 -30 -20 -100
10 20 30 40 50 60 708090 100
TA - TEMPERATURE - °C
VCC = 15 to 30 V
VEE = 0 V
IFLH ON
IFLH OFF
100
110
120
70
80
90
60
15
20
25
30
VCC - SUPPLY VOLTAGE - V
IF = 7 mA
TA = 25° C
Rg = 10 , Cg = 25 nF
DUTY CYCLE = 50%
f = 20 kHz
TPLH
TPHL
TPLH
TPHL
TPLH
TPHL
TPLH
TPHL
100
110
120
70
80
90
60
6
8
10
12
14
16
IF - FORWARD LED CURRENT - mA
100
110
120
70
80
90
60
90
95
100
105
65
70
75
80
85
60
65
10
15
20
25
30
35
40
45
50
10
15
20
25
30
35
40
45
50
Rg - SERIES LOAD RESISTANCE -
95
100
105
110
70
75
80
85
90
60
65
Cg - SERIES LOAD CAPACITANCE - nF
-40 -30 -20 -100 10 20 30 40 50 6070 80 90 100
TA - TEMPERATURE - °C
VCC = 30 V, VEE = 0 V
TA = 25° C
Rg = 10 , Cg = 25 nF
DUTY CYCLE = 50%
f = 20 kHz
TPLH
TPHL


Similar Part No. - ACPL-P341-060E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-P341 AVAGO-ACPL-P341 Datasheet
276Kb / 19P
   3.0 Amp Output Current IGBT Gate Drive Optocoupler with Rail-to-Rail
logo
Broadcom Corporation.
ACPL-P341 BOARDCOM-ACPL-P341 Datasheet
781Kb / 19P
   3.0 Amp Output Current IGBT Gate Drive Optocoupler with Rail-to-Rail Output Voltage in Stretched SO6
More results

Similar Description - ACPL-P341-060E

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-314J HP-HCPL-314J Datasheet
420Kb / 16P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-J314 HP-HCPL-J314 Datasheet
418Kb / 17P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-5150 HP-HCPL-5150 Datasheet
193Kb / 16P
   0.5 Amp Output Current IGBT Gate Drive Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3120-560E AVAGO-HCPL-3120-560E Datasheet
507Kb / 24P
   2.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-J314-300E AVAGO-HCPL-J314-300E Datasheet
324Kb / 16P
   0.6 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-314J AVAGO-HCPL-314J_11 Datasheet
212Kb / 14P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-314J-500E AVAGO-HCPL-314J-500E Datasheet
212Kb / 14P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL-T250 HP-HCPL-T250 Datasheet
364Kb / 7P
   1.5 Amp Output Current IGBT Gate Drive Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-314J AVAGO-HCPL-314J Datasheet
287Kb / 15P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL-5120 HP-HCPL-5120 Datasheet
194Kb / 16P
   2.0 Amp Output Current IGBT Gate Drive Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com