Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA2363AIDGSR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2363AIDGSR
Description  1.8V, 7MHz, 90dB CMRR, Single-Supply, Rail-to-Rail I/O Operational Amplifier
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2363AIDGSR Datasheet(HTML) 11 Page - Texas Instruments

Back Button OPA2363AIDGSR Datasheet HTML 7Page - Texas Instruments OPA2363AIDGSR Datasheet HTML 8Page - Texas Instruments OPA2363AIDGSR Datasheet HTML 9Page - Texas Instruments OPA2363AIDGSR Datasheet HTML 10Page - Texas Instruments OPA2363AIDGSR Datasheet HTML 11Page - Texas Instruments OPA2363AIDGSR Datasheet HTML 12Page - Texas Instruments OPA2363AIDGSR Datasheet HTML 13Page - Texas Instruments OPA2363AIDGSR Datasheet HTML 14Page - Texas Instruments OPA2363AIDGSR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
V
OUT
R = 10kW
P
500 A
m
OPA363
OPA364
V
IN
V+ = +5V
Op Amp
Negative
Supply
Grounded
-V = 5V
-
(Additional
Negative Supply)
5kW
OPAx363
10mA max
V+
V
IN
V
OUT
I
OVERLOAD
OPA363, OPA2363
OPA364, OPA2364, OPA4364
www.ti.com
SBOS259C – SEPTEMBER 2002 – REVISED MAY 2013
INPUT AND ESD PROTECTION
All OPA363 and OPA364 pins are static protected with internal ESD protection diodes tied to the supplies. These
diodes will provide overdrive protection if the current is externally limited to 10mA, as stated in the absolute
maximum ratings and shown in Figure 24.
Figure 24. Input Current Protection
ACHIEVING OUTPUT SWING TO THE OP AMP’S NEGATIVE RAIL
Some applications require an accurate output voltage swing from 0V to a positive full-scale voltage. A good
single supply op amp may be able to swing within a few mV of single supply ground, but as the output is driven
toward 0V, the output stage of the amplifier will prevent the output from reaching the negative supply rail of the
amplifier.
The output of the OPA363 or OPA364 can be made to swing to ground, or slightly below, on a single supply
power source. To do so requires use of another resistor and an additional, more negative power supply than the
op amp’s negative supply. A pulldown resistor may be connected between the output and the additional negative
supply to pull the output down below the value that the output would otherwise achieve as shown in Figure 25.
Figure 25. OPA363 and OPA364 Swing to Ground
This technique will not work with all op amps. The output stage of the OPA363 and OPA364 allows the output
voltage to be pulled below that of most op amps, if approximately 500
μA is maintained through the output stage.
To calculate the appropriate value load resistor and negative supply, RL = –V/500
μA. The OPA363 and OPA364
have been characterized to perform well under the described conditions, maintaining excellent accuracy down to
0V and as low as –10mV. Limiting and nonlinearity occur below –10mV, with linearity returning as the output is
again driven above –10mV.
Copyright © 2002–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: OPA363 OPA2363 OPA364 OPA2364 OPA4364


Similar Part No. - OPA2363AIDGSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2363AIDGSR TI-OPA2363AIDGSR Datasheet
728Kb / 27P
[Old version datasheet]   1.8V, 7MHz, 90dB CMRR, SINGLE-SUPPLY, RAIL-TO-RAIL I/O OPERATIONAL AMPLIFIER
More results

Similar Description - OPA2363AIDGSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA363 TI-OPA363 Datasheet
728Kb / 27P
[Old version datasheet]   1.8V, 7MHz, 90dB CMRR, SINGLE-SUPPLY, RAIL-TO-RAIL I/O OPERATIONAL AMPLIFIER
OPA364AIDBVRG4 TI-OPA364AIDBVRG4 Datasheet
1Mb / 37P
[Old version datasheet]   Single-Supply, Rail-to-Rail I/O Operational Amplifier
OPA365-EP TI1-OPA365-EP Datasheet
495Kb / 19P
[Old version datasheet]   50-MHz Low-Distortion High-CMRR Rail-to-Rail I/O, Single-Supply Operational Amplifier
OPA2365-Q1 TI1-OPA2365-Q1 Datasheet
886Kb / 26P
[Old version datasheet]   50-MHz Low-Distortion High-CMRR Rail-to-Rail I/O, Single-Supply Operational Amplifier
OPA365-EP TI-OPA365-EP_15 Datasheet
998Kb / 22P
[Old version datasheet]   50-MHz Low-Distortion High-CMRR Rail-to-Rail I/O, Single-Supply Operational Amplifier
OPA365-Q1 TI-OPA365-Q1_15 Datasheet
1,023Kb / 26P
[Old version datasheet]   50-MHz Low-Distortion High-CMRR Rail-to-Rail I/O, Single-Supply Operational Amplifier
OPA4364-Q1 TI1-OPA4364-Q1 Datasheet
590Kb / 21P
[Old version datasheet]   1.8-V, 7-MHz, 90-dB CMRR, SINGLE-SUPPLY, RAIL-TO-RAIL I/O OPERATIONAL AMPLIFIER
logo
SG Micro Corp
SGM8041 SGMICRO-SGM8041 Datasheet
302Kb / 11P
   Single Rail-to-Rail I/O Operational Amplifier
logo
Texas Instruments
OPA743 TI1-OPA743 Datasheet
842Kb / 17P
[Old version datasheet]   12V, 7MHz, CMOS, Rail-to-Rail I/O OPERATIONAL AMPLIFIERS
OPA2743EA TI1-OPA2743EA Datasheet
615Kb / 17P
[Old version datasheet]   12V, 7MHz, CMOS, Rail-to-Rail I/O OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com