Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA551FAKTWT Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # OPA551FAKTWT
Description  High-Voltage, High-Current OPERATIONAL AMPLIFIERS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA551FAKTWT Datasheet(HTML) 9 Page - Texas Instruments

Back Button OPA551FAKTWT Datasheet HTML 5Page - Texas Instruments OPA551FAKTWT Datasheet HTML 6Page - Texas Instruments OPA551FAKTWT Datasheet HTML 7Page - Texas Instruments OPA551FAKTWT Datasheet HTML 8Page - Texas Instruments OPA551FAKTWT Datasheet HTML 9Page - Texas Instruments OPA551FAKTWT Datasheet HTML 10Page - Texas Instruments OPA551FAKTWT Datasheet HTML 11Page - Texas Instruments OPA551FAKTWT Datasheet HTML 12Page - Texas Instruments OPA551FAKTWT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
OPA551, OPA552
9
SBOS100A
www.ti.com
APPLICATIONS INFORMATION
Figure 1 shows the OPA551 connected as a basic non-
inverting amplifier. The OPA551 can be used in virtually
any op amp configuration. OPA552 is designed for use in
configurations with gains of 5 or greater. Power supply
terminals should be bypassed with 0.1
µF capacitors, or
greater, near the power supply pins. Be sure that the capaci-
tors are appropriately rated for the power supply voltage
used. The OPA551 and OPA552 can supply output currents
up to 200mA with excellent performance.
FIGURE 1. Basic Circuit Connections.
CURRENT LIMIT
The OPA551 and OPA552 are designed with internal cur-
rent-limiting circuitry that limits the output current to ap-
proximately 380mA. The current limit varies with increasing
junction temperature as shown in the typical curve “Current
Limit vs Temperature.” This, in combination with the ther-
mal protection circuitry, provides protection from many
types of overload conditions including short circuit to ground.
THERMAL PROTECTION
The OPA551 and OPA552 have thermal shutdown circuitry
that protects the amplifier from damage caused by overload
conditions. The thermal protection circuitry disables the
output when the junction temperature reaches approximately
160
°C, allowing the device to cool. When the junction
temperature cools to approximately 140
°C, the output cir-
cuitry is automatically re-enabled.
The thermal shutdown function is not intended to replace
proper heat sinking. Activation of the thermal shutdown
circuitry is an indication of excessive power dissipation or
an inadequate heat sink. Continuously running the amplifier
into thermal shutdown can degrade reliability.
The Thermal Shutdown Indicator (“flag”) pin can be moni-
tored to determine if shutdown is occurring. During normal
operation, the current output from the flag pin is typically
50nA. During shutdown, the current output from the flag pin
increases to 120
µA (typical). This current output allows for
easy interfacing to external logic. See Figure 2 for two
examples implementing this function.
FIGURE 2. Thermal Shutdown Indicator.
G = 1+
R
2
R
1
Z
L
R
2
R
1
0.1
µF
10
µF
OPA551
V–
V+
+
+
V
IN
10
µF
0.1
µF
V
O
Flag
(optional)
Flag
80
µA to
160
µA
HCT
OPA551
Logic
Ground
V
OUT
+5V
27k
V
LOGIC
V
OUT
CMOS
OPA551
Logic
Ground
Interfacing with CMOS Logic
Interfacing with HCT Logic
47k
HP5082-2835
Interface to virtually any CMOS
logic gate by choosing resistor
value that provides a guaranteed
logic
high
voltage
with
the
minimum (80
µA) flag current. A
diode clamp to the logic supply
voltage assures that the CMOS
is not damaged by overdrive.
HCT logic has relatively well-
controlled logic level. A properly
chosen
resistor
value
can
guarantee proper logic high level
throughout the full range of flag
output current.


Similar Part No. - OPA551FAKTWT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA551FAKTWT TI1-OPA551FAKTWT Datasheet
1Mb / 24P
[Old version datasheet]   High-Voltage, High-Current OPERATIONAL AMPLIFIERS
OPA551FAKTWT TI1-OPA551FAKTWT Datasheet
1Mb / 32P
[Old version datasheet]   High-Voltage, High-Current Operational Amplifiers
OPA551FAKTWT TI1-OPA551FAKTWT Datasheet
1Mb / 32P
[Old version datasheet]   High-Voltage, High-Current Operational Amplifiers
OPA551FAKTWTG3 TI1-OPA551FAKTWTG3 Datasheet
1Mb / 32P
[Old version datasheet]   High-Voltage, High-Current Operational Amplifiers
OPA551FAKTWTG3 TI1-OPA551FAKTWTG3 Datasheet
1Mb / 32P
[Old version datasheet]   High-Voltage, High-Current Operational Amplifiers
More results

Similar Description - OPA551FAKTWT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA551 TI1-OPA551 Datasheet
1Mb / 32P
[Old version datasheet]   High-Voltage, High-Current Operational Amplifiers
OPA552FAKTWTG3 TI-OPA552FAKTWTG3 Datasheet
1Mb / 24P
[Old version datasheet]   High-Voltage, High-Current OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA551 BURR-BROWN-OPA551 Datasheet
202Kb / 14P
   High-Voltage, High-Current OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA551FAKTWT TI1-OPA551FAKTWT Datasheet
1Mb / 24P
[Old version datasheet]   High-Voltage, High-Current OPERATIONAL AMPLIFIERS
OPA551 TI1-OPA551_16 Datasheet
1Mb / 32P
[Old version datasheet]   High-Voltage, High-Current Operational Amplifiers
logo
Burr-Brown (TI)
3572AM BURR-BROWN-3572AM Datasheet
489Kb / 6P
   High Current - High Power OPERATIONAL AMPLIFIERS
logo
Texas Instruments
3580 TI1-3580 Datasheet
2Mb / 6P
[Old version datasheet]   High Voltage OPERATIONAL AMPLIFIERS
THS3110 TI-THS3110 Datasheet
934Kb / 28P
[Old version datasheet]   LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK, OPERATIONAL AMPLIFIERS
THS3091 TI1-THS3091 Datasheet
770Kb / 45P
[Old version datasheet]   High-voltage, Low-distortion, Current-feedback Operational Amplifiers
THS3095 TI1-THS3095_14 Datasheet
1Mb / 37P
[Old version datasheet]   HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com