Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA2379AIDG4 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2379AIDG4
Description  1.8V, 2.9mA, 90kHz, Rail-to-Rail I/O PERATIONAL AMPLIFIERS
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2379AIDG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button OPA2379AIDG4 Datasheet HTML 3Page - Texas Instruments OPA2379AIDG4 Datasheet HTML 4Page - Texas Instruments OPA2379AIDG4 Datasheet HTML 5Page - Texas Instruments OPA2379AIDG4 Datasheet HTML 6Page - Texas Instruments OPA2379AIDG4 Datasheet HTML 7Page - Texas Instruments OPA2379AIDG4 Datasheet HTML 8Page - Texas Instruments OPA2379AIDG4 Datasheet HTML 9Page - Texas Instruments OPA2379AIDG4 Datasheet HTML 10Page - Texas Instruments OPA2379AIDG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
15.0
12.5
10.0
7.5
5.0
2.5
0
-2.5
-5.0
-7.5
-10.0
-12.5
-15.0
Common-ModeVoltage(V)
0
CMRRSpecifiedRange
Common-ModeInputRange
Unit1
Unit2
+125 C
°
+85 C
°
-
°
40 C
-0.5
0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5
OffsetVoltage( V)
m
OffsetVoltageDrift( V/ C)
m
°
£
1
£
2
£
3
£
4
£
5
>5
OffsetVoltageDrift( V/ C)
m
°
£
1
£
2
£
3
£
4
£
5
>5
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
Temperature( C)
°
-50
-25
0
25
50
75
100
125
QuiescentCurrent( A)
m
OPA379
OPA2379
OPA4379
www.ti.com ................................................................................................................................................... SBOS347D – NOVEMBER 2005 – REVISED MAY 2008
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, VS = 5V, and RL = 25kΩ connected to VS/2, unless otherwise noted.
OFFSET VOLTAGE vs COMMON-MODE VOLTAGE
OFFSET VOLTAGE
vs TEMPERATURE
PRODUCTION DISTRIBUTION
Figure 8.
Figure 9.
OFFSET VOLTAGE DRIFT DISTRIBUTION
OFFSET VOLTAGE DRIFT DISTRIBUTION
(–40
°C to +85°C)
(–40
°C to +125°C)
Figure 10.
Figure 11.
QUIESCENT CURRENT
QUIESCENT CURRENT
vs TEMPERATURE
PRODUCTION DISTRIBUTION
Figure 12.
Figure 13.
Copyright © 2005–2008, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): OPA379 OPA2379 OPA4379


Similar Part No. - OPA2379AIDG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2379AIDG4 BURR-BROWN-OPA2379AIDG4 Datasheet
237Kb / 12P
   1.8V, 2.9uA, 90kHz, Rail-to-Rail I/O OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA2379AIDG4 TI-OPA2379AIDG4 Datasheet
1Mb / 29P
[Old version datasheet]   1.8V, 2.9mA, 90kHz, Rail-to-Rail I/O RATIONAL AMPLIFIERS
OPA2379AIDG4 TI-OPA2379AIDG4 Datasheet
1Mb / 29P
[Old version datasheet]   18V 29mA90kHz, Rail-to-Rail I/O ATIONAL AMPLIFIERS
More results

Similar Description - OPA2379AIDG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA379AIDBV TI-OPA379AIDBV Datasheet
1Mb / 29P
[Old version datasheet]   1.8V, 2.9mA, 90kHz, Rail-to-Rail I/O RATIONAL AMPLIFIERS
OPA379AIDBVR TI1-OPA379AIDBVR Datasheet
1Mb / 29P
[Old version datasheet]   1.8V, 2.9mA, 90kHz, Rail-to-Rail I/O OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA379 BURR-BROWN-OPA379 Datasheet
237Kb / 12P
   1.8V, 2.9uA, 90kHz, Rail-to-Rail I/O OPERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8049-1 SGMICRO-SGM8049-1 Datasheet
716Kb / 19P
   Rail-to-Rail I/O Operational Amplifiers
SGM8624 SGMICRO-SGM8624_15 Datasheet
525Kb / 19P
   Rail-to-Rail I/O CMOS Operational Amplifiers
SGM8631 SGMICRO-SGM8631_15 Datasheet
537Kb / 20P
   Rail-to-Rail I/O CMOS Operational Amplifiers
logo
Burr-Brown (TI)
OPA703 BURR-BROWN-OPA703_08 Datasheet
509Kb / 18P
   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA2703EA-2K5G4 TI-OPA2703EA-2K5G4 Datasheet
894Kb / 19P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8634 SGMICRO-SGM8634_15 Datasheet
537Kb / 20P
   Rail-to-Rail I/O CMOS Operational Amplifiers
SGM8621 SGMICRO-SGM8621_16 Datasheet
1Mb / 20P
   Rail-to-Rail I/O CMOS Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com