Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASSR-1219-001E Datasheet(PDF) 10 Page - AVAGO TECHNOLOGIES LIMITED

Part # ASSR-1219-001E
Description  Form A, Solid State Relay (Photo MOSFET)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ASSR-1219-001E Datasheet(HTML) 10 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ASSR-1219-001E Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ASSR-1219-001E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ASSR-1219-001E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ASSR-1219-001E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ASSR-1219-001E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ASSR-1219-001E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ASSR-1219-001E Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ASSR-1219-001E Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED ASSR-1219-001E Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
Switching Specifications (AC)
For operating TA = +25°C
Parameter
Sym.
Min.
Typ.
Max.
Units
Conditions
Fig.
Note
Turn On Time
TON
0.7
5.0
ms
IF =5mA, IO=200mA
Turn Off Time
TOFF
0.04
5.0
ms
IF =5mA, IO=200mA,
Notes:
1. For derating, refer to Figure 1, 2, 3 and 4.
2. The voltage across the output terminals of the relay should not exceed this rated withstand voltage. Over-voltage protection circuits should
be added in some applications to protect against over-voltage transients.
3. Threshold to switch device is IF
 0.5mA, however, for qualified device performance over temperature range, it is recommended to operate at
IF =5mA.
4. Device is considered as a two terminal device:
ASSR-1218 - pin 1, 2 shorted and pin 3, 4 shorted.
ASSR-1219 - pin 1, 2, 3 shorted and pin 4, 5, 6 shorted.
ASSR-1228 - pin 1, 2, 3, 4 shorted and pin 5, 6, 7, 8 shorted.
5. The Input-Output Momentary Withstand Voltage is a dielectric voltage rating that should not be interpreted as an input-output continuous
voltage rating. For the continuous voltage rating refer to the IEC/EN/DIN EN 60747-5-2 Insulation Characteristics Table (if applicable), your
equipment level safety specification, or Avago Technologies Application Note 1074, “Optocoupler Input-Output Endurance Voltage.”
6. During the pulsed R(ON) measurement ( IO duration
30ms), ambient (TA) and case temperature (TC) are equal.


Similar Part No. - ASSR-1219-001E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ASSR-1219 AVAGO-ASSR-1219 Datasheet
356Kb / 12P
   Compact Solid-State Bi-directional Signal Switch
logo
Broadcom Corporation.
ASSR-1219 BOARDCOM-ASSR-1219 Datasheet
356Kb / 12P
   Form A, Solid State Relay (Photo MOSFET)
More results

Similar Description - ASSR-1219-001E

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ASSR-1218 BOARDCOM-ASSR-1218 Datasheet
356Kb / 12P
   Form A, Solid State Relay (Photo MOSFET)
ASSR-4118 BOARDCOM-ASSR-4118 Datasheet
160Kb / 11P
   Form A, Solid State Relay (Photo MOSFET)
logo
AVAGO TECHNOLOGIES LIMI...
ASSR-4110 AVAGO-ASSR-4110 Datasheet
558Kb / 16P
   General Purpose, Form A, Solid State Relay (Photo MOSFET)
ASSR-1410-003E AVAGO-ASSR-1410-003E Datasheet
465Kb / 15P
   General Purpose, Form A, Solid State Relay (Photo MOSFET)
ASSR-3211 AVAGO-ASSR-3211 Datasheet
161Kb / 14P
   General Purpose, Form A, Solid State Relay (Photo MOSFET)
ASSR-4128-302E AVAGO-ASSR-4128-302E Datasheet
160Kb / 11P
   Form A, Solid State Relay (Photo MOSFET) (400V/0.10A/35Ohm)
ASSR-4118 AVAGO-ASSR-4118 Datasheet
160Kb / 11P
   Form A, Solid State Relay (Photo MOSFET) (400V/0.10A/35)
ASSR-4118-003E AVAGO-ASSR-4118-003E Datasheet
160Kb / 11P
   Form A, Solid State Relay (Photo MOSFET) (400V/0.10A/35??
ASSR-4128-502E AVAGO-ASSR-4128-502E Datasheet
160Kb / 11P
   Form A, Solid State Relay (Photo MOSFET) (400V/0.10A/35??
logo
Broadcom Corporation.
ASSR-401C BOARDCOM-ASSR-401C Datasheet
110Kb / 7P
   Low C x R, Form A, Solid State Relay (Photo MOSFET)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com