Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA551UA Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # OPA551UA
Description  High-Voltage, High-Current OPERATIONAL AMPLIFIERS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA551UA Datasheet(HTML) 3 Page - Texas Instruments

  OPA551UA Datasheet HTML 1Page - Texas Instruments OPA551UA Datasheet HTML 2Page - Texas Instruments OPA551UA Datasheet HTML 3Page - Texas Instruments OPA551UA Datasheet HTML 4Page - Texas Instruments OPA551UA Datasheet HTML 5Page - Texas Instruments OPA551UA Datasheet HTML 6Page - Texas Instruments OPA551UA Datasheet HTML 7Page - Texas Instruments OPA551UA Datasheet HTML 8Page - Texas Instruments OPA551UA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
OPA551, OPA552
3
SBOS100A
www.ti.com
SPECIFICATIONS: VS = ±30V
OPA552
At TJ = +25°C(1), RL = 3kΩ connected to Ground and VOUT = 0V, unless otherwise noted.
Boldface limits apply over the specified junciton temperature range, TJ = –40°C to +125°C.
OPA552UA, PA, FA
PARAMETER
CONDITION
MIN
TYP
MAX
UNITS
OFFSET VOLTAGE
Input Offset Voltage
VOS
VCM = 0V, IO = 0
±1
±3mV
TJ = –40°C to +125°C
±5
mV
vs Temperature
dVOS /dT
±7
µV/°C
vs Power Supply
PSRR
VS = ±4V to ±30V, VCM = 0V
10
30
µV/V
INPUT BIAS CURRENT
Input Bias Current
IB
±20
±100
pA
Input Offset Current
IOS
±3
±100
pA
NOISE
Input Voltage Noise Density, f = 1kHz
en
14
nV/
√Hz
Current Noise Density, f = 1kHz
in
3.5
fA/
√Hz
INPUT VOLTAGE RANGE
Common-Mode Voltage Range
VCM
(V–) + 2.5
(V+) – 2.5
V
Common-Mode Rejection Ratio
CMRR
–27.5V < VCM < +27.5V
92
102
dB
INPUT IMPEDANCE
Differential
1013 || 2
Ω || pF
Common-Mode
1013 || 6
Ω || pF
OPEN-LOOP GAIN
Open-Loop Voltage Gain
AOL
RL = 3kΩ, –28V < VO < +28V
110
126
dB
TJ = –40°C to +125°CRL = 3kΩ, –28V < VO < +28V
100
dB
RL = 300Ω, –27V < VO < +27V
120
dB
FREQUENCY RESPONSE
Gain-Bandwidth Product
GBW
12
MHz
Slew Rate
SR
G = 5
±24
V/
µs
Settling Time: 0.1%
G = 5, CL = 100pF, 10V Step
2.2
µs
0.01%
G = 5, CL = 100pF, 10V Step
3
µs
Total Harmonic Distortion + Noise, f = 1kHz
THD+N
VO = 15Vrms, RL = 3kΩ, G = 5
0.0005
%
VO = 15Vrms, RL = 300Ω, G = 5
0.0005
%
Overload Recovery Time
VIN • Gain = VS
1
µs
OUTPUT
Voltage Output
VOUT
IO = 200mA
(V–) + 3.0
(V+) – 3.0
V
TJ = –40°C to +125°CIO = 200mA
(V–) + 3.5
(V+) – 3.5
V
IO = 10mA
(V–) + 2.0
(V+) – 2.0
V
TJ = –40°C to +125°CIO = 10mA
(V–) + 2.5
(V+) – 2.7
V
Maximum Continuous Current Output: dc
IO
Package Dependent—See Text
±200
mA
Short-Circuit Current
ISC
±380
mA
Capacitive Load Drive
CLOAD
Stable Operation
See Typical Curve
SHUTDOWN FLAG
Thermal Shutdown Status Output
Normal Operation
Sourcing
0.05
1
µA
Thermally Shutdown
Sourcing
80
120
160
µA
Voltage Compliance Range
V–
(V+) – 1.5
V
Junction Temperature
Shutdown
160
°C
Reset from Shutdown
140
°C
POWER SUPPLY
Specified Voltage
VS
±30
V
Operating Voltage Range
±4
±30
V
Quiescent Current
IQ
IO = 0
±7
±8.5
mA
TJ = –40°C to +125°C
±10
mA
TEMPERATURE RANGE
Specified Range
TJ
–40
+125
°C
Operating Range
TJ
–55
+125
°C
Storage Range
TA
–65
+150
°C
Thermal Resistance
SO-8 Surface Mount
θ
JA
90
°C/W
DIP-8
θ
JA
100
°C/W
DDPak-7
θ
JA
65
°C/W
DDPak-7
θ
JC
3
°C/W
NOTES: (1) All tests are high-speed tested at +25
°C ambient temperature. Effective junction temperature is +25°C unless otherwise noted.


Similar Part No. - OPA551UA

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA551UA BURR-BROWN-OPA551UA Datasheet
202Kb / 14P
   High-Voltage, High-Current OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA551UA TI1-OPA551UA Datasheet
1Mb / 32P
[Old version datasheet]   High-Voltage, High-Current Operational Amplifiers
OPA551UA TI1-OPA551UA Datasheet
1Mb / 32P
[Old version datasheet]   High-Voltage, High-Current Operational Amplifiers
logo
Burr-Brown (TI)
OPA551UA/2K5 BURR-BROWN-OPA551UA/2K5 Datasheet
202Kb / 14P
   High-Voltage, High-Current OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA551UA/2K5 TI1-OPA551UA/2K5 Datasheet
1Mb / 32P
[Old version datasheet]   High-Voltage, High-Current Operational Amplifiers
More results

Similar Description - OPA551UA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA551 TI1-OPA551 Datasheet
1Mb / 32P
[Old version datasheet]   High-Voltage, High-Current Operational Amplifiers
OPA552FAKTWTG3 TI-OPA552FAKTWTG3 Datasheet
1Mb / 24P
[Old version datasheet]   High-Voltage, High-Current OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA551 BURR-BROWN-OPA551 Datasheet
202Kb / 14P
   High-Voltage, High-Current OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA551FAKTWT TI1-OPA551FAKTWT Datasheet
1Mb / 24P
[Old version datasheet]   High-Voltage, High-Current OPERATIONAL AMPLIFIERS
OPA551 TI1-OPA551_16 Datasheet
1Mb / 32P
[Old version datasheet]   High-Voltage, High-Current Operational Amplifiers
logo
Burr-Brown (TI)
3572AM BURR-BROWN-3572AM Datasheet
489Kb / 6P
   High Current - High Power OPERATIONAL AMPLIFIERS
logo
Texas Instruments
3580 TI1-3580 Datasheet
2Mb / 6P
[Old version datasheet]   High Voltage OPERATIONAL AMPLIFIERS
THS3110 TI-THS3110 Datasheet
934Kb / 28P
[Old version datasheet]   LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK, OPERATIONAL AMPLIFIERS
THS3091 TI1-THS3091 Datasheet
770Kb / 45P
[Old version datasheet]   High-voltage, Low-distortion, Current-feedback Operational Amplifiers
THS3095 TI1-THS3095_14 Datasheet
1Mb / 37P
[Old version datasheet]   HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com