Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XB1086K501JR Datasheet(PDF) 7 Page - Torex Semiconductor

Part # XB1086K501JR
Description  1.5A Poisitive Voltage Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XB1086K501JR Datasheet(HTML) 7 Page - Torex Semiconductor

Back Button XB1086K501JR Datasheet HTML 3Page - Torex Semiconductor XB1086K501JR Datasheet HTML 4Page - Torex Semiconductor XB1086K501JR Datasheet HTML 5Page - Torex Semiconductor XB1086K501JR Datasheet HTML 6Page - Torex Semiconductor XB1086K501JR Datasheet HTML 7Page - Torex Semiconductor XB1086K501JR Datasheet HTML 8Page - Torex Semiconductor XB1086K501JR Datasheet HTML 9Page - Torex Semiconductor XB1086K501JR Datasheet HTML 10Page - Torex Semiconductor XB1086K501JR Datasheet HTML 11Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7/11
XB1086
Series
(1) Output Voltage vs. Output Current
(5) Reference Voltage vs. Ambient Temperature
(3) Dropout Voltage vs. Output Current
(6) Adjust Pin Current vs. Ambient Temperature
(2) Output Voltage vs. Input Voltage
XB1086P331
0
1
2
3
4
5
6
02
46
8
10
Supply Voltage: VIN(V)
Ta=0℃
Ta=25℃
Ta=85℃
CIN=10uF(Tantal)、CL=22uF(Tantal)
(4) Supply Current vs. Input Voltage
XB1086P331
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
02
4
6
8
10
Supply Voltage: VIN(V)
Ta=85℃
Ta=25℃
Ta=0℃
IOUT=10mA
CIN=10uF(Tantal)、CL=22uF(Tantal)
XB1086K12B (VOUT=3.3V)
1.22
1.23
1.24
1.25
1.26
1.27
0
1020
30
4050
60
7080
90
Ambient Temperature: Ta (℃)
VIN=4.9V
CIN=10uF(Tantal)、CL=22uF(Tantal)
XB1086K12B (VOUT=3.3V)
0
20
40
60
80
100
0
1020
3040
5060
70
8090
Ambient Temperature: Ta (℃)
VIN=4.8V
IOUT=10mA
CIN=10uF(Tantal)、CL=22uF(Tantal)
XB1086P331
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0
300
600
900
1200
1500
Output Current: IOUT (mA)
Ta=0℃
Ta=25℃
Ta=85℃
CIN=10uF(Tantal)、CL=22uF(Tantal)
XB1086P331
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
300
600
900
1200
1500
Output Current: IOUT (mA)
Ta=85℃
Ta=25℃
Ta=0℃
VIN=4.9V
CIN=10uF(Tantal)、CL=22uF(Tantal)
■TYPICAL PERFORMANCE CHARACTERISTICS
VIN=4.9V
CIN=10μF (Tantalum), CL=22μF (Tantalum)
IOUT=10mA
CIN=10μF (Tantalum), CL=22μF (Tantalum)
CIN=10μF (Tantalum), CL=22μF (Tantalum)
CIN=10μF (Tantalum), CL=22μF (Tantalum)
VIN=4.9V
CIN=10μF (Tantalum), CL=22μF (Tantalum)
IOUT=10mA
CIN=10μF (Tantalum), CL=22μF (Tantalum)
Input Voltage: VIN (V)
Input Voltage: VIN (V)


Similar Part No. - XB1086K501JR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XB1086K501JR TOREX-XB1086K501JR Datasheet
133Kb / 11P
   1.5A Positive Voltage Regulator
More results

Similar Description - XB1086K501JR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XB1086 TOREX-XB1086_15 Datasheet
178Kb / 11P
   1.5A Poisitive Voltage Regulator
logo
List of Unclassifed Man...
LM7805 ETC-LM7805 Datasheet
175Kb / 6P
   1.5A Positive Voltage Regulator
logo
Torex Semiconductor
XB1086 TOREX-XB1086 Datasheet
133Kb / 11P
   1.5A Positive Voltage Regulator
logo
Gamma Microelectronics ...
GM7800 GAMMA-GM7800_09 Datasheet
176Kb / 11P
   1.5A POSITIVE VOLTAGE REGULATOR
GM7900 GAMMA-GM7900 Datasheet
96Kb / 10P
   1.5A NEGATIVE VOLTAGE REGULATOR
logo
Advanced Monolithic Sys...
AMS1086 ADMOS-AMS1086_08 Datasheet
73Kb / 8P
   1.5A LOW DROPOUT VOLTAGE REGULATOR
logo
HTC Korea TAEJIN Techno...
LM39100 HTC-LM39100_10 Datasheet
348Kb / 11P
   1.5A Very L.D.O Voltage Regulator
logo
Sipex Corporation
SPX2815 SIPEX-SPX2815_06 Datasheet
180Kb / 10P
   1.5A Low Dropout Voltage Regulator
logo
GTM CORPORATION
GJ2148 GTM-GJ2148 Datasheet
424Kb / 5P
   1.5A LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX2815 SIPEX-SPX2815 Datasheet
73Kb / 10P
   1.5A Low Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com