Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA2364AIDGKRG4 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2364AIDGKRG4
Description  1.8V, 7MHz, 90dB CMRR, Single-Supply, Rail-to-Rail I/O Operational Amplifier
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2364AIDGKRG4 Datasheet(HTML) 1 Page - Texas Instruments

  OPA2364AIDGKRG4 Datasheet HTML 1Page - Texas Instruments OPA2364AIDGKRG4 Datasheet HTML 2Page - Texas Instruments OPA2364AIDGKRG4 Datasheet HTML 3Page - Texas Instruments OPA2364AIDGKRG4 Datasheet HTML 4Page - Texas Instruments OPA2364AIDGKRG4 Datasheet HTML 5Page - Texas Instruments OPA2364AIDGKRG4 Datasheet HTML 6Page - Texas Instruments OPA2364AIDGKRG4 Datasheet HTML 7Page - Texas Instruments OPA2364AIDGKRG4 Datasheet HTML 8Page - Texas Instruments OPA2364AIDGKRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
OPA363, OPA2363
OPA364, OPA2364, OPA4364
www.ti.com
SBOS259C – SEPTEMBER 2002 – REVISED MAY 2013
1.8V, 7MHz, 90dB CMRR,
Single-Supply, Rail-to-Rail I/O
Operational Amplifier
Check for Samples: OPA363, OPA2363, OPA364, OPA2364, OPA4364
1
FEATURES
DESCRIPTION
The
OPA363
and
OPA364
families
are
high-
2
1.8V Operation
performance CMOS operational amplifiers optimized
MicroSize Packages
for very low voltage, single-supply operation. These
Bandwidth: 7MHz
miniature, low-cost amplifiers are designed to operate
on single supplies from 1.8V (±0.9V) to 5.5V
CMRR: 90dB (typical)
(±2.75V). Applications include sensor amplification
Slew Rate: 5V/
μs
and signal conditioning in battery-powered systems.
Low Offset: 500
μV (max)
The OPA363 and OPA364 families offer excellent
Quiescent Current: 750
μA/Channel (max)
CMRR
without
the
crossover
associated
with
Shutdown Mode: < 1µA/Channel
traditional complimentary input stages. This results in
excellent performance for driving Analog-to-Digital
(A/D) converters without degradation of differential
APPLICATIONS
linearity and THD. The input commonmode range
Signal Conditioning
includes both the negative and positive supplies. The
Data Acquisition
output voltage swing is within 10mV of the rails.
Process Control
The OPA363 family includes a shutdown mode.
Active Filters
Under logic control, the amplifiers can be switched
from normal operation to a standby current that is
Test Equipment
less than 1
μA.
OPA363
OPA364
OPA2363
OPA2364
OPA4364
The single version is available in the MicroSize
SOT23-5
X
SOT23-5 (SOT23-6 for shutdown) and SO-8. The
SOT23-6
X
dual version is available in MSOP-8, MSOP-10,
MSOP-8
X
UQFN-16. and SO-8 packages. Quad packages are
MSOP-10
X
available in TSSOP-14 and SO-14 packages. All
versions are specified for operation from –40°C to
SO-8
X
X
X
+125°C.
TSSOP-14
X
SO-14
X
UQFN-16
X
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2002–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - OPA2364AIDGKRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2364AIDGKR TI-OPA2364AIDGKR Datasheet
728Kb / 27P
[Old version datasheet]   1.8V, 7MHz, 90dB CMRR, SINGLE-SUPPLY, RAIL-TO-RAIL I/O OPERATIONAL AMPLIFIER
More results

Similar Description - OPA2364AIDGKRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA363 TI-OPA363 Datasheet
728Kb / 27P
[Old version datasheet]   1.8V, 7MHz, 90dB CMRR, SINGLE-SUPPLY, RAIL-TO-RAIL I/O OPERATIONAL AMPLIFIER
OPA364AIDBVRG4 TI-OPA364AIDBVRG4 Datasheet
1Mb / 37P
[Old version datasheet]   Single-Supply, Rail-to-Rail I/O Operational Amplifier
OPA365-EP TI1-OPA365-EP Datasheet
495Kb / 19P
[Old version datasheet]   50-MHz Low-Distortion High-CMRR Rail-to-Rail I/O, Single-Supply Operational Amplifier
OPA2365-Q1 TI1-OPA2365-Q1 Datasheet
886Kb / 26P
[Old version datasheet]   50-MHz Low-Distortion High-CMRR Rail-to-Rail I/O, Single-Supply Operational Amplifier
OPA365-EP TI-OPA365-EP_15 Datasheet
998Kb / 22P
[Old version datasheet]   50-MHz Low-Distortion High-CMRR Rail-to-Rail I/O, Single-Supply Operational Amplifier
OPA365-Q1 TI-OPA365-Q1_15 Datasheet
1,023Kb / 26P
[Old version datasheet]   50-MHz Low-Distortion High-CMRR Rail-to-Rail I/O, Single-Supply Operational Amplifier
OPA4364-Q1 TI1-OPA4364-Q1 Datasheet
590Kb / 21P
[Old version datasheet]   1.8-V, 7-MHz, 90-dB CMRR, SINGLE-SUPPLY, RAIL-TO-RAIL I/O OPERATIONAL AMPLIFIER
logo
SG Micro Corp
SGM8041 SGMICRO-SGM8041 Datasheet
302Kb / 11P
   Single Rail-to-Rail I/O Operational Amplifier
logo
Texas Instruments
OPA743 TI1-OPA743 Datasheet
842Kb / 17P
[Old version datasheet]   12V, 7MHz, CMOS, Rail-to-Rail I/O OPERATIONAL AMPLIFIERS
OPA2743EA TI1-OPA2743EA Datasheet
615Kb / 17P
[Old version datasheet]   12V, 7MHz, CMOS, Rail-to-Rail I/O OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com