Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA551UAE4 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # OPA551UAE4
Description  High-Voltage, High-Current OPERATIONAL AMPLIFIERS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA551UAE4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button OPA551UAE4 Datasheet HTML 7Page - Texas Instruments OPA551UAE4 Datasheet HTML 8Page - Texas Instruments OPA551UAE4 Datasheet HTML 9Page - Texas Instruments OPA551UAE4 Datasheet HTML 10Page - Texas Instruments OPA551UAE4 Datasheet HTML 11Page - Texas Instruments OPA551UAE4 Datasheet HTML 12Page - Texas Instruments OPA551UAE4 Datasheet HTML 13Page - Texas Instruments OPA551UAE4 Datasheet HTML 14Page - Texas Instruments OPA551UAE4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
OPA551, OPA552
11
SBOS100A
www.ti.com
power supplies, this creates an internal dissipation of 11.4W.
This far exceeds the maximum rating and is not recom-
mended. If operation in this region is unavoidable, use the
DDPAK with a heat sink.
HEAT SINKING
Power dissipated in the OPA551 or OPA552 will cause the
junction temperature to rise. For reliable operation, the
junction temperature should be limited to +125
°C. Many
applications will require a heat sink to assure that the
maximum operating junction temperature is not exceeded.
The heat sink required depends on the power dissipated and
on ambient conditions.
For heat sinking purposes, the tab of the DDPAK is typically
soldered directly to a circuit board copper area. Increasing
the copper area improves heat dissipation. Figure 6 shows
typical thermal resistance from junction-to-ambient as a
function of copper area.
Depending on conditions, additional heat sinking may be
required. Aavid Thermal Products Inc. manufactures sur-
face-mountable heat sinks designed specifically for use with
DDPAK packages. Further information is available on
Aavid’s web site, www.aavid.com.
To estimate the margin of safety in a complete design
(including heat sink), increase the ambient temperature until
the thermal protection is activated. Use worst-case load and
signal conditions. For good reliability, the thermal protec-
tion should trigger more than +25
°C above the maximum
expected ambient condition of your application. This pro-
duces a junction temperature of +125
°C at the maximum
expected ambient condition.
FIGURE 5. DDPAK-7 Safe Operating Area.
FIGURE 3. DIP-8 Safe Operating Area.
FIGURE 4. SO-8 Safe Operating Area.
FIGURE 6. DDPAK Thermal Resistance vs Circuit Board
Copper Area.
THERMAL RESISTANCE vs
CIRCUIT BOARD COPPER AREA
50
40
30
20
10
0
012345
Copper Area (inches2)
OPA551, OPA552
Surface-Mount Package
1oz. copper
Circuit Board Copper Area
OPA551, OPA552
Surface-Mount Package
1000
100
10
1
0.1
1
10
100
| V
S | – | VO | (V)
SAFE OPERATING AREA—8-PIN DIP
125
°C
85
°C
25
°C
1000
100
10
1
0.1
1
10
100
| V
S | – | VO | (V)
SAFE OPERATING AREA—SO-8
125
°C
85
°C
25
°C
1000
100
10
1
0.1
1
10
100
| V
S | – | VO | (V)
SAFE OPERATING AREA—DDPAK
125
°C
125
°C
1" Copper
85
°C
25
°C
25
°C
1" Copper


Similar Part No. - OPA551UAE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA551UAE4 TI1-OPA551UAE4 Datasheet
1Mb / 32P
[Old version datasheet]   High-Voltage, High-Current Operational Amplifiers
OPA551UAE4 TI1-OPA551UAE4 Datasheet
1Mb / 32P
[Old version datasheet]   High-Voltage, High-Current Operational Amplifiers
More results

Similar Description - OPA551UAE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA551 TI1-OPA551 Datasheet
1Mb / 32P
[Old version datasheet]   High-Voltage, High-Current Operational Amplifiers
OPA552FAKTWTG3 TI-OPA552FAKTWTG3 Datasheet
1Mb / 24P
[Old version datasheet]   High-Voltage, High-Current OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA551 BURR-BROWN-OPA551 Datasheet
202Kb / 14P
   High-Voltage, High-Current OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA551FAKTWT TI1-OPA551FAKTWT Datasheet
1Mb / 24P
[Old version datasheet]   High-Voltage, High-Current OPERATIONAL AMPLIFIERS
OPA551 TI1-OPA551_16 Datasheet
1Mb / 32P
[Old version datasheet]   High-Voltage, High-Current Operational Amplifiers
logo
Burr-Brown (TI)
3572AM BURR-BROWN-3572AM Datasheet
489Kb / 6P
   High Current - High Power OPERATIONAL AMPLIFIERS
logo
Texas Instruments
3580 TI1-3580 Datasheet
2Mb / 6P
[Old version datasheet]   High Voltage OPERATIONAL AMPLIFIERS
THS3110 TI-THS3110 Datasheet
934Kb / 28P
[Old version datasheet]   LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK, OPERATIONAL AMPLIFIERS
THS3091 TI1-THS3091 Datasheet
770Kb / 45P
[Old version datasheet]   High-voltage, Low-distortion, Current-feedback Operational Amplifiers
THS3095 TI1-THS3095_14 Datasheet
1Mb / 37P
[Old version datasheet]   HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com