Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA376AID Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # OPA376AID
Description  Low-Noise, Low Quiescent Current, Precision Operational Amplifier e-trim Series
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA376AID Datasheet(HTML) 7 Page - Texas Instruments

Back Button OPA376AID Datasheet HTML 3Page - Texas Instruments OPA376AID Datasheet HTML 4Page - Texas Instruments OPA376AID Datasheet HTML 5Page - Texas Instruments OPA376AID Datasheet HTML 6Page - Texas Instruments OPA376AID Datasheet HTML 7Page - Texas Instruments OPA376AID Datasheet HTML 8Page - Texas Instruments OPA376AID Datasheet HTML 9Page - Texas Instruments OPA376AID Datasheet HTML 10Page - Texas Instruments OPA376AID Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
-50
-25
Temperature ( C)
°
150
50
100
0
25
75
125
1000
900
800
700
600
500
400
300
200
100
0
0
3
2
1
0
-1
-2
-3
OutputCurrent(mA)
80
10
60
20
30
40
50
70
+150 C
°
+125 C
°
+25 C
°
-
°
40 C
V = 2.75
S
±
2.0
2.5
1000
900
800
700
600
500
50
40
30
20
10
0
SupplyVoltage(V)
5.5
3.0
3.5
4.0
4.5
5.0
I
SC+
I
Q
-50
-25
75
50
25
0
-25
-50
-75
-100
Temperature( C)
°
150
50
100
0
25
75
125
V = 2.75V
S
±
I
SC+
I
SC-
-50
-25
1000
900
800
700
600
500
Temperature( C)
°
150
50
100
0
25
75
125
-50
-25
110
100
90
80
70
60
50
Temperature( C)
°
150
50
100
0
25
75
125
OPA376
OPA2376
OPA4376
www.ti.com
SBOS406F – JUNE 2007 – REVISED MARCH 2013
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, VS = +5V, RL = 10kΩ connected to VS/2, VCM = VS/2, and VO UT = VS/2, unless otherwise noted.
COMMON-MODE REJECTION RATIO
QUIESCENT CURRENT
vs TEMPERATURE
vs TEMPERATURE
Figure 7.
Figure 8.
QUIESCENT AND SHORT-CIRCUIT CURRENT
SHORT-CIRCUIT CURRENT
vs SUPPLY VOLTAGE
vs TEMPERATURE
Figure 9.
Figure 10.
INPUT BIAS CURRENT vs TEMPERATURE
OUTPUT VOLTAGE vs OUTPUT CURRENT
Figure 11.
Figure 12.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: OPA376 OPA2376 OPA4376


Similar Part No. - OPA376AID

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA376AID BURR-BROWN-OPA376AID Datasheet
786Kb / 23P
   Precision, Low Noise, Low Quiescent Current, Operational Amplifier
logo
Texas Instruments
OPA376AID TI1-OPA376AID Datasheet
3Mb / 68P
[Old version datasheet]   EEG Front-End Performance Demonstration Kit
OPA376AID TI1-OPA376AID Datasheet
1Mb / 42P
[Old version datasheet]   Low-Noise, Low Quiescent Current, Precision Operational Amplifier
logo
Burr-Brown (TI)
OPA376AIDBVR BURR-BROWN-OPA376AIDBVR Datasheet
786Kb / 23P
   Precision, Low Noise, Low Quiescent Current, Operational Amplifier
logo
Texas Instruments
OPA376AIDBVR TI1-OPA376AIDBVR Datasheet
1Mb / 42P
[Old version datasheet]   Low-Noise, Low Quiescent Current, Precision Operational Amplifier
More results

Similar Description - OPA376AID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA376-Q1 TI-OPA376-Q1_15 Datasheet
448Kb / 20P
[Old version datasheet]   Low-Noise, Low Quiescent Current, Precision Operational Amplifier e-trim??Series
OPA376-Q1 TI1-OPA376-Q1 Datasheet
547Kb / 19P
[Old version datasheet]   Low-Noise, Low Quiescent Current, Precision Operational Amplifier e-trim??Series
OPA376 TI-OPA376_15 Datasheet
1Mb / 31P
[Old version datasheet]   Low-Noise, Low Quiescent Current, Precision Operational Amplifier e-trim Series
OPA376-Q1_016 TI1-OPA376-Q1_016 Datasheet
1Mb / 39P
[Old version datasheet]   Low-Noise, Low Quiescent Current, Precision Operational Amplifier e-trim Series
logo
Burr-Brown (TI)
OPA376 BURR-BROWN-OPA376 Datasheet
786Kb / 23P
   Precision, Low Noise, Low Quiescent Current, Operational Amplifier
logo
Diodes Incorporated
AS2376Q DIODES-AS2376Q Datasheet
1Mb / 13P
   LOW-NOISE, LOW QUIESCENT CURRENT, PRECISION OPERATIONAL AMPLIFIER
Rev. 1 - 2 September 2022
AS2376 DIODES-AS2376 Datasheet
1Mb / 13P
   LOW-NOISE, LOW QUIESCENT CURRENT, PRECISION OPERATIONAL AMPLIFIER
September 2022 Rev. 1 - 2
logo
Texas Instruments
OPA376 TI1-OPA376 Datasheet
1Mb / 42P
[Old version datasheet]   Low-Noise, Low Quiescent Current, Precision Operational Amplifier
OPA376-Q1 TI1-OPA376-Q1_16 Datasheet
1Mb / 34P
[Old version datasheet]   Low-Noise, Low Quiescent Current, Precision Operational Amplifier
OPA377-Q1 TI1-OPA377-Q1 Datasheet
978Kb / 26P
[Old version datasheet]   Low-Noise, Low Quiescent Current, Precision Automotive Grade Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com