Electronic Components Datasheet Search |
|
XB1085K331JR-G Datasheet(PDF) 5 Page - Torex Semiconductor |
|
XB1085K331JR-G Datasheet(HTML) 5 Page - Torex Semiconductor |
5 / 11 page 5/11 XB1085 Series PARAMETER SYMBOL CONDITIONS MIN. TYP. MAX. UNIT CIRCUIT VIN-VOUT=3.0V 1.238 1.25 1.262 Reference Voltage VREF IOUT=10mA O.T. (*1) 1.225 - 1.275 V ① 2.85V≦VIN≦10V - 0.015 0.2 Line Regulation ⊿VOUT1 IOUT=10mA O.T. (*1) 0.035 0.2 % ① VIN-VOUT=3.0V - 0.1 0.3 Load Regulation ⊿VOUT2 0mA≦IOUT≦3.0A O.T. (*1) 0.2 0.4 % ① Dropout Voltage Vdif ⊿VOUT=1%, IOUT=3.0A - 1.3 1.5 V ① Limit Current ILIM VIN-VOUT=3.0V 3.2 4.5 - A ① Temperature Stability Ts VIN-VOUT=1.5V IOUT=10mA O.T. (*1) - 0.5 - % - Minimum Output Current IOUTmin VIN=10V O.T. (*1) - 3 10 mA ① Adjust Voltage Pin Current IADJ VIN=4.25V, IOUT=10mA O.T. (*1) - 55 120 μA ① XB1085K12BJ Tj= 25℃ unless otherwise specified ■ELECTRICAL CHARACTERISTICS (Continued) Note: *1: O.T. denotes the specifications which apply over the operating junction Temperature range (0℃ ≦ Tj ≦125 OC). Please be sure that the power consumption does not exceed the power dissipation rating, 1300mW. If the power consumption exceeds the power dissipation rating and the operating junction temperature rises more than the rating, 125 OC, the IC enters thermal shutdown state. |
Similar Part No. - XB1085K331JR-G |
|
Similar Description - XB1085K331JR-G |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |