Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XB1086P251JR-G Datasheet(PDF) 9 Page - Torex Semiconductor

Part # XB1086P251JR-G
Description  1.5A Poisitive Voltage Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XB1086P251JR-G Datasheet(HTML) 9 Page - Torex Semiconductor

Back Button XB1086P251JR-G Datasheet HTML 3Page - Torex Semiconductor XB1086P251JR-G Datasheet HTML 4Page - Torex Semiconductor XB1086P251JR-G Datasheet HTML 5Page - Torex Semiconductor XB1086P251JR-G Datasheet HTML 6Page - Torex Semiconductor XB1086P251JR-G Datasheet HTML 7Page - Torex Semiconductor XB1086P251JR-G Datasheet HTML 8Page - Torex Semiconductor XB1086P251JR-G Datasheet HTML 9Page - Torex Semiconductor XB1086P251JR-G Datasheet HTML 10Page - Torex Semiconductor XB1086P251JR-G Datasheet HTML 11Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9/11
XB1086
Series
■ PACKAGING INFORMATION
●TO-252
(2.29)
(2.29)
4.94-5.50
BOTTOM VIEW
0.64-0.89
0.64-0.89
0.64-0.89
0.46-0.61
4.32 MIN
6.35-6.75
UNIT: mm


Similar Part No. - XB1086P251JR-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XB1086P251JR TOREX-XB1086P251JR Datasheet
133Kb / 11P
   1.5A Positive Voltage Regulator
More results

Similar Description - XB1086P251JR-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XB1086 TOREX-XB1086_15 Datasheet
178Kb / 11P
   1.5A Poisitive Voltage Regulator
logo
List of Unclassifed Man...
LM7805 ETC-LM7805 Datasheet
175Kb / 6P
   1.5A Positive Voltage Regulator
logo
Torex Semiconductor
XB1086 TOREX-XB1086 Datasheet
133Kb / 11P
   1.5A Positive Voltage Regulator
logo
Gamma Microelectronics ...
GM7800 GAMMA-GM7800_09 Datasheet
176Kb / 11P
   1.5A POSITIVE VOLTAGE REGULATOR
GM7900 GAMMA-GM7900 Datasheet
96Kb / 10P
   1.5A NEGATIVE VOLTAGE REGULATOR
logo
Advanced Monolithic Sys...
AMS1086 ADMOS-AMS1086_08 Datasheet
73Kb / 8P
   1.5A LOW DROPOUT VOLTAGE REGULATOR
logo
HTC Korea TAEJIN Techno...
LM39100 HTC-LM39100_10 Datasheet
348Kb / 11P
   1.5A Very L.D.O Voltage Regulator
logo
Sipex Corporation
SPX2815 SIPEX-SPX2815_06 Datasheet
180Kb / 10P
   1.5A Low Dropout Voltage Regulator
logo
GTM CORPORATION
GJ2148 GTM-GJ2148 Datasheet
424Kb / 5P
   1.5A LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX2815 SIPEX-SPX2815 Datasheet
73Kb / 10P
   1.5A Low Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com