Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA379AIDCKTG4 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # OPA379AIDCKTG4
Description  1.8V, 2.9mA, 90kHz, Rail-to-Rail I/O PERATIONAL AMPLIFIERS
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA379AIDCKTG4 Datasheet(HTML) 1 Page - Texas Instruments

  OPA379AIDCKTG4 Datasheet HTML 1Page - Texas Instruments OPA379AIDCKTG4 Datasheet HTML 2Page - Texas Instruments OPA379AIDCKTG4 Datasheet HTML 3Page - Texas Instruments OPA379AIDCKTG4 Datasheet HTML 4Page - Texas Instruments OPA379AIDCKTG4 Datasheet HTML 5Page - Texas Instruments OPA379AIDCKTG4 Datasheet HTML 6Page - Texas Instruments OPA379AIDCKTG4 Datasheet HTML 7Page - Texas Instruments OPA379AIDCKTG4 Datasheet HTML 8Page - Texas Instruments OPA379AIDCKTG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
OP
A379
OP
A2379
OP
A4379
1
FEATURES
DESCRIPTION
APPLICATIONS
V
S
V
S
C
1
C
2
R
B
REF
C
S
W
R
L
R
F
R
1
R
1
1/2
OPA2379
V
OUT
1/2
OPA2379
OPA379
OPA2379
OPA4379
www.ti.com ................................................................................................................................................... SBOS347D – NOVEMBER 2005 – REVISED MAY 2008
1.8V, 2.9
µA, 90kHz, Rail-to-Rail I/O
OPERATIONAL AMPLIFIERS
2
• LOW NOISE: 2.8µV
PP (0.1Hz - 10Hz)
The OPA379 family of micropower, low-voltage
• microPower: 5.5µA (max)
operational amplifiers is designed for battery-powered
• LOW OFFSET VOLTAGE: 1.5mV (max)
applications. These amplifiers operate on a supply
• DC PRECISION:
voltage as low as 1.8V (±0.9V). High-performance,
single-supply
operation
with
rail-to-rail
capability
CMRR: 100dB
(10
µV max) makes the OPA379 family useful for a
PSRR: 2
µV/V
wide range of applications.
AOL: 120dB
In addition to microSize packages, the OPA379 family
• WIDE SUPPLY VOLTAGE RANGE: 1.8V to 5.5V
of op amps features impressive bandwidth (90kHz),
• microSize PACKAGES:
low bias current (5pA), and low noise (80nV/
√Hz)
relative to the very low quiescent current (5.5
µA
SC70-5, SOT23-5, SOT23-8, SO-8, TSSOP-14
max).
The
OPA379
(single)
is
available
in
SC70-5,
SOT23-5, and SO-8 packages. The OPA2379 (dual)
• BATTERY-POWERED INSTRUMENTS
comes
in
SOT23-8
and
SO-8
packages.
The
• PORTABLE DEVICES
OPA4379 (quad) is offered in a TSSOP-14 package.
• MEDICAL INSTRUMENTS
All versions are specified from –40
°C to +125°C.
• HANDHELD TEST EQUIPMENT
xxx
xxx
xxx
xxx
xxx
xxx
xxx
Table 1. OPAx379 RELATED PRODUCTS
FEATURES
PRODUCT
1
µA, 70kHz, 2mV V
OS, 1.8V to 5.5V Supply
OPAx349
1
µA, 5.5kHz, 390µV V
OS, 2.5V to 16V Supply
TLV240x
1
µA, 5.5kHz, 0.6mV V
OS, 2.5V to 12V Supply
TLV224x
7
µA, 160kHz, 0.5mV V
OS, 2.7V to 16V Supply
TLV27Lx
7
µA, 160kHz, 0.5mV V
OS, 2.7V to 16V Supply
TLV238x
20
µA, 350kHz, 2mV V
OS, 2.3V to 5.5V Supply
OPAx347
20
µA, 500kHz, 550µV V
OS, 1.8V to 3.6V Supply
TLV276x
45
µA, 1MHz, 1mV V
OS, 2.1V to 5.5V Supply
OPAx348
Figure 1. OPA2379 in Portable Gas Meter
Application
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - OPA379AIDCKTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA379AIDCKTG4 TI-OPA379AIDCKTG4 Datasheet
1Mb / 29P
[Old version datasheet]   1.8V, 2.9mA, 90kHz, Rail-to-Rail I/O RATIONAL AMPLIFIERS
OPA379AIDCKTG4 TI-OPA379AIDCKTG4 Datasheet
1Mb / 29P
[Old version datasheet]   18V 29mA90kHz, Rail-to-Rail I/O ATIONAL AMPLIFIERS
More results

Similar Description - OPA379AIDCKTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA379AIDBV TI-OPA379AIDBV Datasheet
1Mb / 29P
[Old version datasheet]   1.8V, 2.9mA, 90kHz, Rail-to-Rail I/O RATIONAL AMPLIFIERS
OPA379AIDBVR TI1-OPA379AIDBVR Datasheet
1Mb / 29P
[Old version datasheet]   1.8V, 2.9mA, 90kHz, Rail-to-Rail I/O OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA379 BURR-BROWN-OPA379 Datasheet
237Kb / 12P
   1.8V, 2.9uA, 90kHz, Rail-to-Rail I/O OPERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8049-1 SGMICRO-SGM8049-1 Datasheet
716Kb / 19P
   Rail-to-Rail I/O Operational Amplifiers
SGM8624 SGMICRO-SGM8624_15 Datasheet
525Kb / 19P
   Rail-to-Rail I/O CMOS Operational Amplifiers
SGM8631 SGMICRO-SGM8631_15 Datasheet
537Kb / 20P
   Rail-to-Rail I/O CMOS Operational Amplifiers
logo
Burr-Brown (TI)
OPA703 BURR-BROWN-OPA703_08 Datasheet
509Kb / 18P
   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA2703EA-2K5G4 TI-OPA2703EA-2K5G4 Datasheet
894Kb / 19P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8634 SGMICRO-SGM8634_15 Datasheet
537Kb / 20P
   Rail-to-Rail I/O CMOS Operational Amplifiers
SGM8621 SGMICRO-SGM8621_16 Datasheet
1Mb / 20P
   Rail-to-Rail I/O CMOS Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com