Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDSOD323-T05S Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # CDSOD323-T05S
Description  CDSOD323-TxxSC - TVS Diode Series
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CDSOD323-T05S Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  CDSOD323-T05S Datasheet HTML 1Page - Bourns Electronic Solutions CDSOD323-T05S Datasheet HTML 2Page - Bourns Electronic Solutions CDSOD323-T05S Datasheet HTML 3Page - Bourns Electronic Solutions CDSOD323-T05S Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Features
Lead free as standard*
ESD protection 30 kV max.
Surge protection >24 A
Protects 1 line
Uni/bidirectional configuration
Applications
Computer notebooks
Cellular phones
Personal Digital Assistants (PDAs)
Digital cameras
Electrical & Thermal Characteristics (@ TA = 25 °C Unless Otherwise Noted)
CDSOD323-TxxSC - TVS Diode Series
*No lead detected in standard tests of homogeneous materials.
**RoHS Directive 2002/95/EC Jan 27, 2003 including Annex.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Notes:
1. Part numbers with suffix “C” indicate bidirectional device, i.e. CDSOD323-T05SC.
2. For bidirectional devices only, the electrical specifications apply in both directions.
General Information
The markets of portable communications, computing and video equipment are
challenging the semiconductor industry to develop increasingly smaller electronic
components.
Bourns offers Transient Voltage Suppressor Diodes for surge and ESD protection
applications in SOD323 package size format. The Transient Voltage Suppressor series
offers a choice of voltage types ranging from 3 V to 36 V in a unidirectional or
bidirectional configuration.
Bourns® Chip Diodes conform to JEDEC standards, are easy to handle on standard
pick and place equipment and their flat configuration minimizes roll away. The Bourns®
device meets IEC 61000-4-2 (ESD), IEC 61000-4-4 (EFT) and IEC 61000-4-5 (Surge)
requirements.
Parameter
Symbol
Value
Unit
Unidirectional Peak Pulse Power (tp = 8/20 µs)
PPP
500
W
Bidirectional Peak Pulse Power (tp = 8/20 µs)
PPP
400
W
Operating Temperature
TL
-55 to +150
ºC
Storage Temperature
TSTG
-55 to +150
ºC
ESD Protection (per IEC 61000-4-2)
Contact - Min.
Contact - Max.
Air - Min.
Air - Max.
ESD
±8
±30
±15
±30
kV
Parameter
Symbol
CDSOD323-
Unit
Uni-
T03S
Bi-
T03SC
Uni-
T05S
Bi-
T05SC
Uni-
T08S
Bi-
T08SC
Uni-
T12S
Bi-
T12SC
Min. Breakdown Voltage @ 1 mA
VBR
4.0
4.0
6.0
6.0
8.5
8.5
13.3
13.3
V
Working Peak Voltage
VM
3.3
3.3
5.0
5.0
8.0
8.0
12.0
12.0
V
Maximum Clamping Voltage @ IP = 1 A
VF
7.0
8.0
9.8
9.8
13.4
13.4
19.0
19.0
V
Typical Clamping Voltage
@ 8/20 µs @ IPP
VC
10.9 V
@ 43 A
10.9 V
@ 43 A
13.5 V
@ 42 A
14.5 V
@ 28 A
16.9 V
@ 34 A
18.5 V
@ 17 A
25.9 V
@ 21 A
29.5 V
@ 14 A
V
Maximum Leakage Current @ VWM
ID
125
125
10
10
10
10
1
1
µA
Typical Capacitance @ 0 V, 1 MHz
CP
500
200
350
175
250
150
150
50
pF
1
2
UNIDIRECTIONAL
1
2
BIDIRECTIONAL


Similar Part No. - CDSOD323-T05S

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CDSOD323-T05S-Q BOURNS-CDSOD323-T05S-Q Datasheet
174Kb / 4P
   CDSOD323-T05S-Q - TVS Diode Series
09/19
More results

Similar Description - CDSOD323-T05S

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CDSOD323-TXXLC BOURNS-CDSOD323-TXXLC Datasheet
285Kb / 4P
   CDSOD323-TxxLC - TVS Diode Series
CDSOD323-T12L BOURNS-CDSOD323-T12L Datasheet
285Kb / 4P
   CDSOD323-TxxLC - TVS Diode Series
CDSOD323-T05LC BOURNS-CDSOD323-T05LC Datasheet
285Kb / 4P
   CDSOD323-TxxLC TVS Diode Series
CDSOD323-T03C BOURNS-CDSOD323-T03C Datasheet
322Kb / 4P
   CDSOD323-TxxC - TVS Diode Array Series
CDSOD323-TXXC BOURNS-CDSOD323-TXXC Datasheet
192Kb / 5P
   CDSOD323-TxxC - TVS Diode Array Series
REV. 09/19
CDSOD323-T05S-Q BOURNS-CDSOD323-T05S-Q Datasheet
174Kb / 4P
   CDSOD323-T05S-Q - TVS Diode Series
09/19
CDSOD323-T24C-DSLQ BOURNS-CDSOD323-T24C-DSLQ Datasheet
182Kb / 5P
   CDSOD323-T24C-DSLQ - TVS Diode Series
CDSOD323-T12C-DSL BOURNS-CDSOD323-T12C-DSL Datasheet
280Kb / 4P
   TVS Diode Series
CDSOD323-T12C-DSLQ BOURNS-CDSOD323-T12C-DSLQ Datasheet
389Kb / 4P
   TVS Diode Series
CDSOD323-TXXC-DSL BOURNS-CDSOD323-TXXC-DSL Datasheet
280Kb / 4P
   TVS Diode Series
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com