Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM1802DB Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1802DB
Description  SINGLE-ENDED ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM1802DB Datasheet(HTML) 11 Page - Texas Instruments

Back Button PCM1802DB Datasheet HTML 7Page - Texas Instruments PCM1802DB Datasheet HTML 8Page - Texas Instruments PCM1802DB Datasheet HTML 9Page - Texas Instruments PCM1802DB Datasheet HTML 10Page - Texas Instruments PCM1802DB Datasheet HTML 11Page - Texas Instruments PCM1802DB Datasheet HTML 12Page - Texas Instruments PCM1802DB Datasheet HTML 13Page - Texas Instruments PCM1802DB Datasheet HTML 14Page - Texas Instruments PCM1802DB Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
www.ti.com
PRINCIPLES OF OPERATION
Single-End
/Differential
Converter
BCK
VINL
Reference
Single-End
/Differential
Converter
VREF1
VREF2
VINR
5th Order
Delta-Sigma
Modulator
5th Order
Delta-Sigma
Modulator
×1/64 (×1/128)
Decimation
Filter
with
High-Pass Filter
Power Supply
AGND
VCC
VDD
DGND
Clock and Timing Control
Serial
Interface
Mode/
Format
Control
LRCK
FSYNC
DOUT
FMT0
FMT1
MODE0
MODE1
BYPAS
OSR
PDWN
SCKI
B0004-07
PCM1802
SLES023C – DECEMBER 2001 – REVISED JANUARY 2005
The PCM1802 consists of a reference circuit, two channels of single-ended-to-differential converter, a fifth-order
delta-sigma modulator with full differential architecture, a decimation filter with high-pass filter, and a serial
interface circuit. Figure 19 illustrates the total architecture of the PCM1802, Figure 20 illustrates the architecture
of single-ended-to-differential converter and antialiasing filter, and Figure 21 is the block diagram of the fifth-order
delta-sigma modulator and transfer function. An on-chip high-precision reference with one external capacitor
provides all reference voltages that are needed in the PCM1802 and defines the full-scale voltage range for both
channels. On-chip single-ended-to-differential signal converters save the design, space, and extra parts cost for
external signal converters. Full-differential architecture provides a wide dynamic range and excellent
power-supply rejection performance. The input signal is sampled at a
×64 or ×128 oversampling rate, thus
eliminating an external sample-hold amplifier. A fifth-order delta-sigma noise shaper, which consists of five
integrators using the switched capacitor technique and a comparator, shapes the quantization noise generated
by the comparator and 1-bit DAC outside of the audio signal band. The high-order delta-sigma modulation
randomizes the modulator outputs and reduces the idle tone level. The 64-fS or 128-fS, 1-bit stream from the
delta-sigma modulator is converted to a 1-fS, 24-bit or 20-bit digital signal by removing high-frequency noise
components with a decimation filter. The dc component of the signal is removed by the HPF, and the HPF output
is converted to a time-multiplexed serial signal through the serial interface, which provides flexible serial formats.
Figure 19. Block Diagram
11


Similar Part No. - PCM1802DB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1802DB TI-PCM1802DB Datasheet
360Kb / 24P
[Old version datasheet]   SINGLE-ENDED ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
PCM1802DBR TI-PCM1802DBR Datasheet
360Kb / 24P
[Old version datasheet]   SINGLE-ENDED ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
More results

Similar Description - PCM1802DB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1803A TI-PCM1803A Datasheet
228Kb / 22P
[Old version datasheet]   SINGLE-ENDED, ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
PCM1802 TI-PCM1802 Datasheet
360Kb / 24P
[Old version datasheet]   SINGLE-ENDED ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
PCM1808-Q1 TI-PCM1808-Q1_15 Datasheet
578Kb / 28P
[Old version datasheet]   SINGLE-ENDED, ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
PCM1803 TI-PCM1803 Datasheet
320Kb / 20P
[Old version datasheet]   SINGLE-ENDED, ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
logo
Burr-Brown (TI)
PCM1808 BURR-BROWN-PCM1808 Datasheet
229Kb / 23P
   SINGLE-ENDED, ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
PCM1807 BURR-BROWN-PCM1807 Datasheet
426Kb / 29P
   Single-Ended, Analog-Input 24-Bit, 96-kHz Stereo A/D Converter
logo
Texas Instruments
PCM1808-Q1 TI1-PCM1808-Q1 Datasheet
611Kb / 27P
[Old version datasheet]   SINGLE-ENDED, ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
PCM1803A TI-PCM1803A_15 Datasheet
362Kb / 25P
[Old version datasheet]   SINGLE-ENDED, ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
PCM1808 TI-PCM1808_15 Datasheet
955Kb / 30P
[Old version datasheet]   PCM1808 Single-Ended, Analog-Input 24-Bit, 96-kHz Stereo ADC
logo
Cirrus Logic
CS5333 CIRRUS-CS5333 Datasheet
375Kb / 20P
   24-Bit, 96 kHz Stereo A/D Converter?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com