Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCI1420ZHK Datasheet(PDF) 3 Page - Texas Instruments

Part # PCI1420ZHK
Description  PC Card Controllers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCI1420ZHK Datasheet(HTML) 3 Page - Texas Instruments

  PCI1420ZHK Datasheet HTML 1Page - Texas Instruments PCI1420ZHK Datasheet HTML 2Page - Texas Instruments PCI1420ZHK Datasheet HTML 3Page - Texas Instruments PCI1420ZHK Datasheet HTML 4Page - Texas Instruments PCI1420ZHK Datasheet HTML 5Page - Texas Instruments PCI1420ZHK Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
PCI1420GHK
NRND
BGA MI
CROSTA
R
GHK
209
90
TBD
SNPB
Level-3-220C-168 HR
PCI1420PDV
NRND
LQFP
PDV
208
36
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
PCI1420PDVG4
NRND
LQFP
PDV
208
36
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
PCI1420ZHK
NRND
BGA MI
CROSTA
R
ZHK
209
90
Green (RoHS &
no Sb/Br)
SNAGCU
Level-3-260C-168 HR
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and
package, or 2) lead-based die adhesive used between the die and leadframe. The component is otherwise considered Pb-Free (RoHS
compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
15-Apr-2009
Addendum-Page 1


Similar Part No. - PCI1420ZHK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCI1420 TI-PCI1420 Datasheet
532Kb / 137P
[Old version datasheet]   PC Card Controllers
More results

Similar Description - PCI1420ZHK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCI1420 TI-PCI1420 Datasheet
532Kb / 137P
[Old version datasheet]   PC Card Controllers
PCI1211 TI-PCI1211 Datasheet
1Mb / 130P
[Old version datasheet]   PC CARD CONTROLLERS
PCI1450 TI-PCI1450 Datasheet
1Mb / 132P
[Old version datasheet]   PC Card Controllers
PCI1520 TI-PCI1520 Datasheet
745Kb / 138P
[Old version datasheet]   PC CARD CONTROLLERS
PCI1225 TI-PCI1225 Datasheet
1Mb / 131P
[Old version datasheet]   PC CARD CONTROLLERS
PCI1520GHK TI-PCI1520GHK Datasheet
716Kb / 139P
[Old version datasheet]   PC Card Controllers
PCI1510RGVF TI1-PCI1510RGVF Datasheet
58Kb / 4P
[Old version datasheet]   PC Card Controllers
PCI1410 TI-PCI1410 Datasheet
606Kb / 145P
[Old version datasheet]   PC CARD CONTROLLERS
PCI1520-EP TI1-PCI1520-EP Datasheet
779Kb / 138P
[Old version datasheet]   PC Card Controllers
PCI1510 TI-PCI1510 Datasheet
735Kb / 128P
[Old version datasheet]   PC CARD CONTROLLERS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com