Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM5101APWR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # PCM5101APWR
Description  112/106/100dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM5101APWR Datasheet(HTML) 4 Page - Texas Instruments

  PCM5101APWR Datasheet HTML 1Page - Texas Instruments PCM5101APWR Datasheet HTML 2Page - Texas Instruments PCM5101APWR Datasheet HTML 3Page - Texas Instruments PCM5101APWR Datasheet HTML 4Page - Texas Instruments PCM5101APWR Datasheet HTML 5Page - Texas Instruments PCM5101APWR Datasheet HTML 6Page - Texas Instruments PCM5101APWR Datasheet HTML 7Page - Texas Instruments PCM5101APWR Datasheet HTML 8Page - Texas Instruments PCM5101APWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
PCM5100A, PCM5101A, PCM5102A
SLAS859A – MAY 2012 – REVISED SEPTEMBER 2012
www.ti.com
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range (unless otherwise noted)
VALUE
UNIT
AVDD, CPVDD, DVDD
–0.3 to 3.9
Supply Voltage
LDOO wtih DVDD at 1.8V (See Figure 40 and Figure 42)
–0.3 to 2.25
DVDD at 1.8V
–0.3 to 2.25
V
Digital Input Voltage
DVDD at 3.3V
–0.3 to 3.9
Analog Input Voltage
–0.3 to 3.9
Operating Temperature Range
–25 to 85
°C
Storage Temperature Range
–65 to 150
THERMAL CHARACTERISTICS
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
θJA
Theta JA
High K
91.2
ψJT
Psi JT
1.0
ψJB
Psi JB
41.5
ºC/W
θJC
Theta JC
Top
25.3
θJB
Theta JB
42.0
ELECTRICAL CHARACTERISTICS
All specifications at TA = 25°C, AVDD = CPVDD = DVDD = 3.3V, fS = 48kHz, system clock = 512 fS and 24-bit data unless
otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Resolution
16
24
32
Bits
Data Format (PCM Mode)
Audio data interface format
I2S, left justified
Audio data bit length
16, 24, 32-bit acceptable
Audio data format
MSB First, 2’s Complement
fS
(1)
Sampling frequency
8
384
kHz
System clock frequency
64, 128, 192, 256, 384, 512, 768, 1024, 1152, 1536, 2048, or
3072
fSCK, up to 50Mhz
Digital Input/Output
Logic Family: 3.3V LVCMOS compatible
VIH
0.7×DVDD
Input logic level
V
VIL
0.3×DVDD
IIH
VIN = VDD
10
Input logic current
µA
IIL
VIN = 0V
–10
VOH
IOH = –4mA
0.8×DVDD
Output logic level
V
VOL
IOL = 4mA
0.22×DVDD
Logic Family 1.8V LVCMOS compatible
VIH
0.7×DVDD
Input logic level
V
VIL
0.3×DVDD
IIH
VIN = VDD
10
Input logic current
µA
IIL
VIN = 0V
–10
VOH
IOH = –2mA
0.8×DVDD
Output logic level
V
VOL
IOL = 2mA
0.22×DVDD
(1)
One sample time si defined as the reciprocal of the sampling frequency. 1tS = 1/fS
4
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: PCM5100A PCM5101A PCM5102A


Similar Part No. - PCM5101APWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM5101APWR TI1-PCM5101APWR Datasheet
1Mb / 42P
[Old version datasheet]   Audio Stereo DAC
More results

Similar Description - PCM5101APWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM5100A TI1-PCM5100A Datasheet
793Kb / 32P
[Old version datasheet]   2VRMS DirectPath?? 112/106/100dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PCM5102-Q1 TI1-PCM5102-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   2VRMS DirectPath?? 112/106/100dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PCM5100 TI1-PCM5100 Datasheet
795Kb / 31P
[Old version datasheet]   2VRMS DirectPath, 112/106/100dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
MAY2011
PCM5141 TI1-PCM5141_14 Datasheet
2Mb / 111P
[Old version datasheet]   2VRMS DirectPath?? 112/106dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PCM5121 TI1-PCM5121 Datasheet
2Mb / 107P
[Old version datasheet]   2VRMS DirectPath?? 112/106dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PCM5121 TI1-PCM5121_14 Datasheet
2Mb / 108P
[Old version datasheet]   2VRMS DirectPath?? 112/106dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PCM5141 TI1-PCM5141 Datasheet
2Mb / 110P
[Old version datasheet]   2VRMS DirectPath?? 112/106dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PCM5100 TI1-PCM5100_15 Datasheet
1Mb / 35P
[Old version datasheet]   384kHz PCM Interface
logo
ESS Technology,Inc
ES9018K2M ESS-ES9018K2M Datasheet
65Kb / 2P
   32-bit Stereo Mobile Audio DAC
logo
Texas Instruments
PCM5242 TI-PCM5242_15 Datasheet
2Mb / 128P
[Old version datasheet]   PCM5242 4.2-VRMS DirectPath?? 114-dB Audio Stereo Differential-Output DAC with 32-bit, 384-kHz PCM Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com