Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA234E250 Datasheet(PDF) 8 Page - Texas Instruments

Part # OPA234E250
Description  Low-Power, Precision SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA234E250 Datasheet(HTML) 8 Page - Texas Instruments

Back Button OPA234E250 Datasheet HTML 4Page - Texas Instruments OPA234E250 Datasheet HTML 5Page - Texas Instruments OPA234E250 Datasheet HTML 6Page - Texas Instruments OPA234E250 Datasheet HTML 7Page - Texas Instruments OPA234E250 Datasheet HTML 8Page - Texas Instruments OPA234E250 Datasheet HTML 9Page - Texas Instruments OPA234E250 Datasheet HTML 10Page - Texas Instruments OPA234E250 Datasheet HTML 11Page - Texas Instruments OPA234E250 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
OPA234, OPA2234, OPA4234
8
SBOS055B
www.ti.com
TYPICAL CHARACTERISTIC CURVES (Cont.)
At TA = +25°C and RL = 10kΩ, unless otherwise noted.
LARGE-SIGNAL STEP RESPONSE
G = 1, C
L = 100pF, VS = +5V
10µs/div
SMALL-SIGNAL STEP RESPONSE
G = 1, C
L = 10,000pF, VS = +5V
20µs/div
OUTPUT VOLTAGE SWING vs OUTPUT CURRENT
V+
(V+) –0.5
(V+) –1.0
(V+) –1.5
(V+) –2.0
(V+) –2.5
(V+) –3.0
(V–) +3.0
(V–) +2.5
(V–) +2.0
(V–) +1.5
(V–) +1.0
(V–) +0.5
V–
0
±5
±10
125
°C
85
°C
25
°C
±15
Output Current (mA)
–55
°C
–55
°C
–40
°C
25
°C
85
°C
125
°C
–40
°C
High output current may
not be available at low
supply voltages due to
output swing limitations.
SMALL-SIGNAL OVERSHOOT
vs LOAD CAPACITANCE
70
60
50
40
30
20
10
0
10pF
100pF
1nF
10nF
100nF
Load Capacitance
G = –1,
G = +2
G = +1,
V
S = +2.7, +5V
G = +1,
V
S = ±15V
G = ±10
G = –2
V
O = 100mVp-p
SMALL-SIGNAL STEP RESPONSE
G = 1, C
L = 100pF, VS = +5V
2µs/div
SETTLING TIME vs CLOSED-LOOP GAIN
Gain (V/V)
1000
100
10
1
±1
±10
±100
V
S = ±15V,
10V Step
V
S = +2.7V,
1V Step
C
L = 100pF
0.1%
0.01%
V
S = +5V,
3V Step


Similar Part No. - OPA234E250

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA234E BURR-BROWN-OPA234E Datasheet
2Mb / 18P
   Low Power, Precision SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
OPA234E BURR-BROWN-OPA234E Datasheet
671Kb / 19P
   Low-Power, Precision SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
OPA234E/250 BURR-BROWN-OPA234E/250 Datasheet
2Mb / 18P
   Low Power, Precision SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA234E/250 TI1-OPA234E/250 Datasheet
1Mb / 23P
[Old version datasheet]   Low-Power, Precision SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA234E/250E4 BURR-BROWN-OPA234E/250E4 Datasheet
2Mb / 18P
   Low Power, Precision SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA234E250

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA234 TI1-OPA234 Datasheet
1Mb / 23P
[Old version datasheet]   Low-Power, Precision SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA234 BURR-BROWN-OPA234 Datasheet
2Mb / 18P
   Low Power, Precision SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA2234M TI1-OPA2234M Datasheet
964Kb / 19P
[Old version datasheet]   LOW-POWER, PRECISION SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA234 BURR-BROWN-OPA234 Datasheet
671Kb / 19P
   Low-Power, Precision SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA2234M TI-OPA2234M_15 Datasheet
928Kb / 20P
[Old version datasheet]   LOW-POWER, PRECISION SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
logo
Analog Devices
OP727 AD-OP727_15 Datasheet
211Kb / 16P
   Precision Micropower Single-Supply Operational Amplifiers
OP777 AD-OP777_V01 Datasheet
210Kb / 16P
   Precision Micropower Single-Supply Operational Amplifiers
REV.D
logo
ON Semiconductor
MC33171 ONSEMI-MC33171 Datasheet
217Kb / 12P
   Low Power, Single Supply Operational Amplifiers
1996 REV 0
logo
Analog Devices
OP747 AD-OP747_15 Datasheet
211Kb / 16P
   Precision Micropower Single-Supply Operational Amplifiers
OP727ARZ AD-OP727ARZ Datasheet
177Kb / 16P
   Precision Micropower Single-Supply Operational Amplifiers
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com