Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA4376AIPWR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # OPA4376AIPWR
Description  Low-Noise, Low Quiescent Current, Precision Operational Amplifier e-trim Series
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA4376AIPWR Datasheet(HTML) 1 Page - Texas Instruments

  OPA4376AIPWR Datasheet HTML 1Page - Texas Instruments OPA4376AIPWR Datasheet HTML 2Page - Texas Instruments OPA4376AIPWR Datasheet HTML 3Page - Texas Instruments OPA4376AIPWR Datasheet HTML 4Page - Texas Instruments OPA4376AIPWR Datasheet HTML 5Page - Texas Instruments OPA4376AIPWR Datasheet HTML 6Page - Texas Instruments OPA4376AIPWR Datasheet HTML 7Page - Texas Instruments OPA4376AIPWR Datasheet HTML 8Page - Texas Instruments OPA4376AIPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
1
10
100
10
1
Frequency(Hz)
100k
100
1k
10k
INPUTVOLTAGENOISESPECTRALDENSITY
OffsetVoltage( V)
m
OFFSETVOLTAGEPRODUCTIONDISTRIBUTION
OP
A376
OP
A2376
OP
A4376
OPA376
OPA2376
OPA4376
www.ti.com
SBOS406F – JUNE 2007 – REVISED MARCH 2013
Low-Noise, Low Quiescent Current,
Precision Operational Amplifier
e-trim™ Series
Check for Samples: OPA376, OPA2376, OPA4376
1
FEATURES
DESCRIPTION
The OPA376 family represent a new generation of
23
LOW NOISE: 7.5nV/
√Hz at 1kHz
low-noise operational amplifiers with e-trim, offering
0.1Hz TO 10Hz NOISE: 0.8
μVPP
outstanding dc precision and ac performance. Rail-to-
QUIESCENT CURRENT: 760
μA (typ)
rail input and output, low offset (25
μV max), low noise
(7.5nV/
√Hz), quiescent current of 950μA max, and a
LOW OFFSET VOLTAGE: 5
μV (typ)
5.5MHz bandwidth make this part very attractive for a
GAIN BANDWIDTH PRODUCT: 5.5MHz
variety of precision and portable applications. In
RAIL-TO-RAIL INPUT AND OUTPUT
addition, this device has a reasonably wide supply
range with excellent PSRR, making it attractive for
SINGLE-SUPPLY OPERATION
applications that run directly from batteries without
SUPPLY VOLTAGE: 2.2V to 5.5V
regulation.
SPACE-SAVING PACKAGES:
The
OPA376
(single
version)
is
available
in
SC-70, SOT23, WCSP, MSOP, TSSOP
MicroSIZE SC70-5, SOT23-5, and SO-8 packages.
The OPA2376 (dual) is offered in the WCSP-8,
APPLICATIONS
MSOP-8, and SO-8 packages. The OPA4376 (quad)
is offered in a TSSOP-14 package. All versions are
ADC BUFFER
specified for operation from –40°C to +125°C.
AUDIO EQUIPMENT
MEDICAL INSTRUMENTATION
HANDHELD TEST EQUIPMENT
ACTIVE FILTERING
SENSOR SIGNAL CONDITIONING
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
e-trim, NanoStar, NanoFree are trademarks of Texas Instruments Incorporated.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - OPA4376AIPWR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA4376AIPWR BURR-BROWN-OPA4376AIPWR Datasheet
786Kb / 23P
   Precision, Low Noise, Low Quiescent Current, Operational Amplifier
logo
Texas Instruments
OPA4376AIPWR TI1-OPA4376AIPWR Datasheet
1Mb / 42P
[Old version datasheet]   Low-Noise, Low Quiescent Current, Precision Operational Amplifier
logo
Burr-Brown (TI)
OPA4376AIPWRG4 BURR-BROWN-OPA4376AIPWRG4 Datasheet
786Kb / 23P
   Precision, Low Noise, Low Quiescent Current, Operational Amplifier
logo
Texas Instruments
OPA4376AIPWRG4 TI1-OPA4376AIPWRG4 Datasheet
1Mb / 42P
[Old version datasheet]   Low-Noise, Low Quiescent Current, Precision Operational Amplifier
More results

Similar Description - OPA4376AIPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA376-Q1 TI-OPA376-Q1_15 Datasheet
448Kb / 20P
[Old version datasheet]   Low-Noise, Low Quiescent Current, Precision Operational Amplifier e-trim??Series
OPA376-Q1 TI1-OPA376-Q1 Datasheet
547Kb / 19P
[Old version datasheet]   Low-Noise, Low Quiescent Current, Precision Operational Amplifier e-trim??Series
OPA376 TI-OPA376_15 Datasheet
1Mb / 31P
[Old version datasheet]   Low-Noise, Low Quiescent Current, Precision Operational Amplifier e-trim Series
OPA376-Q1_016 TI1-OPA376-Q1_016 Datasheet
1Mb / 39P
[Old version datasheet]   Low-Noise, Low Quiescent Current, Precision Operational Amplifier e-trim Series
logo
Burr-Brown (TI)
OPA376 BURR-BROWN-OPA376 Datasheet
786Kb / 23P
   Precision, Low Noise, Low Quiescent Current, Operational Amplifier
logo
Diodes Incorporated
AS2376Q DIODES-AS2376Q Datasheet
1Mb / 13P
   LOW-NOISE, LOW QUIESCENT CURRENT, PRECISION OPERATIONAL AMPLIFIER
Rev. 1 - 2 September 2022
AS2376 DIODES-AS2376 Datasheet
1Mb / 13P
   LOW-NOISE, LOW QUIESCENT CURRENT, PRECISION OPERATIONAL AMPLIFIER
September 2022 Rev. 1 - 2
logo
Texas Instruments
OPA376 TI1-OPA376 Datasheet
1Mb / 42P
[Old version datasheet]   Low-Noise, Low Quiescent Current, Precision Operational Amplifier
OPA376-Q1 TI1-OPA376-Q1_16 Datasheet
1Mb / 34P
[Old version datasheet]   Low-Noise, Low Quiescent Current, Precision Operational Amplifier
OPA377-Q1 TI1-OPA377-Q1 Datasheet
978Kb / 26P
[Old version datasheet]   Low-Noise, Low Quiescent Current, Precision Automotive Grade Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com