Electronic Components Datasheet Search |
|
REF5010IDGKT Datasheet(PDF) 1 Page - Texas Instruments |
|
|
REF5010IDGKT Datasheet(HTML) 1 Page - Texas Instruments |
1 / 28 page ADS8326 REF5040 REF V OUT GND +IN - IN V IN +5V OPA365 Input Signal 0V to 4V +5V +5V V DD GND C BYPASS 1 F m R 1 50W C 1 1.2nF C 2 22 F m 1 2 3 4 8 7 6 5 DNC (1) NC (2) TRIM/NR DNC (1) V IN TEMP GND V OUT REF50xx SO-8, MSOP-8 (1) DNC = Do not connect. (2) NC = No internal connection. NOTES: REF5010, REF5020 REF5025, REF5030 REF5040, REF5045, REF5050 www.ti.com SBOS410E – JUNE 2007 – REVISED JUNE 2010 Low-Noise, Very Low Drift, Precision VOLTAGE REFERENCE Check for Samples: REF5010, REF5020, REF5025, REF5030, REF5040, REF5045, REF5050 1 FEATURES DESCRIPTION 2 • LOW TEMPERATURE DRIFT: The REF50xx is a family of low-noise, low-drift, very high precision voltage references. These references – High-Grade: 3ppm/°C (max) are capable of both sinking and sourcing, and are – Standard-Grade: 8ppm/°C (max) very robust with regard to line and load changes. • HIGH ACCURACY: Excellent temperature drift (3ppm/°C) and high – High-Grade: 0.05% (max) accuracy (0.05%) are achieved using proprietary – Standard-Grade: 0.1% (max) design techniques. These features, combined with very low noise, make the REF50xx family ideal for • LOW NOISE: 3mVPP/V use in high-precision data acquisition systems. • EXCELLENT LONG-TERM STABILITY: Each reference voltage is available in both standard- – 5ppm/1000hr (typ) after 1000 hours and high-grade versions. They are offered in MSOP-8 • HIGH OUTPUT CURRENT: ±10mA and SO-8 packages, and are specified from –40°C to • TEMPERATURE RANGE: –40°C to +125°C +125°C. APPLICATIONS REF50xx Family • 16-BIT DATA ACQUISITION SYSTEMS MODEL OUTPUT VOLTAGE • ATE EQUIPMENT REF5020 2.048V • INDUSTRIAL PROCESS CONTROL REF5025 2.5V REF5030 3.0V • MEDICAL INSTRUMENTATION REF5040 4.096V • OPTICAL CONTROL SYSTEMS REF5045 4.5V • PRECISION INSTRUMENTATION REF5050 5.0V REF5010 10.0V 1 Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. 2 All trademarks are the property of their respective owners. PRODUCTION DATA information is current as of publication date. Copyright © 2007–2010, Texas Instruments Incorporated Products conform to specifications per the terms of the Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. |
Similar Part No. - REF5010IDGKT |
|
Similar Description - REF5010IDGKT |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |