Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XB1117P331FR-G Datasheet(PDF) 8 Page - Torex Semiconductor

Part # XB1117P331FR-G
Description  1A Low Dropout Positive Voltage Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XB1117P331FR-G Datasheet(HTML) 8 Page - Torex Semiconductor

Back Button XB1117P331FR-G Datasheet HTML 4Page - Torex Semiconductor XB1117P331FR-G Datasheet HTML 5Page - Torex Semiconductor XB1117P331FR-G Datasheet HTML 6Page - Torex Semiconductor XB1117P331FR-G Datasheet HTML 7Page - Torex Semiconductor XB1117P331FR-G Datasheet HTML 8Page - Torex Semiconductor XB1117P331FR-G Datasheet HTML 9Page - Torex Semiconductor XB1117P331FR-G Datasheet HTML 10Page - Torex Semiconductor XB1117P331FR-G Datasheet HTML 11Page - Torex Semiconductor XB1117P331FR-G Datasheet HTML 12Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8/12
XB1117 Series
3. Thermal protection
XB1117 series has thermal protection which limits junction temperature to 150
℃. However, device functionally is only
guaranteed to a maximum junction temperature of + 125
℃. The power dissipation and junction temperature for the XB1117
series are given by;
PD=(VIN-VOUT) x IOUT
TJ=TA+(PD
×θJA)
NOTE
:TJ must not exceed 125℃.
4. Current limit protection
XB1117 series is protected against overload conditions. Current protection is triggered at 1.5A (TYP.).
5. Thermal consideration
The XB1117 series contain thermal limiting circuitry designed to protect itself from over-temperature conditions.
Even for
normal load conditions, maximum junction temperature ratings must not be exceeded.
As mentioned in thermal protection
section, we need to consider all sources of thermal resistance between junction and ambient.
It includes junction-to-case,
case-to-heat-sink interface and heat sink thermal resistance itself.
Junction-to-case thermal resistance is specified from the IC junction to the bottom of the case directly below the die. Proper
mounting is required to ensure the best possible thermal flow from this area of the package to the heat sink. The case of all
devices in this product series is electrically connected to the output. Therefore, if the case of the device is not electrically
isolated, a thermally conductive spacer is recommended.
■APPLICATION CIRCUITS
●Adjustable Output Voltage
■OPERATIONAL EXPLANATION (Continued)


Similar Part No. - XB1117P331FR-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XB1117P331FR TOREX-XB1117P331FR Datasheet
447Kb / 10P
   1A Low Dropout Positive Voltage Regulator
XB1117P331FR TOREX-XB1117P331FR Datasheet
684Kb / 13P
   1A Low Dropout Positive Voltage Regulator
More results

Similar Description - XB1117P331FR-G

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LM2940 UTC-LM2940 Datasheet
154Kb / 11P
   1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Cystech Electonics Corp...
LM1117-XXXJ3 CYSTEKEC-LM1117-XXXJ3 Datasheet
309Kb / 5P
   1A Low Dropout Positive Voltage Regulator
logo
Torex Semiconductor
XB1117-12 TOREX-XB1117-12 Datasheet
183Kb / 12P
   1A Low Dropout Positive Voltage Regulator
logo
Cystech Electonics Corp...
LM1117-1.5L3 CYSTEKEC-LM1117-1.5L3 Datasheet
391Kb / 8P
   1A Low Dropout Positive Voltage Regulator
LM1117-XXXL3 CYSTEKEC-LM1117-XXXL3 Datasheet
427Kb / 8P
   1A Low Dropout Positive Voltage Regulator
logo
Unisonic Technologies
LM2940 UTC-LM2940_V01 Datasheet
539Kb / 12P
   1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS1117BCW12 TSC-TS1117BCW12 Datasheet
247Kb / 7P
   1A Low Dropout Positive Voltage Regulator
logo
E-Tech Electronics LTD
LM2940 ETL-LM2940 Datasheet
369Kb / 12P
   1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Torex Semiconductor
XB1117 TOREX-XB1117_15 Datasheet
183Kb / 12P
   1A Low Dropout Positive Voltage Regulator
logo
E-CMOS Corporation
EC50117S E-CMOS-EC50117S Datasheet
548Kb / 8P
   1A Low Dropout Positive Voltage Regulator
logo
Hi-Sincerity Mocroelect...
H1117E HSMC-H1117E Datasheet
44Kb / 4P
   1A LOW DROPOUT POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com